Part Number Hot Search : 
S0400 BXXXF AC1501 EPS13D2 RT3J1 PDR3G N4751 MB85R
Product Description
Full Text Search
 

To Download 2SA1659 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1659 2SA1659A
DESCRIPTION With TO-220F package Complement to type 2SC4370/4370A High transition frequency fT APPLICATIONS High voltage applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL PARAMETER 2SA1659 VCBO Collector-base voltage 2SA1659A 2SA1659 VCEO Collector-emitter voltage 2SA1659A VEBO IC IB PC Tj Tstg Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25ae Open collector Open base -180 -5 -1.5 -0.15 20 150 -55~150 ae ae V A A W Open emitter -180 -160 V CONDITIONS VALUE -160 V UNIT
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SA1659 V(BR)CEO Collector-emitter breakdown voltage 2SA1659A VCEsat VBE ICBO IEBO hFE fT COB Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance IC=-0.5A;IB=-50mA IC=-0.5A ; VCE=-5V VCB=-160V;IE=0 VEB=-5V; IC=0 IC=-0.1A ; VCE=-5V IC=-0.1A ; VCE=-10V IE=0 ; VCB=-10V;f=1MHz IC=10mA ; IB=0 CONDITIONS
2SA1659 2SA1659A
SYMBOL
MIN -160
TYP.
MAX
UNIT
V -180 -1.5 -1.0 -1 -1 70 100 30 240 MHz pF |I |I V V A A
hFE classifications O 70-140 Y 120-240
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1659 2SA1659A
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA1659

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X