Part Number Hot Search : 
ST6208C 1N5447C SB104 BU2458 319209A A1040 001444 SM6T150A
Product Description
Full Text Search
 

To Download 2SA1658 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1658
DESCRIPTION With TO-220F package Complement to type 2SC4369 Good linearity of hFE APPLICATIONS For general purpose applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -30 -30 -5 -3 -0.3 15 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SA1658
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-10mA ; IB=0
-30
V
VCEsat
Collector-emitter saturation voltage
IC=-2A ;IB=-0.2A
-0.3
-0.8
V
VBE
Base-emitter on voltage
IC=-0.5A ; VCE=-2V
-0.75
-1.0
V
ICBO
Collector cut-off current
VCB=-20V; IE=0
-1.0
|I
A
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
|I
A
hFE-1
DC current gain
IC=-0.5A ; VCE=-2V
70
240
hFE-2
DC current gain
IC=-2.5A ; VCE=-2V
25
COB
Output capacitance
IE=0 ; VCB=-10V;f=1MHz
40
pF
fT
Transition frequency
IC=-0.5A ; VCE=-2V
100
MHz
hFE-1 Classifications O 70-140 Y 120-240
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1658
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA1658

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X