Part Number Hot Search : 
TC124E SM101 FAM3D50J C8051 LTC23 WE301M BL12864J FN4854
Product Description
Full Text Search
 

To Download 2N3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3904
TRANSISTOR(NPN)
PRODUCT SUMMARY
TO-92 Plastic-Encapsulate Transistors
TO-92
FEATURES
NPN silicon epitaxial planar transistor for switching and Amplifier applications As complementary type, the PNP transistor 2N3906 is Recommended This transistor is also available in the SOT-23 case with the type designation MMBT3904
1. EMITTER
2. BASE
3. COLLECTOR
123
MAXIMUM RATINGS (TA=25 oC unless otherwise noted)
Symbol VCBO VCEO VEBO IC PC TJ Tstg Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Power Dissipation Junction Temperature Storage Temperature Value 60 40 6 0.2 0.625 150 -55-150 Units V V V A W
03/17/2008 Rev.1.00
www.SiliconStandard.com
1
2N3904
ELECTRICAL CHARACTERISTICS
(Tamb=25 C unless otherwise specified)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off Collector cut-off Emitter cut-off current current current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE1 DC current gain hFE2 hFE3 Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Delay Time Rise Time Storage Time Fall Time VCE(sat) VBE(sat) fT td tr ts tf Test conditions MIN 60 40 6 0.1 0.1 0.1 100 60 30 0.3 0.95 300 35 35 200 50 V V MHZ ns ns ns ns 400 TYP MAX UNIT V V V A A A
o
IC=10A, IE=0 IC= 1mA , IB=0 IE= 10A, IC=0 VCB=60V, IE=0 VCE= 40V, IB=0 VEB= 5V, IC=0 VCE=1V, VCE=1V, VCE=1V, IC=10mA IC=50mA IC=100mA
IC=50mA, IB=5mA IC=50mA, IB=5mA VCE=20V,IC=10mA,f=100MHz VCC=3V,VBE=0.5V, IC=10mA,IB1=1mA VCC=3V, IC=10mA IB1=IB2=1mA
CLASSIFICATION
Rank Range
OF
hFE1
O 100-200 Y 200-300 G 300-400
03/17/2008 Rev.1.00
www.SiliconStandard.com
2
2N3904
TYPICAL CHARACTERISTICS
03/17/2008 Rev.1.00
www.SiliconStandard.com
3
2N3904
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
03/17/2008 Rev.1.00
www.SiliconStandard.com
4


▲Up To Search▲   

 
Price & Availability of 2N3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X