Part Number Hot Search : 
10182 SP6MAT QTLP630C 2SC57 14201 101EF 71704 NTE23
Product Description
Full Text Search
 

To Download 1N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N60 THRU 1N60P
SMALL SIGNAL SCHOTTKY DIODE
Reverse Voltage - 40 to 45 Volts Forward Current - 0.03 / 0.05 Ampere
FEATURES
Metal-on-silicon junction, majority carrier conduction High current capability, Low forward voltage drop Extremely low reverse current Ir Ultra speed switching characteristics Small temperature coefficient of forward characteristics Satisfactory Wave detection efficiency For use in RECORDER TV RADIO TELEPHONE as detectors, super high speed switching c rcuits, small current rectifier

DO-35
0.5
0.1
Case: DO-35 glass case Polarity : Color band denotes cathode end Mounting Position : Any Weight : 0.13 grams
All Dimensions in mm
ABSOLUTE RATINGS(LIMITING VALUES)
Value
26 1
MECHANICAL DATA
1.8
3.8 0.2
0.2
26 1
Symblos
Parameters
Repetitive Peak Reverse Voltage Forward Continuous Current Peak Forward Surge Current(t=1S) Storage and junction Temperature Range Maximum Lead Temperature for Soldering during 10S at 4mm from Case TA =25 C
Units
1N60P 45 50 400
1N60 40 30 150 -65 to+125 230
VRRM
IF
IFSM TSTG /T J TL
Volts mA mA
C C
ELECTRICAL CHARACTERISTICS
Value
Symblos
Parameters
Test Conditions
IF=1mA 1N60 1N60P 1N60 1N60P 1N60 1N60P 1N60 1N60P
Min.
Typ. 0.32 0.24 0.65 0.65 1.0 5.0 2.0
Max. 0.5 0.5 1.0 1.0 5.0 10.0
Units
Volts
VF IR CJ trr R JA
Forward Voltage Reverse Current Junction Capacitance Detection Efficiency(See diagram 4) Reverse Recovery time Junction Ambient Thermal Resistance
IF=30mA IF=200mA VR=15V VR=1V f=1MHz VR=10V f=1MHz
A pF
6.0
60
VI=3V f=30MHz CL=10pF RL=3.8k IF=IR=1mA Irr=1mA Rc=100
1 400
ns C /W
1N60 THRU 1N60P
RATINGS AND CHARACTERISTIC CURVES
1N60
FIG. 1-FORWARD CURRENT VERSUS FORWARD VOLTAGE (TYPICAL VALUES)
1N60P
FIG. 1-FORWARD CURRENT VERSUS FORWARD VOLTAGE (TYPICAL VALUES)
100
500
INSTANTANEOUS FORWARD CURRENT,MILLiAMPERES
INSTANTANEOUS FORWARD CURRENT,MILLAMPERES
80
400
60
300
40
200
20
100
0
0
0.2
0.4
0.6
0.8
1.0V
0
0
0.2
0.4
0.6
0.8
1.0V
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
FIG. 2-REVERSE CURRENT VERSUS CONTINUOUS REVERSE VOLTAGE
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.40 1.20 1.00 0.80 0.60 0.40 0.20 0 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
FIG. 2-REVERSE CURRENT VERSUS CONTINUOUS REVERSE VOLTAGE
0
5
10
15
20
25
30V
REVERSE VOLTAGE,VOLTS
0
5
10
15
20
25
30V
REVERSE VOLTAGE,VOLTS
FIG. 3-JUNCTION CAPACITANCE VERSUS CONTINOUS REVERSE APPLIED VOLTAGE
4.0 20
FIG. 3-JUNCTION CAPACITANCE VERSUS CONTINOUS REVERSE APPLIED VOLTAGE
JUNCTION CAPACITANCE, pF
JUNCTION CAPACITANCE, pF
18 16 14 12 10 8 6 0
3.0
2.0
1.0
0
0
1
2
3
4
5
6V
0
1
2
3
4
5
6V
REVERSE VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS


▲Up To Search▲   

 
Price & Availability of 1N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X