Part Number Hot Search : 
SQJ463EP 63000 FT2000AA C3317 200BZC C3317 VMAXEA FGH40N60
Product Description
Full Text Search
 

To Download 1N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Reverse Voltage - 40 to 45 Volts
DO-35(GLASS)
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
1N60 THRU 1N60P
Forward Current - 0.03/0.05 Amperes
1.0 2(26.0) MIN. 0.079(2.0) MAX
Fast switching for high efficiency Low reverse leakage High forward surge current capability High temperature soldering guaranteed 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
0.165 (4.2) MAX
MECHANICAL DATA
1.0 2(26.0) MIN. 0.018(0.45) TYP
Dimensions in inches and (millimeters)
Case: DO-35 glass case Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.005 ounce, 0.14 grams
ABSOLUTE RATINGS
Parameters Repetitive peak reverse voltage Forward continuous current TA=25 C Peak forward surge current(t=1s) Storage and junction temperature range Maximum lead tenperature for soldering during 10s at 4mm from case SYMBOLS VRRM IF IFSM TJ,TSTG TL Value 1N60P 1N60 45 40 50 30 500 150 -65 to +125 230 UNITS V mA mA C C
ELECTRICAL CHARACTERISTICS
Parameters SYMBOLS Test conditions 1N60 1N60P IF=30mA 1N60 IF=200mA 1N60P 1N60 VR=15V 1N60P VR=1V f=1MHz 1N60 VR=10V f=1MHz 1N60P VI=3V f =30MHz CL=10pF RL=3.8K IF=IR=10mA Irr=1mA RC=100 IF=1mA Min. Value Typ. 0.32 0.24 0.65 0.65 0.1 0.5 2.0 6.0 60 400 Max. 0.5 0.5 1.0 1.0 0.5 1.0 UNITS V
Forward voltage
VF
Reverse current Junction capacitance Detection efficiency Reverse recovery time Thermal resistance, junction to ambient
IR CJ trr RJA
A pF
1
% ns C/W
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES 1N60 THRU 1N60P 1N60
FIG. 1-FORWARD CURRENT VERSUS FORWARD VOLTAGE (TYPICAL VALUES)
1N60P
FIG. 1-FORWARD CURRENT VERSUS FORWARD VOLTAGE (TYPICAL VALUES)
INSTANTANEOUS FORWARD CURRENT,MILLiAMPERES
100
INSTANTANEOUS FORWARD CURRENT,MILLAMPERES
500
80
400
60
300
40
200
20
100
0
0
0.2
0.4
0.6
0.8
1.0V
0
0
0.2
0.4
0.6
0.8
1.0V
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
FIG. 2-REVERSE CURRENT VERSUS CONTINUOUS REVERSE VOLTAGE
1.40 1.20 1.00 0.80 0.60 0.40 0.20 0
FIG. 2-REVERSE CURRENT VERSUS CONTINUOUS REVERSE VOLTAGE
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
0
5
10
15
20
25
30V
REVERSE VOLTAGE,VOLTS
0
5
10
15
20
25
30V
REVERSE VOLTAGE,VOLTS
FIG. 3-JUNCTION CAPACITANCE VERSUS CONTINOUS REVERSE APPLIED VOLTAGE
FIG. 3-JUNCTION CAPACITANCE VERSUS CONTINOUS REVERSE APPLIED VOLTAGE
JUNCTION CAPACITANCE, pF
JUNCTION CAPACITANCE, pF
4.0
20 18 16 14 12 10 8 6 0
3.0
2.0
1.0
0
0
1
2
3
4
5
6V
0
1
2
3
4
5
6V
REVERSE VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of 1N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X