Part Number Hot Search : 
AN302 MC340 BL1085 2N3262 60300 BL1085 BL1085 2N3262
Product Description
Full Text Search
 

To Download 1N5937BUR-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5913BUR-1 thru 1N5956BUR-1 (or MLL5913B thru MLL5956B)
SCOTTSDALE DIVISION
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
DESCRIPTION This surface mountable 1.5 W Zener diode series in the JEDEC DO-213AB package is similar in electrical features to the JEDEC registered 1N5913B thru 1N5956B axial-leaded package for 3.3 to 200 V. It is an ideal selection for applications of high density and low parasitic requirements. Due to its glass hermetic qualities and metallurgically enhanced internal contacts, it may also be used for high reliability applications when required by a source control drawing (SCD) or screening in accordance with MIL-PRF-19500 as described in Features below. Zener voltage tolerance options are identified by part number suffix including tight-tolerance. A variety of other Zener product offerings and packages are available by Microsemi to meet higher or lower power and test current applications.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW . Microsemi .C OM
DO-213AB
FEATURES
* * * Electrically similar to the JEDEC registered 1N5913B thru 1N5956B zener series Zener voltages available 3.3V to 200V Options for screening in accordance with MIL-PRF19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers, e.g. MX1N5913BUR-1, MV1N5923CUR-1, MSP1N5952DUR-1, etc. Surface mount equivalents also available as SMBJ5913B to SMBJ5956B, SMBG5913B to SMBG5956B, SMAJ5913B to SMAJ5956B, or as 1PMT5913B to 1PMT5956B (see separate data sheets) Plastic body axial-leaded Zener equivalents are also available as 1N5913BP to 1N5956BP (see separate data sheet)
APPLICATIONS / BENEFITS
* Regulates voltage over a broad operating current and temperature range * Wide selection from 3.3 to 200 V * Leadless package for surface mounting * Ideal for high density mounting * Metallurgically enhanced internal contact design for greater reliability and lower thermal resistance * Standard voltage tolerances are +/- 5% with B suffix and 10 % with A suffix identification * Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively * Nonsensitive to ESD * Hermetically sealed glass package * Specified capacitance (see Figure 2) * Inherently radiation hard as described in Microsemi MicroNote 050
*
*
MAXIMUM RATINGS
* * * Power dissipation at 25 C: 1.5 watts (also see derating in Figure 1). Operating and Storage temperature: -65C to +175C Thermal Resistance: 40 C/W junction to end cap, or 120C/W junction to ambient when mounted on FR4 PC board (1 oz Cu) with recommended footprint (see last page) Steady-State Power: 1.50 watts at TEC < 115oC, or 1.25 watts at TA = 25C when mounted on FR4 PC board and recommended footprint as described for thermal resistance (also see Figure 1) Forward voltage @200 mA: 1.2 volts (maximum) Solder Temperatures: 260 C for 10 s (max)
MECHANICAL AND PACKAGING
* CASE: Hermetically sealed DO-213AB glass MELF package * TERMINALS: End caps, tin-lead plated solderable per MIL-STD-750, method 2026 * POLARITY: Cathode indicated by band. Diode to be operated with the banded end positive with respect to the opposite end for Zener regulation * MARKING: Cathode band only * TAPE & REEL optional: Standard per EIA-481-B with 12 mm tape, 1500 per 7 inch reel or 5000 per 13 inch reel (add "TR" suffix to part number) * WEIGHT: 0.05 grams * See package dimensions on last page
1N5913BUR-1-1N5956BUR-1
*
* *
Copyright 2005 1-04-2005 REV D
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N5913BUR-1 thru 1N5956BUR-1 (or MLL5913B thru MLL5956B)
SCOTTSDALE DIVISION
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
ELECTRICAL CHARACTERISTICS @ TEC = 25oC unless otherwise noted*
MICROSEMI PART NUMBER (Note 1 &4) ZENER VOLTAGE VZ (Note 2) Volts 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 TEST CURRENT IZT DYNAMIC IMPEDANCE ZZT (Note 3) Ohms 10 9.0 7.5 6.0 5.0 4.0 2.0 2.0 2.5 3.0 3.5 4.0 4.5 5.5 6.5 7.0 9.0 10 12 14 17.5 19 23 28 33 38 45 53 67 70 86 100 120 140 160 200 250 300 380 450 600 700 900 1200 KNEE CURRENT IZK mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 KNEE IMPEDANCE ZZK (Note 3) Ohms 500 500 500 500 500 350 250 200 200 400 400 500 500 550 550 550 600 600 650 650 650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000 3100 4000 4500 5000 6000 6500 7000 8000 REVERSE CURRENT IR Adc 100 75 25 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 REVERSE VOLTAGE VR Volts 1.0 1.0 1.0 1.0 1.5 2.0 3.0 4.0 5.2 6.0 6.5 7.0 8.0 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.2 56.0 62.2 69.2 76.0 83.6 91.2 98.9 114.0 121.6 136.8 152.0 MAX. DC CURRENT IZM mA 454 416 384 348 319 294 267 241 220 200 182 164 150 136 125 115 100 93 83 75 68 62 55 50 45 41 38 34 31 29 26 24 22 20 18 16 15 13 12 11 10 9 8 7
WWW . Microsemi .C OM
mA 1N5913BUR-1 113.6 1N5914BUR-1 104.2 1N5915BUR-1 96.1 1N5916BUR-1 87.2 1N5917BUR-1 79.8 1N5918BUR-1 73.5 1N5919BUR-1 66.9 1N5920BUR-1 60.5 1N5921BUR-1 55.1 1N5922BUR-1 50.0 1N5923BUR-1 45.7 1N5924BUR-1 41.2 1N5925BUR-1 37.5 1N5926BUR-1 34.1 1N5927BUR-1 31.2 1N5928BUR-1 28.8 1N5929BUR-1 25.0 1N5930BUR-1 23.4 1N5931BUR-1 20.8 1N5932BUR-1 18.7 1N5933BUR-1 17.0 1N5934BUR-1 15.6 1N5935BUR-1 13.9 1N5936BUR-1 12.5 1N5937BUR-1 11.4 1N5938BUR-1 10.4 1N5939BUR-1 9.6 1N5940BUR-1 8.7 1N5941BUR-1 8.0 1N5942BUR-1 7.3 1N5943BUR-1 6.7 1N5944BUR-1 6.0 1N5945BUR-1 5.5 1N5946BUR-1 5.0 1N5947BUR-1 4.6 1N5948BUR-1 4.1 1N5949BUR-1 3.7 1N5950BUR-1 3.4 1N5951BUR-1 3.1 1N5952BUR-1 2.9 1N5953BUR-1 2.5 1N5954BUR-1 2.3 1N5955BUR-1 2.1 1N5956BUR-1 1.9 * TEC Maintained at 30oC, VF = 1.2V max @ IF = 200 mA (all types).
NOTE 1:
1N5913BUR-1-1N5956BUR-1
No suffix indicates a +/-20% tolerance on nominal VZ. The suffix A denotes +/-10%, the standard suffix B denotes +/-5%, C denotes +/-2%, and D denotes +/-1% tolerance. Zener voltage (VZ) is measured at end cap temperatures TEC = 30oC. Voltage measurement to be performed 90 seconds after application of dc current. The zener impedance is derived from the 60 Hz ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. This product series has also been previously identified as the MLL5913B thru MLL5956B series that included the enhanced metallurgical bond. This alternate name may still be used.
NOTE 2: NOTE 3: NOTE 4:
Copyright 2005 1-04-2005 REV D
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N5913BUR-1 thru 1N5956BUR-1 (or MLL5913B thru MLL5956B)
SCOTTSDALE DIVISION
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
GRAPHS
WWW . Microsemi .C OM
STEADY-STATE POWER DERATING
PD Power Dissipation (WATTS)
TEC
TA
Temperature (oC) FIGURE 1
Power Derating Curve Where TEC is End Cap Temp and TA is Ambient Temperature on FR4 PC board.
FIGURE 2
PACKAGE DIMENSIONS 1N5913BUR-1-1N5956BUR-1
DIM A B C
INCHES MIN MAX 0.094 0.105 0.189 0.205 0.016 0.022
MILLIMETERS MIN MAX 2.39 2.66 4.80 5.20 0.41 0.55
PAD LAYOUT
A B C INCHES .276 0.070 0.110 mm 7.00 1.8 2.8 Page 3
Copyright 2005 1-04-2005 REV D
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


▲Up To Search▲   

 
Price & Availability of 1N5937BUR-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X