Part Number Hot Search : 
15020 74466300 MOC8108 SW50N06T M25GZ51 IV1224SA CSNE251 ISL6526A
Product Description
Full Text Search
 

To Download 1628360000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 7.50 / 7.62 mm (0.295 / 0.300 inch) | Plug connectors, solder connection, pitch 7.50/7.62 | SL 7.50-7.62/90 | SL 7.50/90
General ordering data Order No. Part designation Version EAN Qty. System parameters Fitted to PCB Outgoing elbow Pitch Pitch in inch No. of poles Solder pin length Can be coded No. of rows No. of solder pins per pole Dia. of fitting hole Fitting hole tolerance L1 in mm L1 in inch Insulation resistance
1628360000 SL 7.50/2/90 3.2SN OR PCB plug-in connector, Male connectors, Soldered connection, Pitch: 7.50 mm, No. of poles: 2, 90, Box 4008190201166 100 pc(s). Soldered connection 90 7.5 mm 0.295 inch 2 3.2 mm Yes 1 1 1.3 mm + 0.1 mm 7.5 mm 0.295 inch 1 M
-1-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 7.50 / 7.62 mm (0.295 / 0.300 inch) | Plug connectors, solder connection, pitch 7.50/7.62 | SL 7.50-7.62/90 | SL 7.50/90
System parameters Electric shock protection to DIN VDE 0470 Material data Insulating material Colour colour chart Insulating material group Flammability class UL 94 CTI Contact base material Contact surface Constant operating temp., min. Constant operating temp., max. Storage temperature, min. Storage temperature, max. Max. relative humidity during storage DIN IEC rating data Rated current, min. No. pins (Tu=20C) Rated current, max. No. pins (Tu=20C) Rated current, min. No. pins(Tu=40C) Rated current, max. No. pins (Tu=40C) Rated voltage for overvoltage class/pollution severity III/3 Rated impulse withstand voltage for overvoltage class/pollution severity III/3 Rated voltage for overvoltage class/pollution severity III/2 Rated impulse withstand voltage for overvoltage class/pollution severity III/2 Rated voltage for overvoltage class/pollution severity II/2 Rated impulse withstand voltage for overvoltage class/pollution severity II/2 Short-time withstand current resistance CSA rating data Rated voltage (Use group D) Rated current (Use group D) UL 1059 rating data Rated voltage (Use group D) Rated current (Use group D)
Safe from finger touch, plugged PBT orange Similar to RAL 2000 IIIa V-0 >= 200 CuSn tinned -25 C 100 C -25 C 55 C 80 % 18.5 A 17 A 16 A 14.5 A 500 V 6 kV 630 V 6 kV 800 V 6 kV 3 x 1s with 120 A 300 V 10 A 300 V 10 A
-2-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 7.50 / 7.62 mm (0.295 / 0.300 inch) | Plug connectors, solder connection, pitch 7.50/7.62 | SL 7.50-7.62/90 | SL 7.50/90
Approvals Approvals institutes
Downloads CAD Library (P-CAD Format - Standard) Classifications ETIM 2.0 ETIM 3.0 eClass 4.1 eClass 5.0 eClass 5.1
SL.LIB NK EC001284 27-26-07-01 27-26-07-01 27-26-07-04
Similar products Order No. 1628370000 1628380000 1628390000 1628400000 1628410000 1628420000 1628430000 1628440000 1628450000 1628460000 Part designation SL 7.50/3/90 3.2SN OR SL 7.50/4/90 3.2SN OR SL 7.50/5/90 3.2SN OR SL 7.50/6/90 3.2SN OR SL 7.50/7/90 3.2SN OR SL 7.50/8/90 3.2SN OR SL 7.50/9/90 3.2SN OR SL 7.50/10/90 3.2SN OR SL 7.50/11/90 3.2SN OR SL 7.50/12/90 3.2SN OR Version PCB plug-in connector, Male connectors, Soldered connection, Pitch: 7.50 mm, No. of poles: 3, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 7.50 mm, No. of poles: 4, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 7.50 mm, No. of poles: 5, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 7.50 mm, No. of poles: 6, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 7.50 mm, No. of poles: 7, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 7.50 mm, No. of poles: 8, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 7.50 mm, No. of poles: 9, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 7.50 mm, No. of poles: 10, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 7.50 mm, No. of poles: 11, 90, Box PCB plug-in connector, Male connectors, Soldered connection, Pitch: 7.50 mm, No. of poles: 12, 90, Box
-3-


▲Up To Search▲   

 
Price & Availability of 1628360000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X