Part Number Hot Search : 
PA424 MMSZ5234 FB4110 49F002 2750060 LTC1666 LC66562B FN3158
Product Description
Full Text Search
 

To Download 131P474X01K0S02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 131P
Vishay Sprague
Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
FEATURES
* * * * * Suggested replacement for Type 196P Moderate cost Small size High peak current ratings High corona starting voltage
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 65C to + 125C. Capacitance Range: 0.01F to 0.47F. Capacitance Tolerance: 20%, 10%, 5%, 2%. Voltage Rating: 600 WVDC to 1000 WVDC. Dissipation Factor: 1.0% maximum. Voltage Test: 200% of rated DC voltage for 2 minutes. Insulation Resistance: At + 25C: 20,000 Megohm Microfarads or 30,000 Megohm minimum. At + 125C: 20 Megohm - Microfarads or 250 Megohm minimum. Capacitance Change with Temperature: At - 65C, - 10% typical. At + 125C, + 10% typical.
DC Life Test: 140% of rated voltage for 250 hours @ + 125C. No open or short circuits. No visible damage. Maximum Capacitance Change: 5%. Minimum IR = 60% of initial limit. Maximum DF = 1.0%. Moisture Resistance: MIL-STD-202, Method 106E, 10 cycles. No visible damage. Maximum Capacitance Change: 3%. Minimum IR = 60% of initial limit. Maximum DF = 1.2%. Thermal Shock and Immersion Cycling: No visible damage. Maximum Capacitance Change: 1%. Minimum IR = 50% of initial limit. Maximum DF = 1.2%.
PHYSICAL CHARACTERISTICS
Lead Pull: 5 pounds (2.3 kilograms) for one minute. No physical damage. Lead Bend: After three complete consecutive bends, no damage. Lead Wire: Bare, solid tinned wire. Case Diameters: .312" [7.92mm], No. 22 AWG; .400" [10.16mm] and over, No. 20 AWG. Marking: Sprague(R) trademark, type or part number, capacitance and voltage.
ENVIRONMENTAL CHARACTERISTICS
Vibration Test (Condition B): No mechanical damage, short, open or intermittent circuits.
STANDARD RATINGS in inches [millimeters]
CAPACITANCE (F) PART NUMBER 10% TOLERANCE NOMINAL CASE SIZE DxL Max. rms CURRENT @+ 85C 0.037 0.058 0.085 0.149 0.354 0.656 Max. PEAK CURRENT @ + 85C 1.5 3.3 7.0 15.0 33.0 70.0 Max. rms CURRENT @+ 125C 0.025 0.041 0.059 0.104 0.247 0.459 Max. PEAK CURRENT @ + 125C 1.0 2.3 4.9 10.5 23.1 49.0
600 WVDC / 370 VAC 0.010 0.022 0.047 0.10 0.22 0.47 131P103X9600S02* 131P223X9600S02* 131P473X9600S02* 131P104X9600S02 131P224X9600S02 131P474X9600S02 0.312 x 0.875 [7.92 x 22.23] 0.400 x 0.875 [10.16 x 22.23] 0.400 x 1.375 [10.16 x 34.93] 0.562 x 1.375 [14.27 x 34.93] 0.670 x 1.625 [17.02 x 41.28] 0.750 x 2.375 [19.05 x 60.33]
1000 WVDC / 500 VAC 0.010 0.022 0.047 0.10 0.22 0.47 131P103X91K0S02* 131P223X91K0S02* 131P473X91K0S02* 131P104X91K0S02* 131P224X91K0S02* 131P474X91K0S02* 0.400 x 0.875 [10.16 x 22.23] 0.400 x 1.375 [10.16 x 34.93] 0.562 x 1.375 [14.27 x 34.93] 0.670 x 1.625 [17.02 x 41.28] 0.750 x 2.125 [19.05 x 53.98] 1.000 x 2.375 [25.40 x 60.33] 0.039 0.079 0.133 0.241 0.427 0.772 2.5 5.5 11.0 25.0 55.0 117.0 0.027 0.055 0.093 0.168 0.298 0.540 1.7 3.8 7.7 17.5 38.5 81.9
* All standard inventoried Part Numbers will be stocked in terminal and case style number S04.
ORDERING INFORMATION
131P TYPE 103 CAPACITANCE X9 CAPACITANCE TOLERANCE X0 = 20% X9 = 10% (Inventoried) X5 = 5% X2 = 2% 600 DC VOLTAGE RATING This is expressed in volts. (1000 WVDC coded as 1K0) S TERMINAL 04 CASE STYLE Note: Inventoried items are all S04.
This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. Values must conform to the decade rating for the tolerance specified.
S = Wire leads T = Soldering tab*
* Soldering tabs are available only on case diameters equal to or greater than 0.400" [10.16mm]. Consult the factory for special case styles and terminal configurations. Document Number: 42033 Revision 17-Nov-03
www.vishay.com 98
For technical questions, contact spresale@vishay.com
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 131P474X01K0S02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X