Part Number Hot Search : 
6292BCRZ TB0400A P6KE250A UFS160G TB0400A TIP122TU A2755 S24C0
Product Description
Full Text Search
 

To Download 1000680001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.08/90LH SN
General ordering data Order No. Part designation Version EAN Qty. Packaging System parameters Conductor connection system Outgoing direction of conductor Pitch in mm Pitch in inch No. of poles No. of rows Screwdriver blade Screwdriver blade standard Stripping length L1 in mm L1 in inch Electric shock protection to DIN VDE 0470 Electric shock protection to DIN VDE 57 106 Material data Insulating material Colour colour chart Flammability class UL 94 Contact material Contact surface Contact base material
1000680001 BLF 5.08/06/90LH SN BK BX PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 6, 90, Box 4032248690879 42 pc(s). Box PUSH IN 90 5.08 mm 0.2 inch 6 1 0.6 x 3.5 DIN 5264 10 mm 25.4 mm 1 inch IP 20 Safe from finger touch PBT black Similar to RAL 9011 V-0 CuSn tinned CuSn
-1-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.08/90LH SN
Connectable conductors Clamping range, min. Clamping range, max. Conductor connection cross-section AWG, min. Conductor connection cross-section AWG, max. Solid, min. H05(07) V-U Solid, max. H05(07) V-U Stranded, max. H07V-R Stranded, min. H07V-R Flexible, min. H05(07) V-K Flexible, max. H05(07) V-K w. wire end ferrule, DIN 46228 pt 1, min with wire end ferrule, DIN 46228 pt 1, max. w. plastic collar ferrule, DIN 46228 pt 4, min. with plastic collar ferrule, DIN 46228 pt 4, max. Gauge to EN 60999 a x b; o DIN IEC rating data Rated current, min. No. of poles (Tu=20C) Rated current, max. No. of poles (Tu=20C) Rated current, no. of poles (Tu=40C), min. Rated current, no. of poles (Tu=40C), max. Rated voltage for overvoltage class/pollution severity II/2 Rated voltage for overvoltage class/pollution severity III/2 Rated voltage at overvoltage category/pollution degree III/3 Rated impulse withstand voltage for overvoltage class/pollution severity II/2 Rated impulse withstand voltage for overvoltage class/pollution severity III/2 Rated impulse withstand voltage for overvoltage class/pollution severity III/3 Short-time withstand current resistance Approvals Approvals institutes Classifications eClass 6.0 Notes Notes
0.13 mm 3.31 mm AWG 26 AWG 12 0.2 mm 2.5 mm 2 mm 0 mm 0.2 mm 2.5 mm 0.2 mm 2.5 mm 0.2 mm 2.5 mm 2.4 mm x 1.5 mm 18.5 A 6A 12.5 A 6A 400 V 320 V 250 V 4 kV 4 kV 4 kV 3 x 1s with 120 A CSA; CURUS; ROHS 27-26-07-08
Similar products Order No. 1000640001 Part designation BLF 5.08/02/90LH SN BK BX Version PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 2, 90, Box
-2-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.08/90LH SN
1000650001 1000660001 1000670001 1000690001 1000700001 1000710001 1000720001 1000730001 1000740001 1000750001 1000760001 1000770001 1000780001 1000790001 1000800001 1000810001 1000820001
BLF 5.08/03/90LH SN BK BX BLF 5.08/04/90LH SN BK BX BLF 5.08/05/90LH SN BK BX BLF 5.08/07/90LH SN BK BX BLF 5.08/08/90LH SN BK BX BLF 5.08/09/90LH SN BK BX BLF 5.08/10/90LH SN BK BX BLF 5.08/11/90LH SN BK BX BLF 5.08/12/90LH SN BK BX BLF 5.08/13/90LH SN BK BX BLF 5.08/14/90LH SN BK BX BLF 5.08/15/90LH SN BK BX BLF 5.08/16/90LH SN BK BX BLF 5.08/17/90LH SN BK BX BLF 5.08/18/90LH SN BK BX BLF 5.08/19/90LH SN BK BX BLF 5.08/20/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 3, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 4, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 5, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 7, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 8, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 9, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 10, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 11, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 12, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 13, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 14, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 15, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 16, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 17, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 18, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 19, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 20, 90, Box
-3-


▲Up To Search▲   

 
Price & Availability of 1000680001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X