Part Number Hot Search : 
BYG80J AP430 YD2030A ISL6323 ADS12 TDA9105 SC1531A NTE934
Product Description
Full Text Search
 

To Download 1000450001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.08/90LR SN
General ordering data Order No. Part designation Version EAN Qty. Packaging System parameters Conductor connection system Outgoing direction of conductor Pitch in mm Pitch in inch No. of poles No. of rows Screwdriver blade Screwdriver blade standard Stripping length L1 in mm L1 in inch Electric shock protection to DIN VDE 0470 Electric shock protection to DIN VDE 57 106 Material data Insulating material Colour colour chart Flammability class UL 94 Contact material Contact surface Contact base material
1000450001 BLF 5.08/06/90LR SN BK BX PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 6, 90, Box 4032248690411 42 pc(s). Box PUSH IN 90 5.08 mm 0.2 inch 6 1 0.6 x 3.5 DIN 5264 10 mm 25.4 mm 1 inch IP 20 Safe from finger touch PBT black Similar to RAL 9011 V-0 CuSn tinned CuSn
-1-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.08/90LR SN
Connectable conductors Clamping range, min. Clamping range, max. Conductor connection cross-section AWG, min. Conductor connection cross-section AWG, max. Solid, min. H05(07) V-U Solid, max. H05(07) V-U Stranded, max. H07V-R Stranded, min. H07V-R Flexible, min. H05(07) V-K Flexible, max. H05(07) V-K w. wire end ferrule, DIN 46228 pt 1, min with wire end ferrule, DIN 46228 pt 1, max. w. plastic collar ferrule, DIN 46228 pt 4, min. with plastic collar ferrule, DIN 46228 pt 4, max. Gauge to EN 60999 a x b; o DIN IEC rating data Rated current, min. No. of poles (Tu=20C) Rated current, max. No. of poles (Tu=20C) Rated current, no. of poles (Tu=40C), min. Rated current, no. of poles (Tu=40C), max. Rated voltage for overvoltage class/pollution severity II/2 Rated voltage for overvoltage class/pollution severity III/2 Rated voltage at overvoltage category/pollution degree III/3 Rated impulse withstand voltage for overvoltage class/pollution severity II/2 Rated impulse withstand voltage for overvoltage class/pollution severity III/2 Rated impulse withstand voltage for overvoltage class/pollution severity III/3 Short-time withstand current resistance Approvals Approvals institutes Classifications eClass 6.0 Notes Notes
0.13 mm 3.31 mm AWG 26 AWG 12 0.2 mm 2.5 mm 2 mm 0 mm 0.2 mm 2.5 mm 0.2 mm 2.5 mm 0.2 mm 2.5 mm 2.4 mm x 1.5 mm 18.5 A 6A 12.5 A 6A 400 V 320 V 250 V 4 kV 4 kV 4 kV 3 x 1s with 120 A CSA; CURUS; ROHS 27-26-07-08
Similar products Order No. 1000410001 Part designation BLF 5.08/02/90LR SN BK BX Version PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 2, 90, Box
-2-
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.08/90LR SN
1000420001 1000430001 1000440001 1000460001 1000470001 1000480001 1000490001 1000500001 1000510001 1000520001 1000530001 1000540001 1000550001 1000560001 1000570001 1000580001 1000590001
BLF 5.08/03/90LR SN BK BX BLF 5.08/04/90LR SN BK BX BLF 5.08/05/90LR SN BK BX BLF 5.08/07/90LR SN BK BX BLF 5.08/08/90LR SN BK BX BLF 5.08/09/90LR SN BK BX BLF 5.08/10/90LR SN BK BX BLF 5.08/11/90LR SN BK BX BLF 5.08/12/90LR SN BK BX BLF 5.08/13/90LR SN BK BX BLF 5.08/14/90LR SN BK BX BLF 5.08/15/90LR SN BK BX BLF 5.08/16/90LR SN BK BX BLF 5.08/17/90LR SN BK BX BLF 5.08/18/90LR SN BK BX BLF 5.08/19/90LR SN BK BX BLF 5.08/20/90LR SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 3, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 4, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 5, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 7, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 8, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 9, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 10, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 11, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 12, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 13, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 14, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 15, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 16, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 17, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 18, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 19, 90, Box PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm, Pitch in mm: 5.08 mm, No. of poles: 20, 90, Box
-3-


▲Up To Search▲   

 
Price & Availability of 1000450001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X