Part Number Hot Search : 
4051BCP UFPBF T8502 AQV210S 80851 PMX1GG EP910I CSS1013S
Product Description
Full Text Search
 

To Download VG-12TE-C-UL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER RELAY
1 POLE--3A to 5 A (CADMIUM FREE CONTACTS TYPE)
VG SERIES
s FEATURES
q q q
q q
q q
UL, CSA recognized, TV-5 rated 1 form A (SPST-NO) or 1 form C (SPDT) contact Reliable, low power consumption miniature power relay --Surge strength 7,000 V Slim type--meets high density mounting requirement Easy circuit design with completely separated terminal arrangement (coil and contact terminals) Plastic sealed type backfilled with nitrogen available Environmentally friendly cadmium free contact type is available
s ORDERING INFORMATION
[Example]
(a) (b) (c)
VG - 12 (a) (*) (b)
Series Name
Nominal Voltage Contact Rating
(d) (e) (f)
Contact Arrangement Coil Type
Contact Material (Rating)
DI SC ON TIN UE D
H (c) M (d) S (e) E - K - UL (f ) (g) (h)
VG: VG Series Refer to the COIL DATA CHART Nil : 3 A H : 5A T : 5 A (only TV-5) Nil : 1 form C (SPDT) M : 1 form A (SPST-NO) Nil : Standard type S : High sensitivity type (only 3 A type available) Nil : Gold overlay silver-nickel (3 A, 5 A) Nil : Silver alloy (only TV-5) E : Silver-nickel (3 A, 5 A) Nil : Flux free type C : Plastic sealed type (with tape) K : Plastic sealed type UL : UL, CSA approved type
(g)
Enclosure
(h)
Standard
Note: Actual marking omits the hyphen (-) of (*)
1
VG SERIES
s SAFETY STANDARD AND FILE NUMBERS
UL508, 873 (File No. E56140) C22.2 No. 1, No. 14 (File No. LR35579) Please note that UL/CSA ratings may differ from the standard ratings.
Type TV-Rating VG-TM Nominal voltage 5 to 48 VDC Contact rating TV-5 120 VAC 1/8 HP 120 VAC/240 VAC 5 A 24 VDC/240 VAC resistive (*) Pilot duty C 150 1/8 HP 120 VAC/240 VAC 5 A 24 VDC/120 VAC resistive Pilot duty C 150 1/10 HP 120 VAC/240 VAC 3 A 30 VDC/120 VAC resistive Pilot duty D 150
General
VG-H
5 to 48 VDC
*
Only UL approval
DI SC ON TIN UE D
VG 5 to 48 VDC
2
VG SERIES
s SPECIFICATIONS
Standard Type Item TV-5 Type VG-( ) TM Contact Arrangement Material Style Resistance (initial) (at 1 A 6 VDC) Rating (resistive) Maximum Carrying Current Maximum Switching Power 1 form A (SPST-NO) Silver alloy Single Maximum 200 m Maximum 70 m (VG-H,VG), Max. 100 m (VG-HE, E) 5 A 120 VAC 5 A 24 VDC 5A 3 A 120 VAC 3 A 30 VDC 5 A Type VG-( ) H VG-( ) HE 3 A Type VG VG-E High Sensitive Type 3 A Type VG-S VG-SE
1 form A (SPST-NO) or 1 form C (SPDT) Gold overlay silver alloy (VG-H, VG), silver alloy (VG-HE,E)
Coil
Time Value
Insulation
Life
Other
DI SC ON TIN UE D
1,000 VA, 150 W 500 VA, 90 W Maximum Switching Voltage Maximum Switching Current Minimum Switching Load*1 250 VAC, 150 VDC 5A 3A 10 mA 5 VDC (VG-H,VG), 100 mA 5 VDC (VG-TM,VG-HE, E) Nominal Power (at 20C) 0.36 to 0.4 W Operate Power (at 20C) Operating Temperature 0.18 to 0.2 W -40C to +70C (no frost) Operate (at nominal voltage) Maximum 10 ms Maximum 5 ms Release (at nominal voltage) Resistance (at 500 VDC) Minimum 1,000 M Dielectric Strength between open contacts 900 VAC 1 minute 750 VAC 1 minute between coil and contacts 4,000 VAC 1 minute Surge Strength 7,000 V (at 1.2 x 50 s) Mechanical Electrical 1 x 107 operations minimum 1 x 105 operations minimum (at contact rating) 10 to 55 Hz (double amplitude of 1.5 mm) 100 m/s2 (11 1 ms) 1,000 m/s2 (6 1 ms) Approximately 12 g Vibration Resistance Shock Resistance Weight Misoperation Endurance Misoperation Endurance 10 to 55 Hz (double amplitude of 1.5 mm)
0.21 to 0.26 W
0.102 to 0.13 W
-40C to +85C (no frost)
*1
Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load before production since reference values may vary according to switching frequencies, environmental conditions and expected reliability levels.
3
VG SERIES
s COIL DATA CHART
MODEL TV 5 A Type VG- 5TM Standard Type VG- 6TM VG- 9TM VG-12TM VG-18TM VG-24TM VG-48TM Standard Type 5 A Type VG- 5H (M) (E) VG- 6H (M) (E) VG- 9H (M) (E) VG-12H (M) (E) VG-18H (M) (E) VG-24H (M) (E) VG-48H (M) (E) 3 A Type VG- 5 (M) (E) VG- 6 (M) (E) VG- 9 (M) (E) VG-12 (M) (E) VG-18 (M) (E) VG-24 (M) (E) VG-48 (M) (E) 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 24 VDC 48 VDC Nominal voltage Coil resistance (10%) 69 100 225 400 870 1,450 6,000 120 150 325 575 Must operate voltage 35 VDC 4.2 VDC 6.3 VDC 8.4 VDC 12.6 VDC 16.8 VDC 33.6 VDC Must release voltage 0.25 VDC 0.3 VDC 0.45 VDC 0.6 VDC 0.9 VDC 1.2 VDC 2.4 VDC Nominal power 360 mW 360 mW 360 mW 360 mW 380 mW 400 mW 390 mW 210 mW 240 mW 250 mW 250 mW 240 mW 260 mW
Note: All values in the table are measured at 20C.
s CHARACTERISTIC DATA
DI SC ON TIN UE D
VG- 5 (M) S (E) VG- 6 (M) S (E) VG- 9 (M) S (E) VG-12 (M) S (E) VG-18 (M) S (E) VG-24 (M) S (E) 5 VDC 6 VDC 9 VDC 3.5 VDC 4.2 VDC 6.3 VDC 8.4 VDC 0.25 VDC 0.3 VDC 0.45 VDC 12 VDC 18 VDC 24 VDC 0.6 VDC 1,400 2,230 12.6 VDC 16.8 VDC 0.9 VDC 1.2 VDC
High Sensitive Type
4
VG SERIES
s REFERENCE DATA
DI SC ON TIN UE D
5
VG SERIES
s DIMENSIONS
q Dimensions VG-M type q Schematics (BOTTOM VIEW) q PC board mounting hole layout (BOTTOM VIEW)
VG type
VG-M-K type (Plastic sealed type)
DI SC ON TIN UE D
VG-K type (Plastic sealed type)
Unit: mm
6
VG SERIES
q Dimensions q Schematics (BOTTOM VIEW) q PC board mounting hole layout (BOTTOM VIEW)
VG-M-C type (Plastic sealed type with tape)
VG-C type (Plastic sealed type with tape)
DI SC ON TIN UE D
Japan Fujitsu Component Limited Gotanda-Chuo Building 3-5, Higashigotanda 2-chome, Shinagawa-ku Tokyo 141, Japan Tel: (81-3) 5449-7010 Fax: (81-3) 5449-2626 Email: promothq@ft.ed.fujitsu.com Web: www.fcl.fujitsu.com North and South America Fujitsu Components America, Inc. 250 E. Caribbean Drive Sunnyvale, CA 94089 U.S.A. Tel: (1-408) 745-4900 Fax: (1-408) 745-4970 Email: marcom@fcai.fujitsu.com Web: www.fcai.fujitsu.com Asia Pacific Fujitsu Components Asia Ltd. 102E Pasir Panjang Road #04-01 Citilink Warehouse Complex Singapore 118529 Tel: (65) 375-8560 Fax: (65) 273-3021 Email: fcal@fcal.fujitsu.com www.fcal.fujitsu.com
Unit: mm
Fujitsu Components International Headquarter Offices
Europe Fujitsu Components Europe B.V. Diamantlaan 25 2132 WV Hoofddorp Netherlands Tel: (31-23) 5560910 Fax: (31-23) 5560950 Email: info.marketing@fceu.fujitsu.com Web: www.fceu.fujitsu.com
(c) 2001 Fujitsu Components America, Inc. All company and product names are trademarks or registered trademarks of their respective owners. Rev. 09/2001
7


▲Up To Search▲   

 
Price & Availability of VG-12TE-C-UL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X