Part Number Hot Search : 
STRT71X TIC206A BZX55B39 LV5806 MO8651 BYV15 W1T1G CTLZ6V8
Product Description
Full Text Search
 

To Download UR4KB005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Prelimitary specification
UR4KB005-UR4KB100
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
D3K
Features
UL Recoganized Glass passivated junction Ideal for printed circuit board High case dielectric strength Plastic material has Underwriters laboratory flammability Classification 94V-0 Typical IR less than 0.1uA High surge current capability High temperature soldering guaranteed: 260 / 10 seconds at 5 lbs., ( 2.3 kg ) tension Green compound with suffix "G" on packing code & prefix "G" on datecode.
Mechanical Data
Case : Molded plastic body Terminal : Pure tin plated , Lead free. Leads solderable per MIL-STD-202 Method 208 Weight : 1.41 grams (0.053 ounce) Mounting Torque : 0.8 N.M max.
Dimension in inches and (millimeter)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Without heat sink Ta=30oC 60 Hz sine wave resistance load With heat sink Tc=138 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Rating of fusing ( t < 8.3mS ) Maximum Instantaneous Forward Voltage @ 2.0A Maximum DC Reverse Current at Rated DC Blocking Voltage Dielectric Strength (Terminal to Case, AC 1minute) Typical Thermal Resistance (Note 1) Operating Temperature Range Storage Temperature Range
Note 1 : Unit case mounted on 2" x 3" x 0.25" Al plate heat sink.
Symbol VRRM VRMS VDC I(AV) IFSM I2t VF IR Vdis RJA RJC
RJL
UR4KB80 800 560 800 1.2 4.0 135 75 1 10 2.0 55 1.5 15 -55 to +150 -55 to +150
Units V V V A A A2S V uA kV oC/W
O O
TJ
C C
TSTG
1 of 1
Version : C09
RATINGS AND CHARACTERISTIC CURVES (UR4KB005-UR4KB100)
FIG 1 Maximum Derating Curve for Output
5
Current
Peak Forward Surge Current (A)
FIG 2 Maximum Forward Surge Current per Leg
140 130 120 110 100 90 80 70 60 50 40 30 20 10 0
8.3mS Single Half Sin-wave (Jedec Method)
Average Forward Current (A)
4 3 2 1 0
0 20 40 Without Heat sink
Heat sink mount 2"x3"x0.25" AL-plate
Ambient Temperature (oC)
60
80
100
120
140
160
1
Number of cycles at 60 Hz
10
100
FIG 3 Typical Reverse Characteristics per Leg
1000 100
FIG 4 Typical Forward Characteristics per Leg.
Instantaneous Reverse Current (uA)
100
Ta=125oC
Instantaneous Forward Current (A)
10
Ta=150 C Ta=25oC
o
10
1
Ta=25oC
1
0.1 0 20 40 60 80 100 120 140
0.1 0.4 0.6 0.8 1 1.2 1.4
Percent of Rated Peak Reverse Volatge (V)
Instantaneous Forward Voltage (V)
Version : C09


▲Up To Search▲   

 
Price & Availability of UR4KB005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X