Part Number Hot Search : 
CSN105B BR0540 C1206 XC6108 SR40150P IFD08845 BU402 A8423KL
Product Description
Full Text Search
 

To Download UPW1A820MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
PW
Miniature Sized, Low lmpedance, High Reliability For Switching Power Supplies
series
Smaller case size and lower impedance than PM series. Low impedance and high reliability withstanding 2000 hours to 8000 hours. Capacitance ranges available based on the numerical values in E12 series under JIS. Adapted to the RoHS directive (2002/95/EC).
PM
Smaller
PA
Low Impedance
PW
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance
Performance Characteristics
- 55 ~ +105C (6.3 ~ 100V), - 40 ~ + 105C (160 ~ 400V), - 25 ~ +105C (450V) 6.3 ~ 450V 0.47 ~ 15000F 20% at 120Hz, 20C
Rated voltage (V) 6.3 ~ 100 After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater. 160 ~ 450 CV < 1000 : I = 0.1CV+40 (A) max. (1 minute's) = CV > 1000 : I = 0.04CV+100 (A) max. (1 minute's)
Measurement frequency : 120Hz, Temperature : 20C
Leakage Current
Leakage current
For capacitance of more than 1000F, add 0.02 for every increase of 1000F.
tan
Rated voltage (V)
tan (MAX.)
6.3 0.22
10 0.19
16 0.16 6.3 * 10 -- -- 3
25 0.14 16 * 25 -- -- 3
35 0.12 35 * 50 -- -- 3
50 0.10
63 0.09
100 0.08 250 3 6 --
160 ~ 250 315 * 350 400 * 450 0.15 0.20 0.25
120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio Z- 40C / Z+20C (MAX.) Z- 55C / Z+20C
63 * 100 160 * 200 -- 3 -- 4 3 --
315 * 350 4 8 --
400 6 10 --
450 15 -- --
Endurance
After an application of D.C. bias voltage plus the rated ripple current for 8000 hours (2000 hours for D = 4, 5 and 6.3, 3000 hours for D = 8, 5000 hours for D = 10, 7000 hours for D = 12.5) at 105C the peak voltage shall not exceed the rated D.C.voltage, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on dark brown sleeve.
Radial Lead Type
Type numbering system (Example : 10V 680F)
Bd
Sleeve (P.E.T.)
+ MAX.
U PW 1 A 6 8 1 MP D
4MIN
P 0.5
1 2 3 4 5 6 7 8 9 10 11 12 Size code Configuration Capacitance tolerance (20%) Rated Capacitance (680F) Rated voltage (10V) Series name Type
BD
L+ MAX.
B6.3up
15MIN
Pressure relief vent
(No pressure relief vent for 7mmL products) (L = 7) 1.0 (L < 20) 1.5 (L 20) 2.0 45 P 1.5 2.0 Bd 0.45 0.5 (0.45) 0.5 0.5
BD
: Applied to L>25 products ( ): Applied to 7mmL products
6.3 2.5 0.5 (0.45) 0.5
8 3.5 0.6 0.5
10 5.0 0.6 0.5
12.5 5.0 0.6 0.8 0.5
16 18 20 22 25 7.5 7.5 10.0 10.0 12.5 0.8 0.8 1.0 1.0 1.0 0.5 0.5 0.5 1.0 1.0
(mm)
Configuration Pb-free leadwire BD Pb-free PET sleeve 4a5 DD 6.3 ED (7mm L: DD) 8 a 10 PD 12.5~18 HD 20~25 RD
* Please refer to page 21 about the end seal configulation.
Frequency coefficient of rated ripple current
V Cap. (F) Frequency
50Hz 0.20 0.55 0.70 0.80 0.80 0.90
120Hz 0.30 0.65 0.75 0.85 1.00 1.00
300Hz 0.50 0.75 0.80 0.90 1.25 1.10
1kHz 0.80 0.85 0.90 0.95 1.40 1.13
10kHz ~ 1.00 1.00 1.00 1.00 1.60 1.15
..~ 56 6.3 ~ 100 68 ~ 330. 390 ~ 1000. .1200 ~ 15000 160 ~ 450 0.47 ~ 2200 330 ~ 470.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PW
Cap.(F)
series
Standard ratings
V (Code) Item Code
Case size D x L (mm)
6.3 (0J) Impedance () MAX.
20C / 100kHz
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
Case size D x L (mm)
10 (1A) Impedance () MAX.
20C / 100kHz
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
22 27 33 39 47 56 68 82 100 120 150 180 220 330 470 560 680 820 1000 1200 1500 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000
220 270 330 390 470 560 680 820 101 121 151 181 221 331 471 561 681 821 102 122 152 222 272 332 392 472 562 682 822 103 123 153
5 x 11 4x7 5 x 11 5x7 5 x 11 5x7 5x7 4 x 11
0.60 2.00 0.60 0.95 0.60 0.95 0.95 1.30
1.20 5.00 1.20 2.40 1.20 2.40 2.40 2.60
180 65 180 120 180 120 120 120
5 x 11 4x7 5 x 11 5x7 5x7 5 x 11 4 x 11
0.60 2.00 0.60 0.95 0.95 0.60 1.30
1.20 5.00 1.20 2.40 2.40 1.20 2.60
180 65 180 120 120 180 120
5 x 11 6.3 x 7 6.3 x 11 5 x 15 6.3 x 11 6.3 x 11 6.3 x 15 8 x 11.5 8 x 11.5 10 x 12.5 8 x 15 10 x 12.5 10 x 12.5 8 x 20 10 x 16 10 x 20 12.5 x 20 10 x 25 10 x 31.5 12.5 x 20 12.5 x 25 16 x 25 12.5 x 31.5 12.5 x 35.5 16 x 20 16 x 25 18 x 20 16 x 31.5 16 x 31.5 18 x 25 18 x 31.5 18 x 35.5
0.60 0.45 0.25 0.50
1.20 1.20 0.50 1.00
180 200 290 235
5 x 11 6.3 x 7 5 x 11 5 x 15 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 8 x 11.5 8 x 11.5 10 x12.5 8 x 15
0.60 0.45 0.60 0.50
1.20 1.20 1.20 1.00
180 200 180 235
0.25 0.25 0.25 0.23 0.117 0.117 0.090 0.085
0.50 0.50 0.50 0.46 0.234 0.234 0.18 0.17
290 290 290 430 555 555 760 730
0.25 0.25 0.23 0.117 0.117 0.090 0.085 0.090 0.090 0.065 0.068 0.052 0.038 0.045 0.035 0.038 0.030 0.022 0.025 0.022 0.029 0.022 0.028 0.018 0.016 0.020 0.016 0.015
0.50 0.50 0.46 0.234 0.234 0.18 0.17 0.18 0.18 0.13 0.136 0.104 0.076 0.090 0.070 0.076 0.060 0.044 0.050 0.044 0.058 0.044 0.056 0.036 0.032 0.040 0.032 0.030
290 290 430 555 555 755 730 755 755 995 1050 1220 1655 1440 1815 1655 1945 2555 2310 2510 2210 2560 2490 3010 3150 2740 3635 3680
10 x 16 8 x 20 10 x 20 10 x 20 10 x 25 12.5 x 20 10 x 31.5 12.5 x 25 12.5 x 25 12.5 x 31.5 12.5 x 35.5 16 x 20 16 x 25 16 x 25 18 x 20 16 x 31.5 18 x 25 16 x 35.5 18 x 31.5 18 x 35.5 18 x 40
0.068 0.065 0.052 0.052 0.045 0.038 0.035 0.030 0.030 0.025 0.022 0.029 0.022 0.022 0.028 0.018 0.020 0.016 0.016 0.015
0.136 0.13 0.104 0.104 0.090 0.076 0.070 0.060 0.060 0.050 0.044 0.058 0.044 0.044 0.056 0.036 0.040 0.032 0.032 0.030
1050 995 1220 1220 1440 1655 1815 1945 1950 2310 2510 2210 2555 2560 2490 3010 2740 3150 3635 3680
0.014
0.028
3800
: In this case, 6 will be put at 12th digit of type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PW
Cap. (F)
series
Standard ratings
V(Code) Item Code
Case size D x L (mm)
16 (1C) Impedance () MAX.
20C / 100kHz
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
Case size D x L (mm)
25 (1E) Impedance () MAX.
20C / 100kHz
00004.7 00010 00015 00022 00027 00033 00039 00047 00056 00082 00100 00120 00150 00180 00220 00330 00470 00560 00680 00820 01000 01200 01500 01800
4R7 100 150 220 270 330 390 470 560 820 101 121 151 181 221 331 471 561 681 821 102 122 152 182 12.5 x 25 12.5 x 31.5 16 x 20 16 x 25 12.5 x 35.5 16 x 25 18 x 20 16 x 31.5 18 x 25 16 x 35.5 18 x 31.5 18 x 35.5 18 x 35.5 18 x 40 5 x 11 4x7 5 x 11 5x7 5x7 5 x 11 6.3 x 7 4 x 11 5 x 11 5 x 11 6.3 x 7 5 x 15 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 15 8 x 11.5 8 x 11.5 10 x 12.5 8 x 15 10 x 16 8 x 20 10 x 20 10 x 20 10 x 25 12.5 x 20 10 x 31.5 0.60 2.00 0.60 0.95 0.95 0.60 0.45 1.30 0.60 0.60 0.45 0.50 0.25 0.25 0.25 0.23 0.117 0.117 0.090 0.085 0.068 0.065 0.052 0.052 0.045 0.038 0.035 1.20 5.00 1.20 2.40 2.40 1.20 1.20 2.60 1.20 1.20 1.20 1.00 0.50 0.50 0.50 0.46 0.234 0.234 0.18 0.17 0.136 0.13 0.104 0.104 0.090 0.076 0.070 180 65 180 120 120 180 200 120 180 180 200 235 290 290 290 430 555 555 760 730 1050 995 1220 1220 1440 1655 1815
5 x 11 5 x 11 4x7 5 x 11 5x7 4 x 11 5 x 11 5 x 11 6.3 x 7 5 x 11 5 x 15 6.3 x 11 6.3 x 11 6.3 x 15 8 x 11.5 8 x 11.5 10 x 12.5 8 x 15 10 x 16 8 x 20 10 x 20 10 x 20 10 x 25 12.5 x 20 10 x 31.5 16 x 25 12.5 x 25 12.5 x 31.5 16 x 20 16 x 25 18 x 20 12.5 x 35.5 16 x 25 16 x 31.5 18 x 25 16 x 35.5 18 x 31.5 18 x 35.5
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
0.60 0.60 2.00 0.60 0.95 1.30 0.60 0.60 0.45 0.60 0.50 0.25 0.25 0.23 0.117 0.117 0.090 0.085 0.068 0.065 0.052 0.052 0.045 0.038 0.035 0.022 0.030 0.025 0.029 0.022 0.028 0.022 0.022 0.018 0.020 0.016 0.016 0.015
1.20 1.20 5.00 1.20 2.40 2.60 1.20 1.20 1.20 1.20 1.00 0.50 0.50 0.46 0.234 0.234 0.18 0.17 0.136 0.13 0.104 0.104 0.090 0.076 0.070 0.044 0.060 0.050 0.058 0.044 0.056 0.044 0.044 0.036 0.040 0.032 0.032 0.030
180 180 65 180 120 120 180 180 200 180 235 290 290 430 555 555 760 730 1050 995 1220 1220 1440 1660 1815 2555 1950 2310 2210 2555 2490 2510 2555 3010 2740 3150 3635 3680
02200
222
0.030 0.025 0.029 0.022 0.022 0.022 0.028 0.018 0.020 0.016 0.016 0.015 0.015 0.014
0.060 0.050 0.058 0.044 0.044 0.044 0.056 0.036 0.040 0.032 0.032 0.030 0.030 0.028
1945 2310 2210 2555 2510 2560 2490 3010 2740 3150 3635 3680 3680 3800
02700 03300 03900 04700 05600 06800 08200 10000
272 332 392 472 562 682 822 103
18 x 40
0.014
0.028
3800
: In this case, 6 will be put at 12th digit of type numbering system. : In this case, 3 will be put at 12th digit of type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PW
Cap.(F)
series
Standard ratings
V(Code) Item Code
Case size D x L (mm)
35 (1V) Impedance () MAX.
20C / 100kHz
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
Case size D x L (mm)
50 (1H ) Impedance () MAX.
20C / 100kHz
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
0000.47 0001 0002.2 0003.3 0004.7 0006.8 0010 0012 0018 0022 0027 0033 0039 0047 0056 0082 0100 0120 0150 0180 0220 0270 0330 0390 0470 0560 0680 0820 1000 1200 1500 1800 2200 2700 3300 4700
R47 010 2R2 3R3 4R7 6R8 100 120 180 220 270 330 390 470 560 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 472
5 x 11 4x7 5 x 11 5x7 5x7 4 x 11 5 x 11 5 x 11 6.3 x 7 5 x 11 5 x 15 6.3 x 11 6.3 x 11 6.3 x 15 8 x 11.5
0.60 2.00 0.60 0.95 0.95 1.30 0.60 0.60 0.45 0.60 0.50 0.25 0.25 0.23 0.117
1.20 5.00 1.20 2.40 2.40 2.60 1.20 1.20 1.20 1.20 1.00 0.50 0.50 0.46 0.234
180 65 180 120 120 120 180 180 200 180 235 290 290 430 555
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 4 x 11 5 x 11 5 x 11 5 x 15 6.3 x 11 6.3 x 11 6.3 x 15 8 x 11.5 8 x 11.5 8 x 15 10 x 12.5 10 x 12.5 8 x 20 10 x 16 10 x 16 10 x 20 10 x 25 10 x 20 10 x 31.5 12.5 x 20 12.5 x 20 12.5 x 25 12.5 x 25 16 x 20 12.5 x 35.5 18 x 20 16 x 25 16 x 31.5 18 x 25 16 x 31.5 16 x 35.5 18 x 31.5 18 x 35.5
5.00 3.50 3.00 2.60 2.30 1.40 2.50 1.30 1.20 0.90 0.43 0.43 0.40 0.234 0.234 0.155 0.162 0.162 0.120 0.119 0.119 0.090 0.082 0.090 0.060 0.063 0.060 0.050 0.050 0.048 0.034 0.042 0.034 0.028 0.029 0.028 0.025 0.025 0.023
10.0 7.00 6.00 5.20 4.60 2.80 5.00 2.60 2.40 1.80 0.86 0.86 0.80 0.468 0.468 0.31 0.324 0.324 0.240 0.238 0.238 0.18 0.164 0.18 0.12 0.126 0.12 0.10 0.10 0.096 0.068 0.084 0.068 0.056 0.058 0.056 0.050 0.050 0.046
25 40 55 65 90 120 90 155 170 215 300 300 360 485 485 635 620 615 860 850 850 1030 1200 1030 1610 1480 1500 1832 1840 1840 2290 2420 2235 2700 2610 2700 2790 3000 3100
8 x 11.5
0.117
0.234
555
10 x 12.5 8 x 15 10 x 16 8 x 20 10 x 20 10 x 20 10 x 25 12.5 x 20 10 x 31.5
0.090 0.085 0.068 0.065 0.052 0.052 0.045 0.038 0.035
0.18 0.17 0.136 0.13 0.104 0.104 0.090 0.076 0.070
760 730 1050 995 1220 1220 1440 1660 1815
12.5 x 25 12.5 x 31.5 16 x 20 16 x 25 12.5 x 35.5 16 x 25 18 x 20 16 x 31.5 18 x 25 16 x 35.5 18 x 31.5 18 x 35.5 18 x 40
0.030 0.025 0.029 0.022 0.022 0.022 0.028 0.018 0.020 0.016 0.016 0.015 0.014
0.060 0.050 0.058 0.044 0.044 0.044 0.056 0.036 0.040 0.032 0.032 0.030 0.028
1950 2310 2210 2555 2510 2555 2490 3010 2740 3150 3635 3680 3800
: In this case, 6 will be put at 12th digit of type numbering system.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PW
Cap.(F)
series
Standard ratings
V(Code)
Item
Co de
Case size D x L (mm)
63 (1J) Impedance () MAX.
20C / 100kHz
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
Case size D x L (mm)
100 (2A) Impedance () MAX.
20C / 100kHz
Rated ripple (mArms) - 10C / 100kHz 105C / 100kHz
0000.47 0001 0002.2 0003.3 0004.7 0006.8 0010 0012 0015 0018 0022 0033 0039 0047 0068 0082 0100 0120 0150 0180 0220 0270 0330 0390
R47 010 2R2 3R3 4R7 6R8 100 120 150 180 220 330 390 470 680 820 101 121 151 181 221 271 331 391
00.5 x 11 00.5 x 11 4 x 11 00.5 x 11 0.05 x 11 06.3 x 11 0.05 x 15 06.3 x 11 06.3 x 11 06.3 x 15 0.08 x 11.5 0.08 x 11.5 0.10 x 12.5 8 x 15 0.10 x 16 0.10 x 16 0.10 x 20 12.5 x 15 0.10 x 20 10 x 25 0.16 x 15 12.5 x 20 12.5 x 25 18 x 15 12.5 x 25 12.5 x 31.5 16 x 20 0.16 x 25 12.5 x 35.5 18 x 20 0.16 x 31.5 18 x 25 0.16 x 31.5 16 x 35.5 0.18 x 31.5 0.18 x 35.5 0.18 x 40
4.70 2.50 3.50 2.10 2.00 1.20 1.30 0.71 0.71 0.70 0.342 0.342 0.256 0.23 0.194 0.194 0.147 0.15 0.147 0.13 0.090 0.085 0.070 0.086 0.070 0.055 0.059 0.050 0.047 0.055 0.043 0.043 0.043 0.036 0.032 0.030 0.028
9.40 5.00 7.00 4.20 4.00 2.40 2.60 1.42 1.42 1.40 0.684 0.684 0.512 0.46 0.388 0.388 0.294 0.30 0.294 0.26 0.18 0.17 0.14 0.172 0.14 0.11 0.118 0.10 0.094 0.11 0.086 0.086 0.086 0.072 0.064 0.060 0.056
68 95 80 110 145 160 200 250 250 330 405 405 540 535 600 660 890 1020 885 1050 1410 1290 1720 1690 1720 2090 1770 2160 2270 2290 2670 2590 2770 2770 2950 3100 3200
00.5 x 11 00.5 x 11 00.5 x 11 00.5 x 11 00.5 x 11 00.5 x 11 06.3 x 11 0.08 x 11.5 06.3 x 15 0.08 x 11.5 0.10 x 12.5 8 x 15 0.10 x 16 8 x 20 0.10 x 20 0.10 x 25 12.5 x 20 12.5 x 25 12.5 x 31.5 16 x 20 0.16 x 25 18 x 20 0.16 x 25 0.18 x 25 16 x 31.5
43.0 20.0 9.80 6.60 4.60 3.50 1.80 0.83 0.80 0.68 0.46 0.45 0.37 0.37 0.30 0.25 0.18
86.0 40.0 19.6 13.2 9.20 7.00 3.60 1.66 1.60 1.36 0.92 0.90 0.74 0.74 0.60 0.50 0.36
20 30 44 58 74 95 130 180 200 230 320 360 420 420 490 540 580
0.13 0.12 0.13 0.10 0.11 0.090 0.083
0.26 0.24 0.26 0.20 0.22 0.18 0.166
710 790 750 890 850 1080 1260
0470 0560 0680
471 561 681
0.
0.076 0.068 0.064
0.152 0.136 0.128
1310 1370 1410
0.18 x 31.5 0.16 x 35.5
0820 1000 1200 1500 2200.00
821 102 122 152 222
0.18 x 40
0.047
0.094
1520
: In this case, 6 will be put at 12th digit of type numbering system. : In this case, 3 will be put at 12th digit of type numbering system.
V (Code)
160
2C 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 6.3 x 11 12 17 25 36 43 70 130 180 220 330 500 900 1200
200 2D 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 12 17 25 36 50 80 140 190 220 335 515 1100 1310
250 2E 6.3 x 11 6.3 x 11 8 x 11.5 12 17 29 42 50 88 155 190 230 340 525 1150 1350
315 2F 8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 12.5 x 25 16 x 25 16 x 35.5 22 x 50 10 x 20 8 x 11.5 11 16 28 34 45 72 120 155 190 285 540
350 2V 10 x 12.5 10 x 16 10 x 16 12.5 x 20 16 x 25 16 x 31.5 20 x 40 25 x 50 10 x 20 8 x 11.5 11 17 31 38 49 82 130 160 200 290 550
400 2G 10 x 12.5 16 27 36 43 72 110 140 170 350
450 2W 10 x 12.5 18 29 41 49 75 115 145 175 350
Cap. (F)
Code
0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470
R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471
10 x 12.5 12.5 x 20 12.5 x 25 16 x 25 20 x 40 22 x 50 10 x 20
10 x 12.5 10 x 16 12.5 x 25 12.5 x 25 18 x 40 22 x 40 22 x 50 16 x 31.5 10 x 20
10 x 12.5 10 x 12.5 12.5 x 25 12.5 x 25 16 x 25 20 x 40 22 x 50 25 x 50 10 x 20
10 x 16 10 x 20 12.5 x 25 16 x 25 10 x 20
12.5 x 20 12.5 x 20 16 x 25 16 x 31.5 20 x 40 25 x 50
10 x 20
*18 x 35.5
*18 x 35.5
18 x 40
*18 x 35.5
*18 x 35.5
22 x 50
16 x 31.5
*18 x 35.5
Case size D x L (mm)
Rated Ripple (mArms) at 105C 120Hz Size 20 x 31 is available for capacitors marked " " Size 20 x 35 is available for capacitors marked " " In this case, 6 will be put at 12th digit of type numbering system.
*
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UPW1A820MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X