Part Number Hot Search : 
TJA105 21M10 FCD7N60 MSTRP LS120 HMBTA56 ZD4750A 1010C
Product Description
Full Text Search
 

To Download UDZS3V6B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UDZS3V6BUDZS36VB
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
FEATURES
* * * * * * *
Wide Zener Voltage Range Selection, 3.6V to 36V Flat Lead SOD-323 Small Outline Plastic Package Surface Device Type Mounting Moisture Sensitivity Level 1 Clip Bonding Construction,Good Thermal Capability Matter Tin(Sn) Lead Finish with Nickel(Ni) Underplate Band Indicates Cathode
SOD-323
.071 (1.8) .063 (1.6) .016 (0.40) .010 (0.25) .053 (1.35) .045 (1.15)
.010 (0.25)
.043 (1.10) .031 (0.80) .106 (2.7) .091 (2.3)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
o
.002 (0.05)
Dimensions in inches and (millimeters)
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted ) RATINGS Max. Steady State Power Dissipation Max. Operating Temperature Range Storage Temperature Range @TA=25oC (Note 1) SYMBOL PD TJ TSTG VALUE 200 150 -65 to +150 UNITS mW
o o
C C
These ratings are limiting values above which the serviceability of the diode may be impaired.
2007-3
ELECTRICAL CHARACTERISTICS
Device Type UDZS3V6B UDZS3V9B UDZS4V3B UDZS4V7B UDZS5V1B UDZS5V6B UDZS6V2B UDZS6V8B UDZS7V5B UDZS8V2B UDZS9V1B UDZS10VB UDZS11VB UDZS12VB UDZS13VB UDZS15VB UDZS16VB UDZS18VB UDZS20VB UDZS22VB UDZS24VB UDZS27VB UDZS30VB UDZS33VB UDZS36VB Device Marking D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 DA DB DC DE DF DG DH DJ DK DL DM DN DP DR DS VZ @ IZT (Volts) Min. 3.60 3.89 4.17 4.55 4.98 5.49 6.06 6.65 7.28 8.02 8.85 9.77 10.76 11.74 12.91 14.34 15.85 17.56 19.52 21.54 23.72 26.19 29.19 32.15 35.07 Max. 3.85 4.16 4.43 4.75 5.20 5.73 6.33 6.93 7.60 8.36 9.23 10.21 11.22 12.24 13.49 14.98 16.51 18.35 20.39 22.47 24.78 27.53 30.69 33.79 36.87
(@TA=25 C unless otherwise specified)
O
IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
ZZT @ IZT (W) Max. 90 90 90 80 60 40 40 30 30 30 30 20 20 20 40 40 40 50 60 80 80 100 100 100 100
IZK (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5
ZZK @ IZK () (W Max. 600 600 600 500 500 300 150 75 75 75 90 150 150 150 160 190 190 220 220 240 240 300 300 310 330
IR @ V R (uA) Max. 4.5 2.7 2.7 2.7 1.8 0.9 2.7 1.8 0.9 0.63 0.45 0.18 0.09 0.09 0.09 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045
VR (Volts) 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.0 25.2
Notes 1. The Zener Voltage is tested under pulse condition of 40mS. 2. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances,contact your nearest Rectron Electronics representative. 3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of UDZS3V6B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X