Part Number Hot Search : 
S20H100C SMB12 HLB121 TF256 MMBZ525 XE2476 1SRWA NTE489
Product Description
Full Text Search
 

To Download TPC801407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPC8014
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPC8014
Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
* * * * * Small footprint due to small and thin package Low drain-source ON resistance: RDS (ON) = 11 m (typ.) High forward transfer admittance: |Yfs| = 10 S (typ.) Low leakage current: IDSS = 10 A (max) (VDS = 30 V) Enhancement mode: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC Pulse (Note 1) (Note 1) (t = 10 s) (Note 2a) Drain power dissipation (t = 10 s) (Note 2b) Single pulse avalanche energy (Note 3) Avalanche current Repetitive avalanche energy (Note 2a) (Note 4) Channel temperature Storage temperature range Symbol VDSS VDGR VGSS ID IDP PD PD EAS IAR EAR Tch Tstg Rating 30 30 20 11 44 1.9 Unit V V V A
JEDEC JEITA TOSHIBA
2-6J1B
Drain power dissipation
W
Weight: 0.08 g (typ.)
1.0
W
Circuit Configuration
157 11 0.19 150 -55 to 150 mJ A mJ C C
1 2 3 4 8 7 6 5
Note: (Note 1), (Note 2), (Note 3) and (Note 4): See the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Please handle with caution.
1
2007-01-15
TPC8014
Thermal Characteristics
Characteristics Thermal resistance, channel to ambient (t = 10 s) (Note 2a) Symbol Rth (ch-a) Max 65.8 Unit C/W
Thermal resistance, channel to ambient (t = 10 s) (Note 2b)
Rth (ch-a)
125
C/W
Marking (Note 5)
TPC8014
Part No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish.
Note 1:
Ensure that the channel temperature does not exceed 150C.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
FR-4 25.4 x 25.4 x 0.8 (unit: mm)
FR-4 25.4 x 25.4 x 0.8 (unit: mm)
(a)
(b)
Note 3: VDD = 24 V, Tch = 25C (initial), L = 1.0 mH, RG = 25 , IAR = 11 A Note 4: Repetitive rating: pulse width limited by max channel temperature Note 5: * on lower left of the marking indicates Pin 1. Weekly code: (Three digits)
Week of manufacture (01 for the first week of a year: sequential number up to 52 or 53) Year of manufacture (The last digit of a year)
2
2007-01-15
TPC8014
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-OFF current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-ON time Switching time Fall time Turn-OFF time Total gate charge (gate-source plus gate-drain) Gate-source charge 1 Gate-drain ("miller") charge tf toff Qg Qgs1 Qgd VDD 24 V, VGS = 10 V, ID = 11 A - Symbol IGSS IDSS V (BR) DSS V (BR) DSX Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton VGS 10 V 0V ID = 5.5 A VOUT VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = 30 V, VGS = 0 V ID = 10 mA, VGS = 0 V ID = 10 mA, VGS = -20 V VDS = 10 V, ID = 1 mA VGS = 4.5 V, ID = 5.5 A VGS = 10 V, ID = 5.5 A VDS = 10 V, ID = 5.5 A Min Typ. Max Unit

30 15 1.3

15 11 10 1860 270 320 9 19 20 69 39 4 9
10
10
A A
V V m S

2.5 22 14

5


pF
RL = 2.7
4.7
ns

nC
VDD 15 V - Duty < 1%, tw = 10 s =
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Drain reverse current Forward voltage (diode) Pulse (Note 1) Symbol IDRP VDSF Test Condition Min Typ. Max 44 Unit A V
IDR = 11 A, VGS = 0 V


-1.2
3
2007-01-15
TPC8014
ID - VDS
20 3.4 3.5 4 6 8 10 3.3 3.2 10 10 3.2 8 6 84
ID - VDS
3.1
16
3.3 3.0
(A)
(A)
3. 6 3.4
ID
12
ID
3.1
Drain current
3.0 8 2.9 2.8 4 2.7 VGS = 2.6 V 1 2 3 4 5
Drain current
2.9 4
2.8 2.7 2.6
2
0 0
0 0
VGS = 2.5 V 0.2 0.4 0.6 0.8 1.0
Drain-source voltage
VDS (V)
Drain-source voltage
VDS (V)
ID - VGS
20 Common source VDS = 10 V Pulse test 1
VDS - VGS
Common source Ta = 25C Pulse test
(V) VDS
100
16
0.8
ID
(A)
12
Drain-source voltage
0.6
Drain current
8 Ta = -55C 25 4
0.4
2.5 0.2
5.5
ID = 11A
0 0
0.5
1
1.5
2
2.5
3
2.5
4
0 0
4
8
12
16
20
Gate-source voltage
VGS
(V)
Gate-source voltage
VGS
(V)
|Yfs| - ID
100
RDS (ON) - ID
Common source Ta = 25C Pulse test
Forward transfer admittance Yfs
(S)
Drain-source ON resistance RDS (ON) (m)
-55C
Tc = 100C
30 VGE = 4.5 V 10
VGS = 10 V
25C
3
Common source VDS = 10 V Pulse test 0.1 1 10 100 1 1 3 10 30 100
Drain current
ID (A)
Drain current
ID (A)
4
2007-01-15
TPC8014
RDS (ON) - Ta ()
25 ID = 11, 5.5, 2.5 A 100
IDR - VDS
5
Drain reverse current IDR (A)
Drain-source ON resistance RDS (ON) ()
20
10 10 3 1 VGS = 10 V
15
VGS = 4.5 V
10
ID = 11, 5.5, 2.5 A
1
10 5 Common source Pulse test 0 -80 -40 0 40 80 120 160
0.1 0
Common source Ta = 25C Pulse test 0.2 0.4 0.6 0.8 1 1.2
Ambient temperature
Ta
(C)
Drain-source voltage
VDS
(V)
Capacitance - VDS
10000 3
Vth - Ta
(V) (pF)
1000
2.5
Vth Gate threshold voltage
Ciss
2
Capacitance
C
Coss 100 Common source VGS = 10 V ID = 1 mA Pulse test 10 0.1 1 10 100 Crss
1.5
1 Common source 0.5 VDS = 10 V ID = 1 mA Pulse test -40 0 40 80 120
0 -80
Drain-source voltage
VDS
(V)
Ambient temperature
Ta
(C)
PD - Ta
2 (1)
(1) Device mounted on a glass-epoxy board (a) (Note 2a) (2) Device mounted on a glass-epoxy board (b) (Note 2b)
Dynamic input/output characteristics
30 Common source Ta = 25C ID = 11 A VDD = 24 V VDS 15 12 12 6 5 VDD = 24 V 5 6 15 Pulse test 20 30
(W)
(V)
1.6
Drain power dissipation
Drain-source voltage
(2) 0.8
10
10
0.4
0 0
50
100
150
200
0 0
10
20
30
40
50
0 60
Ambient temperature
Ta
(C)
Total gate charge Qg (nC)
5
2007-01-15
Gate-source voltage
1.2
t = 10 s
20
VGS (V)
25
25
PD
VDS
TPC8014
rth - tw
1000
(1) (2) Device mounted on a glass-epoxy board (a) (Note 2a) Device mounted on a glass-epoxy board (b) (Note 2b)
Normalized transient thermal impedance rth (C/W)
(2)
t = 10 s 100 (1)
10
1
Single pulse
0.1 0.001
0.01
0.1
1
10
100
1000
Pulse width
tw
(S)
Safe operating area
100
1 ms* ID max (pluse) * 10
(A)
10 ms*
Drain current
ID
1 0.1
0.01 0.01
* Single pulse Ta = 25C Curves must be derated linearly with increase in temperature. 0.1 1
VDSS max 10 100
Drain-source voltage
VDS (V)
6
2007-01-15
TPC8014
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
7
2007-01-15


▲Up To Search▲   

 
Price & Availability of TPC801407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X