Part Number Hot Search : 
B040010 F9222 P2301 2300S SB772 FEP16DT P2301 55C24
Product Description
Full Text Search
 

To Download TMC60-D23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRUMPower
DESCRIPTION
37.5-64 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES TMC60 SERIES
The TMC60 series of compact, open PCB constructed, AC-DC switching power supplies are capable of delivering 37.5-64 watts of continuous output power at convection cooling. They operate at 90-264 VAC input voltage without the need of voltage selection, and are suited for medical, information technology and industrial applications. Approval to both EN 60601-1 and EN 60950-1 safety standards improves design-in time and reduces end equipment compliance costs.
FEATURES
Medical and ITE approvals Compact size 2" x 4" x 1.18" Single, dual and triple outputs F u l l r a n g e i n p u t 9 0 - 2 6 4 VA C Low earth leakage current Level B emissions RoHS compliant
SAFETY STANDARD APPROVALS
UL 60601-1 CSA C22.2 No. 601.1
INPUT SPECIFICATIONS
Input voltage: Input frequency: Input current: Earth leakage current: 90-264 VAC 47-63 Hz 1.3 A (rms) for 100 VAC 0.7 A (rms) for 240 VAC 150 A max. @ 264 VAC, 60 Hz
TUV EN60601-1
GENERAL SPECIFICATIONS
Switching frequency: Efficiency: 625 KHz 80-88% typical except TMC60-T31-3 and TMC60-T31-5 at 75% typical Hold-up time: Line regulation: Inrush current: Withstand voltage: 12 msec minimum at 110 VAC 0.5% maximum at full load 30 A @ 115 VAC, or 60 A @ 230 VAC, at 25 C cold start 4000 VAC from input to output 1500 VAC from input to ground 500 VAC from output to ground MTBF: EMC Performance EN55011 / EN55022: FCC: VCCI: EN61000-3-2: EN61000-3-3: EN61000-4-2: Class B conducted, class B radiated Class B conducted, class B radiated Class B conducted, class B radiated Harmonic distortion, class A and D Line flicker ESD, 8 KV air and 6 KV contact Radiated immunity, 3 V/m Fast transient/burst, 2 KV Surge, 1 KV diff., 2 KV com. Conducted immunity, 3 Vrms Magnetic field immunity, 3 A/m Voltage dips, 30% reduction for 500 ms 60% reduction for 100 ms >95% reduction for 10 ms 400,000 hours at full load at 25 C ambient, calculated per MIL-HDBK-217F
o o
OUTPUT SPECIFICATIONS
Output voltage/current: Maximum output power: Ripple and noise: Overvoltage protection: See rating chart See rating chart 2% peak to peak on 5.0 V model, 1% peak to peak on other models. Provided on output #1 only; set at 112-132% of its nominal output voltage All outputs protected to short circuit conditions o All outputs 0.04% / C maximum Maximum excursion of 4% or better on all models, recovering to 1% of final value within 500 s after a 25% step load change
Overcurrent protection: Temperature coefficient: Transient response:
ENVIRONMENTAL SPECIFICATIONS
Operating temperature: Storage temperature: Relative humidity: Derating: -10 C to +70 C o o -40 C to +85 C 5% to 95% non-condensing o Derate from 100% at +50 C linearly to o 50% at +70 C
o o
EN61000-4-3: EN61000-4-4: EN61000-4-5: EN61000-4-6: EN61000-4-8: EN61000-4-11:
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA Phone: 408-988-6616 Fax: 408-988-6622 email: sales@trumpower.com Website: www.TRUMPower.com
UNIVERSAL INPUT
OUTPUT VOLTAGE/CURRENT RATING CHART
Output #1 P/N Vnom
Min.-Max.Current Min.-Max.Current Tol. at convection at forced air (2)
TMC60 MEDICAL & ITE SERIES
Output #2 Vnom Imin Imax Tol. Vnom Output #3 Imin Imax Tol. Maximum Output(3) Power 55 W 60 W 64 W 64 W 64 W 55 W 55 W 55 W 37.5 W
TMC60-S05 5V TMC60-S12 12 V TMC60-S15 15 V TMC60-S24 24 V TMC60-S48 48 V TMC60-D23 +5 V TMC60-D25 +5 V TMC60-T31 +5 V TMC60-T31-3 +3.3 V TMC60-T31-5 +5 V TMC60-T32 +5 V TMC60-T39 +5 V NOTES: 1. 2. 3. 4.
0-11 A 0-5 A 0-4.3 A 0-2.7 A 0-1.35 A 0.5-6 A 0.5-6 A 0.5-6 A 0.8-6 A 0.5-6 A 0.5-6 A 0.5-6 A
(N/A) (N/A) (N/A) (N/A) (N/A) 0.5-8 A 0.5-8 A 0.5-8 A 0.5-8 A 0.5-8 A 0.5-8 A 0.5-8 A
2% 2% 2% 2% 2% 3% 3% 3% 3% 3% 3% 3%
+12 V +24 V +12 V +5.2 V +3.3 V +15 V +24 V
(N/A) (N/A) (N/A) (N/A) (N/A) 0.1 A 3A 0.1 A 1.5 A 0.1 A 3A 0.1 A 3A 0A 1.5 A 0.1 A 2.4 A 0.1 A 1.5 A
5% 5% 5% 5% 5% 5% 5%
-12 V +12 V +12 V -15 V -12 V
(N/A) (N/A) (N/A) (N/A) (N/A) (N/A) (N/A) 0 A 0.5 A 0 A 0.5 A 0 A 0.5 A 0 A 0.5 A 0 A 0.5 A
4% 4% 4% 37.5/47.5W(4) 4% 55 W 4% 55 W
Safety approvals are for PCB form only. To order unit with cover fitted, add suffix "C". Maximum current of output #1 of multi-output models can be 8 A at 5 CFM forced air provided by user. The maximum output power shown is convection rating. 47.5W with 5CFM forced air provide by user.
MECHANICAL SPECIFICATIONS
NOTES: 1. 2. 3. Dimensions shown in inches [mm] Tolerance 0.02 [0.5] maximum Input connector mates with Molex housing 09-50-3031 and Molex 2878 series crimp terminal. Output connector mates with Molex housing 09-50-3061 and Molex 2878 series crimp terminal.. Ground tab is 0.25 [6.35] x 0.032 [0.8]. To ensure compliance with level B emissions, connect the two "" marked mounting holes with metallic standoffs to chassis. Weight: 205 grams (0.45 lbs.) approx.
4.
5. 6.
7.
PIN CHART
PIN 1 MODEL 2 3 4 5 6
TMC60-S05 TMC60-S24 TMC60-D23 TMC60-T31
TMC60-S12 TMC60-S48 TMC60-D25 TMC60-T32
TMC60-S15
+V1
+V1
RTN
RTN
N.C.
N.C.
+V1 TMC60-T39 +V1 +V1
+V1 +V1 +V1
RTN RTN RTN
RTN RTN RTN
N.C. -V3 +V3
+V2 +V2 +V2
TMC60-T31-3 TMC60-T31-5
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA Phone: 408-988-6616 Fax: 408-988-6622 email: sales@trumpower.com Website: www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TMC60-D23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X