Part Number Hot Search : 
SIS332DN BCM5700 AN1487 P161J NTE948 SS38F 2SK2475 B39202
Product Description
Full Text Search
 

To Download TBH25PR040JE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TBH Series
25 Watt TO220 Package Thick Film Power
0.402" 0.008 (10.2mm 0.2) o0.151" (3.84mm) 0.108" (0.274mm) 0.137" (3.48mm) Molding 0.052" (1.32mm) 0.032" (0.81mm) 0.110" 0.012 (2.8mm 0.3) 0.367" (9.32mm) 0.200" (5.08mm) 0.487" (12.37mm) 0.050" (1.27mm) 0.255" (6.48mm) 0.630" (16.00mm)
Ohmite's TBH25 TO220 style resistors are designed for a variety of uses that require intermediate heatsinkable power at an economical price. Engineered for industrial applications, these resistors deliver reliable performance to traditional high-quality Ohmite standards.
sPeCIFICaTIONs
Material Resistor: Thick film element above 1, Ni-Cu metal element below 1 Case: High Temperature Plastic Terminals: Solder coated phospher bronze Electrical: Derating: 100% @ 25C to 0% @ 150C curve referenced to case temperature Dielectric Strength: 1000 VDC Max. Mounting Torque: 0.9Nm Operating Temperature Range: -55C to +150C Temperature Coefficient: 0.03-10 @ 100ppm 11-10K @ 50ppm Thermal Resistance: 5C/W Tolerance: 5% Power: 25 Watts. Rating based on 25C case temperature. The case temperature is to be used for the purposes of establishing the applied power limit. The case temperature must be made with thermocouple contacting the center of the component's mounting tab mounted on designated heat sink. Resistance Range: 0.03 - 10K Max. Operating Voltage: 350V
FeaTures
* 25 Watts, @ 25C case temperature * Non-Inductive Performance * Low Thermal Resistance * Anti-static tube packaging available * Economically priced * Resistance element is electrically insulated from metal heat sink mounting tab
0.015" (0.38mm)
0.104" 0.008 (2.65mm 0.2)
Note: These dimensions apply to TBH products manufactured after March 2007
aPPLICaTIONs
* * * * * * Power Supplies Industrial Controls Automotive Steering Pre-load/Damping Snubber/Bleeder Current Sensing
o r d e r i n G i n f o r m at i o n
RoHS compliant Non-RoHS version unavailable
TBH25P2R00JE
Series Ohm Value Example: R030 = 0.030 10R0 = 10 1K50 = 1500 Tolerance J = 5%, standard
t e S t d ata
Load Life (1000hrs @ rated power) max. R 1% Moisture Resistance (MIL-STD-202, method 106) Short Time Overload (2x rated power, not to exceed 1.5x max. operating voltage) Solderability Thermal Shock Terminal Strength Vibration (MIL-STD-202, method 208) (MIL-STD-202, method 107, cond. F) (MIL-STD-202, method 211, cond. A (pull test) 2.4N) (MIL-STD-202, method 204, cond. D) max. R 0.2% max. R 0.2% max. R 0.3% max. R 0.5% max. R 0.3%
S ta n d a r d pa rt n u m b e r S f o r t b H S e r i e S
Ohms 0.030 0.036 0.040 0.047 0.050 0.075 2 7.5 10 15 22 30 33 47 51 75 Part Number 5% Tolerance TBH25PR030JE TBH25PR036JE TBH25PR040JE TBH25PR047JE TBH25PR050JE TBH25PR075JE TBH25P2R00JE TBH25P7R50JE TBH25P10R0JE TBH25P15R0JE TBH25P22R0JE TBH25P30R0JE TBH25P33R0JE TBH25P47R0JE TBH25P51R0JE TBH25P75R0JE Ohms 100 150 220 240 330 470 510 1000 1500 2000 2700 10,000 Part Number 5% Tolerance TBH25P100RJE TBH25P150RJE TBH25P220RJE TBH25P240RJE TBH25P330RJE TBH25P470RJE TBH25P510RJE TBH25P1K00JE TBH25P1K50JE TBH25P2K00JE TBH25P2K70JE TBH25P10K0JE
Check product availability at www.ohmite.com
56
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com


▲Up To Search▲   

 
Price & Availability of TBH25PR040JE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X