Part Number Hot Search : 
TSOP1830 NDH832P HZM16N 06MU06NU 06MU06NU CP273 84C10 MP6002
Product Description
Full Text Search
 

To Download TBA4027055A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TBA4 Series
TCVCXO Oscillator
February 2009
* Pletronics' TBA4 Series is a temperature compensated voltage controlled crystal oscillator with a clipped sinewave output. * The package is designed for high density surface mount designs. * Tape and Reel packaging is available.
* * * *
8 to 52 MHZ Stabilities to less than 0.2ppm available 5 x 7 mm LCC Ceramic Package Optional Voltage Control Function
Pletronics Inc. certifies this device is in accordance with the RoHS (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following: Cadmium, Hexavalent Chromium, Lead, Mercury, PBB's, PBDE's Weight of the Device: 0.3 grams Moisture Sensitivity Level: 1 As defined in J-STD-020C Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter VCC Supply Voltage Vi Vo Input Voltage Output Voltage Unit -0.5V to +6.5V -0.5V to VCC + 0.5V -0.5V to VCC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155oC The thermal resistance junction to board is 30 to 50oC/Watt depending on the solder pads, ground plane and construction of the PCB.
Product informatin is current as of publication date. The product conforms to specifications per the terms of the Pletronics standard warranty. Production processsing does not necesarily include testing of all parameters.
Copyright (c) 2009, Pletronics Inc.
TBA4 Series
TCVCXO Oscillator
February 2009
Part Number:
TBA4 031 035 G H 015 008 -40.0M -XX Internal code or blank Nominal Frequency in MHZ Pullability in ppm (Vcontrol) 000 = TCXO only 008 = _ 8 ppm minimum + 015 = _ 15 ppm minimum + Stability in ppm 010 = _ 1 ppm + 015 = _ 1.5 ppm + 025 = _ 2.5 ppm + 001 = _ 0.1 ppm + 002 = _ 0.2 ppm + 005 = _ 0.5 ppm + 007 = _ 0.7 ppm +
Highest Specified Operating Temperature A = +40oC E = +60oC J = +80oC B = +45oC F = +65oC K = +85oC C = +50oC G = +70oC D = +55oC H = +75oC Lowest Specified Operating Temperature A = +10oC E = -10oC J = -30oC F = -15oC K = -35oC B = +5oC o o G = -20 C L = -40oC C = +0 C o o H = -25 C M = -45oC D = -5 C Highest Supply Voltage* 055 = 5.5 volts 035 = 3.5 volts 036 = 3.6 volts 030 = 3.0 volts Lowest Supply Voltage * 045 = 4.5 volts 031 = 3.1 volts 030 = 3.0 volts 027 = 2.7 volts Series (Part Type, Logic & Package)
* Supply Voltage: Select range between 2.7V and 5.5V with ratio of Highest / Lowest < 1.20 For Example: the part number for 3.3V nominal could be TBA4030036.........
ESD Rating
Model Human Body Model Charged Device Model Minimum Voltage 1500 1000 Conditions MIL-STD-883 Method 3115 JESD 22-C101
www.pletronics.com
425-776-1880
2
TBA4 Series
TCVCXO Oscillator
February 2009
Electrical Specification for specified Vcc over the specified temperature range
Item Frequency Range Frequency Accuracy
1
Min 10 -2.5 -0.1 -0.2
Max 52 +2.8 +0.1 +0.2
Unit MHZ ppm ppm
Condition
Vcontrol 1.50 volts if used 2 Load: 10K ohm // 10 pF & VCC _ 5% +
Frequency Stability versus Supply Output Waveform Output Amplitude Phase Noise <=40 MHZ >40 MHZ 1 Hz 10 Hz 100 Hz 1 KHz 10 KHz >10 KHz VCC
Clipped Sinewave 1.0 0.8 -62 -91 -116 -137 -145 -145 5.5 2.0 2.7 4.4 10 +1.5 +0.5 2.50 +50 +15 +85 +95 V P-P dBc/Hz Load: 10K ohm // 10 pF
V Supply Range 1
2.7 -
Volts mA 10K ohm // 10 pF
Supply Current ICC at 13 MHZ ICC at 26 MHZ ICC at 52 MHZ Start-up time Aging Vcontrol Range Vcontrol Input Current Frequency Pullability 1 Operating Temperature Range 1 Storage Temperature Range
1
2
-1.0 -0.5 0.5 -50 -15 -45 -55
mS ppm Volts uA ppm
o
to be within 3 ppm of the final frequency Per year at 25oC for the first year For any year thereafter 1.50 volts nominal
C C
o
Specified by part number For all supply voltages, load changes, aging for 1 year, shock, vibration and temperatures
www.pletronics.com
425-776-1880
3
TBA4 Series
TCVCXO Oscillator
February 2009
Reliability: Environmental Compliance
Parameter Mechanical Shock Vibration Solderability Thermal Shock Condition MIL-STD-883 Method 2002, Condition A MIL-STD-883 Method 2007, Condition A MIL-STD-883 Method 2003 MIL-STD-883 Method 1011, Condition A
Part Marking:
ymd = Date code fff.fff = frequency in MHZ P = Pletronics LH = Lowest Temp, Highest Temp XXX = Stability Due to part size limitations, marking cannot identify complete specifications. Codes for Date Code YMD
Code Year Code Month Code Day Code Day 6 2006 A JAN 1 1 H 17 7 2007 B FEB 2 2 J 18 8 2008 C MAR 3 3 K 19 4 4 L 20 9 2009 D APR 5 5 M 21 E MAY 6 6 N 22 7 7 P 23 0 2010 F JUN 8 8 R 24 1 2011 G JUL 9 9 T 25 H AUG A 10 U 26 B 11 V 27 2 2012 J SEP C 12 W 28 K OCT D 13 X 29 L NOV E 14 Y 30 F 15 Z 31 M DEC G 16
TBymda fff.fff M PLHXXX
Where:
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Courier New Bar code is 39-Full ASCII Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Arial
www.pletronics.com
425-776-1880
4
TBA4 Series
TCVCXO Oscillator
February 2009
Mechanical:
4
3
3
4
1
2
2
1
Not to Scale A Pad 1 Function Vcontrol Input Note If this function is not specified, recommend connecting this pad to ground. B C D1 E1 F1 Recommend connecting appropriate power supply bypass capacitors as close as possible. G1 H1 J1 K1
Inches 0.276 +0.006 _ 0.197 +0.006 _ 0.074 +0.006 _ 0.039 0.197 0.025 0.118 0.020 0.051 0.154
mm 7.00 +0.15 _ 5.00 +0.15 _ 1.88 +0.15 _ 1.00 5.00 0.90 3.00 0.50 1.30 3.90
2 3 4
Ground (GND) Output Supply Voltage (VCC)
1
Typic dimensions
Contacts : Gold 11.8 inches
0.3 m minimum over Nickel 50 to 350 inches
1.27 to 8.89 m
There are additional pads on the package bottom, these are not to be connected to any traces on the PCB, solder masking on the PCB should be used to make sure no contact is made.
www.pletronics.com
425-776-1880
5
TBA4 Series
TCVCXO Oscillator
February 2009
Reflow Cycle (typical for lead free processing)
Temperature (C)
250 200 150 100 175C10C
260C Maximum 10 Seconds Maximum 215C10C
120 to 160 Seconds
Approximately 50 Seconds Allowed rate of temperature change Maximum 4C per second
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel
Constant Dimensions Table 1 Tape Size 8mm 12mm 16mm 24mm 1.5 +0.1 -0.0 D1 Min 1.0 1.5 1.5 1.5 1.75 _0.1 + 4.0 0.6 _ +0.1 2.0 _0.1 + 0.6 0.1 S1 Min T Max T1 Max
D0
E1
P0
P2
2.0 _ +0.05
Variable Dimensions Table 2 Tape Size 16 mm B1 Max 12.1 E2 Min F P1 T2 Max 8.0 W Max 16.3 Ao, Bo & Ko Note 1 Not to scale
14.25
7.5 _0.1 +
8.0 +0.1 _
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
REEL DIMENSIONS A inches mm B inches mm C D mm mm 16.4 +2.0 -0.0 --7.0 177.8 2.50 63.5 10.0 254.0 4.00 101.6 13.0 +0.5 / -0.2 16.4 +2.0 -0.0 --16.4 +2.0 -0.0 24.4 +2.0 -0.0 32.4 +2.0 -0.0 16.0 13.0 330.2 3.75 95.3 Tape Width
mm
24.0
mm
---
---
32.0
Reel dimensions may vary from the above
www.pletronics.com
425-776-1880
6
TBA4 Series
TCVCXO Oscillator
February 2009
IMPORTANT NOTICE Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and other changes to this product at anytime. PLE reserves the right to discontinue any product or service without notice. Customers are responsible for obtaining the latest relevant information before placing orders and should verify that such information is current and complete. All products are sold subject to PLE's terms and conditions of sale supplied at the time of order acknowledgment. PLE warrants performance of this product to the specifications applicable at the time of sale in accordance with PLE's limited warranty. Testing and other quality control techniques are used to the extent PLE deems necessary to support this warranty. Except where mandated by specific contractual documents, testing of all parameters of each product is not necessarily performed. PLE assumes no liability for application assistance or customer product design. Customers are responsible for their products and applications using PLE components. To minimize the risks associated with the customer products and applications, customers should provide adequate design and operating safeguards. PLE products are not designed, intended, authorized or warranted to be suitable for use in life support applications, devices or systems or other critical applications that may involve potential risks of death, personal injury or severe property or environmental damage. Inclusion of PLE products in such applications is understood to be fully at the risk of the customer. Use of PLE products in such applications requires the written approval of an appropriate PLE officer. Questions concerning potential risk applications should be directed to PLE. PLE does not warrant or represent that any license, either express or implied, is granted under any PLE patent right, copyright, artwork or other intellectual property right relating to any combination, machine or process which PLE product or services are used. Information published by PLE regarding third-party products or services does not constitute a license from PLE to use such products or services or a warranty or endorsement thereof. Use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from PLE under the patents or other intellectual property of PLE. Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is without alteration and is accompanied by associated warranties, conditions, limitations and notices. Reproduction of this information with alteration is an unfair and deceptive business practice. PLE is not responsible or liable for such altered documents. Resale of PLE products or services with statements different from or beyond the parameters stated by PLE for that product or service voids all express and implied warranties for the associated PLE product or service and is an unfair or deceptive business practice. PLE is not responsible for any such statements. Contacting Pletronics Inc. Pletronics Inc. Tel: 425-776-1880 Fax: 425-776-2760 19013 36th Ave. W, Suite H Lynnwood, WA 98036-5761 USA E-mail: ple-sales@pletronics.com URL: www.pletronics.com Copyright (c) 2008, 2009 Pletronics Inc.
www.pletronics.com
425-776-1880
7


▲Up To Search▲   

 
Price & Availability of TBA4027055A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X