|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Electrical Specifications at 25OC Parameter Units PRI. SEC. Impedance 600 600 1:1.1036 Low Profile Coupling Transformer Schematic Diagram PRI SEC Turns Ratio (+2%) Direct Current in Pri. (DCI) DC Resistance maximum PRI. + 10% SEC. + 10% 120 57.5 99 1.3 11 dB + 0.5 -55 2200 mA dB dB Insertion Loss Return Loss Echo Return Loss Frequency Response T.H.D. Isolation Longitudinal Balance max., ref. 1 kHz min., 300 Hz min.18.0 300 Hz to 3.5 kHz typ. 300 Hz, 0 dBm minimum dB dB VDC Meets FCC Part 68.310 (a) requirements Insulation Resistance >100M @500 VDC * *Copper foil shield terminated to pin #6 and core. Physical Dimensions inches (mm) 5 6 1 2 7 8 3 4 RHOMBUS P/N: T-31008 CUST P/N: DATE: 3/21/97 NAME: SHEET: 1 of 1 Rhombus Industries Inc. Transformers & Magnetic Products www.rhombus-ind.com 15801 Chemical Lane, Huntington Beach, CA 92649 Phone: (714) 898-0960 FAX: (714) 896-0971 |
Price & Availability of T-31008 |