Part Number Hot Search : 
CZTA7710 0603C 8109B AN1464 2016A TMF1500A ERD15F 13210
Product Description
Full Text Search
 

To Download SY898533L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SY898533L
Precision Differential 3.3V Low Skew LVPECL 1:4 Fanout Buffer
General Description
The SY898533L is a 3.3V, low skew, 1:4 LVPECL fanout buffer with two selectable clock input pairs. Most standard differential input levels can be applied to the CLK, /CLK pair while LVPECL, CML, or SSTL input levels can be applied to the PCLK, /PCLK pair. To eliminate runt pulses on the outputs during asynchronous assertion/de-assertion of the clock enable pin, the clock enable is synchronized with the input signal. The SY898533L operates from a 3.3V 5% supply and is guaranteed over the full industrial temperature range of 0C to +70C. The SY898533L is part of Micrel's high(R) speed, Precision Edge product line. Datasheets and support documentation can be found on Micrel's web site at: www.micrel.com.
Precision Edge
(R)
Features
Provides four differential 3.3V LVPECL copies Selects between differential CLK, /CLK or LVPECL clock inputs CLK, /CLK pair accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL input levels PCLK, /PCLK pair accepts LVPECL, CML, SSTL input levels Guaranteed AC performance over temperature and supply voltage: 650MHz Maximum output frequency < 1.4ns Propagation delay (In-to-Q) < 30ps Output skew < 150ps Part-to-part skew Additive phase jitter, RMS: 0.06ps (typical) 3.3V 5% supply voltage 0C to +70C temperature operating range Available in a 20-pin TSSOP package
Functional Block Diagram
Applications
SONET clock distribution Backplane distribution
Markets
LAN/WAN Enterprise servers ATE Test and measurement
Precision Edge is a registered trademark of Micrel, Inc. Micrel Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel +1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
July 2009
M9999-072409-C hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY898533L
Ordering Information
Part Number SY898533LKZ SY898533LKZTR
Notes: 1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals Only. 2. Tape and Reel.
(2)
Package Type K4-20-1 K4-20-1
Operating Range Commercial Commercial
Package Marking SY898533 with Pb-Free bar-line Indicator SY898533 with Pb-Free bar-line Indicator
Lead Finish Matte-tin Pb-Free Matte-tin Pb-Free
Pin Configuration
20-Pin TSSOP (K4-20-1)
July 2009
3
M9999-072409-C hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY898533L
Pin Description
Pin Number 1 Pin Name VEE Pin Function Ground. Single-Ended Input: This TTL/CMOS input disables and enables the Q0-Q3 outputs. It is internally connected to a 50k pull-up resistor and will default to a logic HIGH state if left open. When disabled, Q goes LOW and /Q goes HIGH. CLK_EN being synchronous, outputs will be enabled/disabled following a rising and a falling edge of the input clock. VTH = is approximately 1.5V. Single-Ended Input: This single-ended TTL/CMOS-compatible input selects the input to the multiplexer. Note that this input is internally connected to a 50k pull-down resistor and will default to logic LOW state if left open. VTH = is approximately 1.5V. Differential Input: This input pair is a differential signal input to the device. This input accepts AC- or DC-coupled signals. CLK is internally connected to a 28k pull-down resistor and will default to a logic LOW state if left open while /CLK is connected to a 50k pull-up resistor and will default to a logic HIGH state if left open. This input pair is selected when CLK_SEL is set to logic LOW. Differential Input: This input pair is a differential signal input to the device. This input accepts AC- or DC-coupled signals. PCLK is internally connected to a 50k pull-down resistor and will default to a logic LOW state if left open while /PCLK is connected to a 50k pull-up resistor and will default to a logic HIGH state if left open. This input pair is selected when CLK_SEL is set to logic HIGH. Unused Pins Positive Power Supply Pins: Bypass with 0.1F||0.01F low ESR capacitors as close to the VCC pins as possible. LVPECL Differential Output Pairs: Differential buffered output copies of the selected input signal. The output swing is typically 800mV. Unused output pairs may be left floating with no impact on jitter. These differential LVPECL outputs are a logic function of the CLK, /CLK and PCLK, /PCLK, and CLK_SEL inputs. See "Truth Table" below.
2
CLK_EN
3
CLK_SEL
4, 5
CLK, /CLK
6, 7
PCLK, /PCLK
8, 9 10, 13, 18 20, 19 17, 16 15, 14 12, 11
NC VCC Q0, /Q0 Q1, /Q1 Q2, /Q2 Q3, /Q3
Truth Table
Inputs CLK_EN 0 0 1 1 CLK_SEL 0 1 0 1 Selected Source CLK, /CLK PCLK, /PCLK CLK, /CLK PCLK, /PCLK Q0 :Q3 Disabled : LOW Disabled : LOW CLK PCLK Outputs /Q0:/Q3 Disabled : HIGH Disabled : HIGH /CLK /PCLK
July 2009
4
M9999-072409-C hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY898533L
Absolute Maximum Ratings(1)
Supply Voltage (VCC) .......................................-0.5V to +4.6V Input Voltage (VIN) ....................................-0.5V to VCC +0.5V LVPECL Output Current (IOUT) ................................................ Continuous ...............................................................50mA Surge ......................................................................100mA Lead Temperature (soldering, 20 sec.) ......................+260C Storage Temperature (Ts) ............................. -65C to 150C
Operating Ratings(2)
Supply Voltage (VCC) ..............................+3.135V to +3.465V Ambient Temperature (TA) ................................ 0C to +70C (3) Package Thermal Resistance TSSOP (q JA) Still-Air......................................................... 73.2C/W
Power Supply DC Electrical Characteristics(4)
VCC = 3.3V 5%; TA = 0C to +70C, unless otherwise stated.
Symbol VCC IEE Parameter Power Supply Power Supply Current No load, max VCC Condition Min 3.135 Typ 3.3 Max 3.465 50 Units V mA
LVCMOS/LVTTL DC Electrical Characteristics(4)
VCC = 3.3V 5%; TA = 0C to +70C, unless otherwise stated.
Symbol VIH VIL IIH IIL Parameter Input High Voltage Input Low Voltage Input High Current Input Low Current CLK_EN CLK_SEL CLK_EN CLK_SEL VIN = VCC = 3.465V VIN = VCC = 3.465V VIN = 0V, VCC = 3.465V VIN = 0V, VCC = 3.465V -150 -5 Condition Min 2 -0.3 Typ Max VCC + 0.3V 0.8 5 150 Units V V A A A A
Differential DC Electrical Characteristics(4)
VCC = 3.3V 5%; TA = 0C to +70C, unless otherwise stated.
Symbol IIH IIL VPP VCMR
Notes: 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings. 3. qJA value is determined for a 4-layer board in still air unless otherwise stated. 4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. 5. Maximum input voltage for PCLK and /PCLK is VCC + 0.3V for single ended applications. 6. VIH is defined as the common mode voltage.
Parameter Input High Current Input Low Current Peak-to-Peak Input Voltage Common Mode Input Voltage
(5, 6)
Condition CLK /CLK CLK /CLK VIN = VCC = 3.465V VIN = VCC = 3.465V VIN = 0.5V, VCC = 3.465V VIN = 0.5V, VCC = 3.465V
Min
Typ
Max 150 5
Units A A A A
-5 -150 0.15 VEE + 0.5 1.3 VCC - 0.85
V V
July 2009
5
M9999-072409-C hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY898533L
LVPECL DC Electrical Characteristics(7)
VCC = 3.3V 5%; TA = 0C to +70C, unless otherwise stated.
Symbol IIH IIL VPP VCMR VOH VOL VSWING
Notes: 7. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. 8. Maximum input voltage for PCLK and /PCLK is VCC + 0.3V for single ended applications. 9. VIH is defined as the common mode voltage. 10. 50 to VCC-2V terminated outputs.
Parameter Input High Current Input Low Current Peak-to-Peak Input Voltage Common Mode Input Voltage Output High Voltage Output Low Voltage
(10) (10) (8, 9)
Condition PCLK /PCLK PCLK /PCLK VIN = VCC = 3.465V VIN = VCC = 3.465V VIN = 0V, VCC = 3.465V VIN = 0V, VCC = 3.465V
Min
Typ
Max 150 5
Units A A A A
-5 -150 0.3 VEE + 1.5 VCC - 1.4 VCC - 2.0 0.6 1 VCC VCC - 0.9 VCC - 1.7 1.0
V V V V V
Peak-to-Peak Output Voltage Swing
AC Electrical Characteristics(11)
VCC = 3.3V 5%; RL = 50 to VCC-2V; TA = 0C to +70C, unless otherwise stated.
Symbol fMAX tPD tSKEW tJITTER tr, tf odc
Notes: 11. High-frequency AC-parameters are guaranteed by design and characterization. 12. Output-to-Output skew is measured between two different outputs under identical transitions. 13. Part-to-Part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the respective inputs. This parameter is defined in accordance with JEDEC Standard 65. 14. Driving only one input clock.
Parameter Maximum Operating Frequency Differential Propagation Delay IN-to-Q Output-to-Output Skew Part-to-Part Skew
(13) (14) (12)
Condition f 650MHz
Min 650 1.0
Typ
Max 1.4 30 150
Units MHz ns ps ps psRMS ps %
Additive Phase Jitter Output Duty Cycle
0.06 20% to 80% @ 50MHz 300 47 700 53
Output Rise/Fall Time
July 2009
6
M9999-072409-C hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY898533L
Timing Diagrams
Figure 1a. CLK_EN Timing Diagram
Figure 1b. Propagation Delay
Figure 1c. Output-to-Output Skew
July 2009
7
M9999-072409-C hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY898533L
Typical Operating Characteristics
VCC = 3.3V, VEE = 0V, VIN = 800mV, RL = 50 to VCC-2V; TA = 25C, unless otherwise stated.
Output Swing vs. Frequency
900 800
Output Swing (mV)
700 600 500 400 300 200 100 0
0 100 200 300 400 500 600 700 800 9001000
Frequency (MHz)
July 2009
8
M9999-072409-C hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY898533L
Functional Characteristics
VCC = 3.3V, VEE = 0V, VIN = 800mV, RL = 50 to VCC-2V; TA = 25C, unless otherwise stated
July 2009
9
M9999-072409-C hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY898533L
CLK, /CLK Input Interface Applications
Figure 2a. LVHSTL Interface (DC-Coupled)
Figure 2b. LVPECL Interface (DC-Coupled)
Figure 2c. LVPECL Interface (DC-Coupled)
Figure 2d. LVDS Interface (DC-Coupled)
Figure 2e. LVPECL Interface (AC-Coupled)
July 2009
10
M9999-072409-C hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY898533L
PCLK, /PCLK Input Interface Applications
Figure 3a. CML Open Collector Interface (DC-Coupled)
Figure 3b. CML Built-in Pull-up Interface (DC-Coupled)
Figure 3c. LVPECL Interface (DC-Coupled)
Figure 3d. LVPECL Interface (AC-Coupled)
Figure 3e. SSTL Interface (DC-Coupled)
Figure 3f. LVDS Interface (AC-Coupled)
July 2009
11
M9999-072409-C hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY898533L
Package Information
20-Pin TSSOP (K4-20-1)
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2009 Micrel, Incorporated.
July 2009
12
M9999-072409-C hbwhelp@micrel.com or (408) 955-1690


▲Up To Search▲   

 
Price & Availability of SY898533L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X