Part Number Hot Search : 
500XT TB1238BN TPM754 B1424 20M63 HD641 BY614 NTX2N67
Product Description
Full Text Search
 

To Download SU30092R2YL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF :20080804-A PROD. NAME PAGE: 1 ABC'S DWG NO. ABC'S ITEM NO. A B C D E F G H I J : : : : : : : : : : 3.30 3.50 0.95 1.10 0.50 2.30 1.30 4.20 1.20 1.80 0.20 0.20 0.10 typ. typ. typ. ref. ref. ref. ref. m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m SU3009L-
SHIELDED SMD POWER INDUCTOR
CONFIGURATION & DIMENSIONS
Marking (Black)
A
( PCB Pattern Suggestion )
SCHEMATIC DIAGRAM
a c b d
e
MATERIALS
aCoreFerrite DR core bCoreFerrite RI core cWire Enamelled copper wire (class H) dAdhesive Epoxy resin eTerminalAg/Ni/Sn fRemarkProducts comply with RoHS' requirements
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area Forced Cooling Area +2.0 ~ 4.0 -(1.0 ~ 5.0) / sec max. / sec max.
Peak Temperature: 260 50sec max. 230
250
aTemp. rise 40 typ. bRated current Base on temp. rise & L / L0A=35% typ. cStorage temp.-40 ----+125 dOperating temp.-40----+105 eResistance to solder heat260.10 secs.
AR-001A
Temperature ( )
GENERAL SPECIFICATION
200 150
70sec max.
100 50
0
50
100
150 Time ( second s )
200
250
SPECIFICATION FOR APPROVAL
REF : 20080804-A PROD. NAME PAGE: 2 ABC'S DWG NO. ABC'S ITEM NO. SU3009L-
SHIELDED SMD POWER INDUCTOR
ELECTRICAL CHARACTERISTICS
DWG No. Inductance ( H ) Q ref. Test Freq. ( Hz ) L Q 100K 7.96M 100K 7.96M 100K 7.96M 100K 7.96M 100K 7.96M 100K 2.52M 100K Irms Isat RDC SRF ( m ) ( MHz ) ( mA ) ( mA ) Marking typ. max. typ. typ. typ. 88 115 180 230 400 610 115 145 225 290 500 760 210 150 130 100 85 60 40 1000 800 650 480 400 280 220 1100 850 720 500 430 350 250 A B C D E F G
SU30091R3YL - 1.3 30 10.0 SU30092R2YL - 2.2 30 8.5 SU30093R3YL - 3.3 30 8.0 SU30094R7YL - 4.7 30 9.0 SU30096R8YL - 6.8 30 8.0 SU3009100YL - 10.0 30 8.5 SU3009220YL - 22.0 30 20.0 1)
2.52M 1300 1600
2) ."":Reference code 3)Inductance Test Freq.100KHz / 0.1V 4)Irms base on Temp. rise 40 typ. 5)Isat base on L / L0A=35% typ.
Packaging Information... A Bulk B Taping Reel
@ Inductance VS. DC Current Curve
10 2 7 5 3 2 InductanceuH 10 1 7 5 3 2 10 0 7 5 3 2 10 -1 10 -2 1R3 220 100 4R7
2
3
5 7 10 -1
2
3
5 7 10 0
2
3
5 7 10 1
DC Current (A)
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20080804-A PROD. NAME PAGE: 3 ABC'S DWG NO. ABC'S ITEM NO. SU3009L-
SHIELDED SMD POWER INDUCTOR
PACKAGING INFORMATION
( 1 ) Configuration T
Cover tape
2.00.5 A N C C B
G
D
Embossed carrier
Carrier tape width : D P:8 m/m End 4 m/m Start
A
Leadr no component 200 m/m min.
A
A
A
Trailer no component 400 m/m min.
Components User direction of feed
( 2 ) Dimensions Style 07 - 12 A 178 B 210.8 C 13 D 12 G 14 +0 N 50 -0
Unit:m/m T 16.5
( 3 ) Q'TY & G.W. Per package Inner : Reel Series
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs) G.W. (Kg) Size (cm)
Outer : Carton
SU3009
1,500
150
07 - 12
60,000
8.50
42 x 41 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF :
20080804-A SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
PAGE: 4 SU3009L-
PROD. NAME
DWGING NUMBER EXPRESSION
S
U
3
0
0
9 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information Code A B T.B.D. T / R ( Reel package ) Inner package Inner package Q'TY T.B.D. 1,500 pcs Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF :
20080804-A
PAGE: 5 ABC'S DWG NO. ABC'S ITEM NO. SU3009L-
PROD. NAME
SHIELDED SMD POWER INDUCTOR
RELIABILITY TEST
Test item
Specification More than 95% of the terminal electrode Shall be covered With fresh solder.
Test condition Preheat : 155 / 4 hours. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 50.5 seconds
Solderability
Thermal shock test ( Temp. cycle )
Electrical oharacteristics shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-40 30 minutes +105 30 minutes
Humidity test
Temperature : 402 Humidity : 905% Time : 1000 hours
High temp. Resistance test
Temperature : 1055 Applied current : Per spec. Time : 96 hours
AR-001A
SPECIFICATION FOR APPROVAL
REF :20080804-A PROD. NAME PAGE: 6 ABC'S DWG NO. ABC'S ITEM NO. SU3009L-
SHIELDED SMD POWER INDUCTOR
UL CARD
OBMW2 Magnet Wire-Comporent
August 27, 1999 E143312
ELEKTRISOLA (MALAYSLA) SDN BHD IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG DARUL MAKMUR MALAYSIA
Coating Type Mtl Dsg
Estersol 160 Amldester 200 Polysol-N 155 Polysol 155 Polysol 155g Polysol 155p Polysol 160 Polysol 180 Polysol 170 Polysol-N 180
Mark Dsg
E180 A200 PN155 P155 Pg155 Pp155,Gp155 P160 P180 P170 or G170 PN180
BC
Polyesterimide (solderable) Polyesterimide Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane
OC
____ ____ Nylon ____ ____ ____ ____ ____ ____ Nylon
ANSI Typ
MW-77 MW-74 MW-80, MW-28 MW-79, MW-79 MW-79 MW-79 MW-79 MW-79 MW-79 ____
Temp Class
180 200 155, 100 155, 130 130 155 155 155 156 180
MarkingDompany name/nateriel designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
AR-001A


▲Up To Search▲   

 
Price & Availability of SU30092R2YL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X