Part Number Hot Search : 
TPSMA12A XC3090A 80510 SMAJ40 16374A 80510 80510 80510
Product Description
Full Text Search
 

To Download SU20092R2YP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2009P-
CONFIGURATION & DIMENSIONS
B
A : 2.80 0.20 B C : 3.30 0.20 : 0.90 0.10
m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m
A
D : 0.90 typ.
A
E : 0.90 typ. F1 : 1.30 ref. F2 : 3.00 ref. G : 0.65 ref. H : 2.10 ref. I J R F1 G : 1.20 ref. : 1.00 ref. : 1.00 ref. F2
or
H
R
SCHEMATIC DIAGRAM
G
1.24 typ. ( PCB Pattern Suggestion )
MATERIALS
aCoreFerrite DR core bCoreFerrite RI core cWire Enamelled copper wire ( Class H ) dAdhesive Epoxy resin eTerminalAg/Ni/Sn fRemarkProducts comply with RoHS' requirements
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area Forced Cooling Area
+2.0 ~ 4.0 -(1.0 ~ 5.0) / sec max. / sec max.
Peak Temperature: 260
250
50sec max. 230
aTemp. rise 40 typ. bStorage temp.-40 ----+125 cOperating temp.-40----+105 dResistance to solder heat260.10 secs.
Temperature ( )
GENERAL SPECIFICATION
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
I
250
AR-001A
J
I
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2009P-
ELECTRICAL CHARACTERISTICS
DWG No. SU20091R0YP - SU20092R2YP - SU20093R3YP - SU20094R4YP - SU20096R8YP - SU2009100YP - SU2009150YP - SU2009220YP - 1). Inductance ( H ) 1.0 30 2.2 30 3.3 30 4.4 30 6.8 30 10.0 30 15.0 30 22.0 30 Q Test Freq. SRF ( MHz ) ref. ( MHz ) typ. 7 7 7 7 7 10 10 10 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 200 120 100 85 70 50 40 30 Isat RDC Irms ( m ) ( mA ) ( mA ) Marking typ. max. typ. typ. 80 160 240 320 500 825 1050 2000 110 210 320 430 650 1080 1370 2600 1450 1100 800 680 520 400 300 220 1300 800 600 500 450 350 300 220 A C E F G H I J
2)."":Reference code 3). Inductance Test Freq. 100KHz /0.1V 4). Irms base on Temp. rise 40 typ. 5). Isat base on L / L0A=35% typ.
Packaging Information... ABulk BTaping Reel
@ Inductance VS. DC Current Curve
10 2 7 5 3 2 InductanceuH 10 1 7 5 3 2 10 0 7 5 3 2 10 -1 10 -2 220 100
1R0
2
3
5 7 10 -1
2
3
5 7 10 0
2
3
5 7 101
DC Current (A)
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2009P-
PACKAGING INFORMATION
( 1 ) Configuration T
Cover Tape
2.00.5 A N C C B
G
D
Embossed carrier
Carrier tape width : D
End
A A A A A A A A A
Start
Leader no component User direction of feed
Trailer no component
( 2 ) Dimensions Style 07 - 12 A 178 B 210.8 C 13 D 12 G 14 +0 N 50 -0
Unit:m/m T 16.5
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SU2009
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
1,500
165
07 - 12
60,000
6.6
42 x 41 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2009P-
DWGING NUMBER EXPRESSION
S
U
2
0
0
9 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification PLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information Code A B Inner package T.B.D. T / R ( Reel package ) Inner package Q'TY T.B.D. 1,500 pcs Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2009P-
RELIABILITY TEST
Test item
Specification
Test condition Preheat : 155 / 4 hours. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 50.5 seconds
Solderability
More than 95% of the terminal electrode Shall be covered With fresh solder.
Thermal shock test ( Temp. cycle )
Electrical oharacteristics shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-40 30 minutes +105 30 minutes
Humidity test
Temperature : 402 Humidity : 905% Time : 1000 hours
High temp. Resistance test
Temperature : 1055 Applied current : Per spec. Time : 96 hours
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SU2009P-
UL CARD
OBMW2 Magnet Wire-Comporent
August 27, 1999 E143312
ELEKTRISOLA (MALAYSLA) SDN BHD IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG DARUL MAKMUR MALAYSIA
Coating Type Mtl Dsg
Estersol 160 Amldester 200 Polysol-N 155 Polysol 155 Polysol 155g Polysol 155p Polysol 160 Polysol 180 Polysol 170 Polysol-N 180
Mark Dsg
E180 A200 PN155 P155 Pg155 Pp155,Gp155 P160 P180 P170 or G170 PN180
BC
Polyesterimide (solderable) Polyesterimide Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane
OC
____ ____ Nylon ____ ____ ____ ____ ____ ____ Nylon
ANSI Typ
MW-77 MW-74 MW-80, MW-28 MW-79, MW-79 MW-79 MW-79 MW-79 MW-79 MW-79 ____
Temp Class
180 200 155, 100 155, 130 130 155 155 155 156 180
MarkingDompany name/nateriel designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
AR-001A


▲Up To Search▲   

 
Price & Availability of SU20092R2YP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X