Part Number Hot Search : 
NTE181 RT1P24BS P15KP22 P1037 CJ7805 ZTX550 SMAJ43 LAA100PL
Product Description
Full Text Search
 

To Download SR308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR302 thru SR310
MINIATURE SCHOTTKY BARRIER RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 20 TO 80 Volts CURRENT 3.0 Amperes
DO-214AB
.115(2.92) .121(3007) .030(0.76) .060(1.52) .079(2.00) .103(2.62)
DO-201AD
FEATURES
Low switching noise Low forward voltage drop High current capability High switching capability High reliability High surge capability
.260(6.60) .280(7.11)
.004(.102) .008(.203) .305(7.75) .320(8.13)
.006(.152) .012(.305)
.220(5.59) .245(6.22)
MECHANICAL DATA
Case:Molded plastic Epoxy:UL 94V-0 rate flame retardant Lead:MIL-STD-202 method 208 quaranteed Mounting position:Any
SMD-SUFFIX "S"
SMC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
At TA=250C unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. All values except Maximum RMS Voltage are registered JEDEC Parameters.
SR302
SR303
30 21 30
SR304
40 26 40
SR305
50 35 50 3.0 80
SR306
60 42 60
SR308
80 56 80
SR310
100 80 80
UNITS
V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage to 1500C Max Maximum Average Forward Rectified Current at 750C Maximum Overload Surge Current at 1 cycle Maximum Forward Voltage at 3.0 ADC Maximum Full Load Reverse Current Full Cycle Average at 250C Maximum DC Reverse Current at Rated DC Blocking Voltage and 1000C Typical Junction Capacitance (NOTE 1) Typical Thermal Resistance (NOTE 2) R JA Operating Temperature Range Storage Temperature Range
20 14 20
0.50 0.5
0.75
0.85
V mADC
30 180 40.0 -55 to +125 -55 to +125
mADC pF
0
C/W
0
C C
0
Notes : 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Thermal Resistance Junction to Ambient.
SR302 thru SR310
MINIATURE SCHOTTKY BARRIER RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES SR302 THRU SR310
Fig.2 - REVERSE INSTANT ANEOUS CHARACTERISTICS Fig.1 - TYPICAL REVERSE CHARACTERISTICS
20
TJ=250C
50
(PULSE MEASUREMENT)
20
TC=1 25C(M
0 0
AX)
Pulse Width-300 s 2% DUTY CYCLE 10 10
25C TC=1
(TP Y)
INSTANTANEOUS FORWARD CURRENT, AMPERES
REVERSE CURRENT(mA)
5
00C TC=1
0
2 1
(TP Y)
SK320~SK340 1.0
SK350~SK380
.5
TC=7
5C(T P
0
Y)
.2 .1 .05 0.1 .2 .3 .4 .5 .6 .7 .8 .9 .02 0 5 10 15
TC=5
0C(T P
0
Y)
INSTANTANEOUS FORWARD VOLT AGE, (V)
20
25
30
REVERSE VOLTAGE(V)
Fig.5 - MAXIMUM CURRENT OUTPUT Vs, AMBIENT TEMPERATURE.
3.0 500
Fig.4 - TYPICAL JUNCTION CAPACIT ANCE
AVERAGE RECTIFIED CURRENT OUTPUT (%)
JUNCTION CAPACITANCE, pF
2.5
200 100
50 SK3
20 SK3
2.0
0 K38 ~S
K3 4 ~S
50
1.5
0
20
1.0
10 5 .1 1 10 40
.5
0 0 25 50 75 100 125 150
REVERSE JUNCTION POTENTIAL VOLTAGE (V) (APPLIED +0.7 VOLTS)
AMBIENT TEMPERATURE, 0C


▲Up To Search▲   

 
Price & Availability of SR308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X