Part Number Hot Search : 
MTP50W VSSRC 1307028 EB15D7 TA78L007 2SB1603A VTS80 CDBU0140
Product Description
Full Text Search
 

To Download SR20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR2030CT thru SR20150CT
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 150Volts FORWARD CURRENT - 20.0 Amperes TO-220AB FEATURES
Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity Plastic package has UL flammability
.108 (2.75)
.413(10.5) .374(9.5)
.153(3.9) .146(3.7)
.187(4.7) .148(3.8) .055(1.4) .047(1.2)
.270(6.9) .230(5.8) .610(15.5) .583(14.8)
classification 94V-0 For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications
MECHANICAL DATA
Case: TO-220AB molded plastic Polarity: As marked on the body
.051 (1.3) .043(1.1) .032(0.8) .102(2.6) .091(2.3)
.157 .583(14.8) (4.0) .531(13.5)
Weight: 0.08ounces,2.24 grams
Mounting position :Any
.024(0.6) .012(0.3) .126 (3.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current ( See Fig.1) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage at 10.0A DC(Note1) Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25 @TJ=100 @TC=95
SYMBOL VRRM VRMS VDC I(AV)
SR 2030CT 30 21 30
SR 2040CT 40 28 40
SR 2050CT 50 35 50
SR 2060CT 60 42 60 20
SR SR SR 2080CT 20100CT 20150CT 80 56 80 100 70 100 150 105 150
UNIT V V V A
IFSM VF IR CJ RJC TJ TSTG 0.55 0.60 0.70
250 0.85 1.0 50 600 2.0 -55to+150 -55to+150 0.85 0.95
A V mA pF /W
Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES:1.300us pulse width,2% dudy cycle.
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC. 3.Thermal resistance junction to case.
~ 187 ~
RATING AND CHARACTERTIC CURVES SR2030CT thru SR20150CT
FIG. 1 - FORWARD CURRENT DERATING CURVE 20 AVERAGE FORWARD CURRENT AMPERES PEAK FORWARD SURGE CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 300 250 200 150 100 50 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL FORWARD CHARACTERISTICS FIG.3-TYPICAL REVER CHARACTERISTICS 100 1000
SR2040CT SR2030CT PULSE WIDTH 8.3 ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
15
10
5
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
0 25 50 75 100 125 150 175 CASE TEMPERATURE ()
INSTANTANEOUS REVERSE CURRENT,(mA)
INSTANTANEOUS FORWARD CURRENT, (A)
SR2050CT-SR2060CT
100
10
SR2080CT -SR20100CT
10
TJ=100
1.0
TJ=75
1.0
SR20150CT
TJ=25
TJ = 25C PULSE WIDTH 300us 2% DUTY CYCLE
0.1
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.3 - TYPICAL JUNCTION CAPACITANCE 10000
CAPACITANCE, (pF)
1000
TJ = 25C f = 1 MHz
100 0.1
10 1 REVERSE VOLTAGE ,VOLTS
100
~ 188 ~


▲Up To Search▲   

 
Price & Availability of SR20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X