Part Number Hot Search : 
ST24W01 2010A LV5693P 8R005 AM29030 AP943 P85N10 BD101
Product Description
Full Text Search
 

To Download SPVS410100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Two-way Operation Type
SPVS Series
A circuit variation of Normal Open and Normal Close.
Typical Specifications
Items Rating max. min. Resistive load Operating force Total travel Operating life Specifications Push
1mA 5V DC/50BA 3V DC 0.35N max. 1.55mm 50,000cycles
Detector Switch
Detector
Slide Rotary Encoders Power
Product Line
Poles Positions Terminal type Lever shape Operating direction Circuit
N/O Without Right With N/C Without Standerd 1 1 For PC board Reflow Left With N/C Without With Long Right N/C Without SPVS360200 SPVS420200 SPVS360100 5 SPVS420100 4 With N/O Without 20,000 SPVS410200 SPVS410100 3 SPVS320200 SPVS320100 2 SPVS310200
Location lug
With
Minimum order unit pcs
Product No.
SPVS310100
Drawing No.
1
Dual-in-line Package Type TACT SwitchTM CustomProducts
Taping Packaging
Reel Size
Unit:mm
Number of packages pcs. 1 reel
5,000
1 case Japan
10,000
1 case export packing
20,000
Tape width mm
16
Note
380 17.5
Please place purchase orders per minimum order unit (integer).
Dimensions
No. Right operation type
0.53 ON starting position horizontal direction 0.24 0.27 0.3
Unit:mm
Style PC board mounting hole and land dimensions Viewed from direction A
R0 .1 3
0.19
32$
ON starting position horizontal direction operating force standard measurement position 2.55 2.2 1.5
0.49 0.47
20 .7
4.5 3.4 1.41 0.6 1.1
C0.1
les ho
1
1.41
1
0.8 Terminal No. 1 0.91 3.5 A 4
ON starting position vertical direction Total travel position Center of rotation 0.55 1
0.4
0.6
0.6 0.27
3.3
1.6
2.8 4.5
1.6
53
Detector Switch
Compact Two-way Operation Type
Dimensions
No. Right operation type
OFF starting position horizontal direction 0.24 0.27 0.3
SPVS Series
Unit:mm
Style
OFF starting position horizontal direction operating force standard measurement position 2.55 2.15
PC board mounting hole and land dimensions Viewed from direction A
0.49 0.47
0.58 R0 .1 3 0.19
32$
20
1.5
C0.1
.7 ho
1.41
3.3
0.6 0.27
Detector Push Slide Rotary 2
OFF starting position vertical direction 0.8 0.91 3.5 A 4 Total travel position Center of rotation 0.55 1
Terminal No. 1
0.4
0.6
2.8 4.5
1.6
Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts 3
Left operation type
ON starting position horizontal direction operating force standard measurement position 2.55 2.2 32$
0.53
.13 R0
ON starting position horizontal direction 0.27 0.3 0.24
0.49 0.47
0.19 1.5 1
C0.1 3.3
1.41
ON starting position vertical direction 0.8 Total travel position Center of rotation 0.91 3.5 A 0.55 4
Terminal No. 1
1
0.4
o0.6
4.5 3.4 0.27 0.6
1.1 2.8 4.5 1.41 0.6
1.6
Left operation type
0.58 OFF starting position horizontal direction operating force standard measurement position 2.55 2.15 32$
.13 R0
0.27
0.3
0.19 1.5 1
0.24
2.8
C0.1 3.3
4.5
1.41
4
OFF starting position vertical direction 0.8 Total travel position Center of rotation 0.91 3.5 A 4 0.55
Terminal No. 1
1
0.4
1.6
Right operation type
OFF starting position Horizontal direction 0.87 0.25
2.95
R 0.3
OFF starting position Horizontal direction Operating force measurement position 0.75 0.29
o0.6
3.78
2.1 3.2
C0.1 OFF starting position Vertical direction
(0.24)
4.5 3.4
1.6
1.41 0.8
3.3
(0.91) Terminal No.1 3.5 A 4
Total travel position Center of rotation 0.55
1
1.6
Note
Above dimensions indicate "with location lug" versions.
Circuit Diagram
Control direction Push ON (N/O) Drawing No.1 Right
1 2
0.6
5
1.5
0.4
Terminal Layout(Viewed from Direction A)
Push OFF (N/C) Drawing No.2,5
1 2
0.6 0.27
Control direction
Push ON (N/O) Push OFF (N/C) Drawing No.1,2,5
Right
1
COMMON
Drawing No.3 Left
2 1
Drawing No.4
2 1
Left
Drawing No.3,4
2 1
54
1.41 1.1
OFF starting position horizontal direction
0.49 0.47
0.6
1.6
1.1
1.41
0.6
1.6
4.5 3.4
1
les 20 .7 ho les
2. o0 7 ho le s
2
COMMON
Detector Switches
List of Varieties General-purpose Type
General-purpose Type Series SSCF Detector Photo Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts Operating temperature range SSCM SPVP SPVC1 SPVN SPVS SPVG SPVL
Operation type
40
to
85
10
to
60
40
to
85 50mA 20V DC 100BA 3V DC 500m max. 1mA 5V DC 50BA 3V DC 2 max.
Rating max. 0.1A 12V DC 1mA 5V DC 1mA 5V DC 10mA 16V DC Resistive load Rating min. 50BA 3V DC 100BA 3V DC 50BA 3V DC Resistive load Initial contact 2 max. 5 max. 1 max. 2 max. resistance 100m max. Insulation 100M min. 100V DC resistance Voltage 100V AC for 1 minute proof Terminal strength Actuator strength Operating life without Load Operating life with Load Cold
5N for 1 minute 10N 0.5N for 1 minute 0.5N 5N 3N for 1 minute 10N
Dry heat Damp heat 11 W Dimensions 5.8 D mm 12.4 H Manual 350 10 , 1 soldering 3 0s Dip Soldering soldering 260 5 , 5 1s Reflow soldering Number of poles Operation force Page
0.7N max. 46
Electrical Mechanical Environmental performance performance Durability performance
0.5N for 1 minute 5N 10N
1N for 1 minute 5N
20
2
for 96h 85 40 2 2 for 96h
40 2 for 96h
20 2 for 96h
, 90 to 95%RH for 96h 6.3 7.4 2.8 3.8 3.6 1 350 5 3.5 3.3 5.5 6.5 2 , 3s max. 5.55 6.6 1
5 4 1.5
3.5 5.65 1.2
350 5 , 3s max.
350 10 , 1 3 0s 260 5 , 3s max.
Please see P.79 1 0.35N max. 0.55N max. 0.85N max. 48 49 50
Please see P.79
0.35N max. 51 53
0.4N max. 55
0.35N max. 60
26
Detector Switches
Soldering Conditions
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2 3. Temperature profile CA K or CC T at soldering portion copper foil surface . A heat resisting tape
Detector Push
should be used for fixed measurement.
300 Temperature (C )
A max. B
Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM
200 D E 100 Time (s) Pre-heating F max. C
Room temperature
CustomProducts
Series Reflow type SPPB
A 3s max.
B
230
Cs
40 20
D
E
Fs
250
SPPW8 SPVE SPVG SPVL SPVM SPVN SPVP SPVR SPVS SSCM SPPY5
240 260
200
180 40 230
150
120
20
150
Room temperature
180
Notes
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
79


▲Up To Search▲   

 
Price & Availability of SPVS410100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X