Part Number Hot Search : 
BFXXXX IRG4BC30 DAC8043 FP104 HT12F MBRF3010 00RTJ060 2520E
Product Description
Full Text Search
 

To Download RW2-0533S10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

2:1 Wide Range Voltage Input 1kVDC, 2kVDC and 3kVDC Isolation Approved for Medical Applications Continuous Short Circuit Protection Low Ripple and Noise DIP16, mini DIP16 and SMD Cases Styles Efficiency to 83 %
ECONOLINE
DC/DC-Converter
Description
High power-density, 2:1 input voltage range and a wide temperature range of -40C to +85C are just some of the characteristics of this versatile DIP16 converter, ideal for highly sophisticated industrial and medical designs where a regulated converter is required but space is at a premium. Three different case styles and isolation options are available.
Selection Guide
Input Rated Output Output Current Efficiency Voltage Range Voltage Full Load typ./nom Vin DIP16 (Mini & SMD) (VDC) (VDC) (mA) (%) RW2-053.3S (H2/H3) RW2-0505S (H2/H3) RW2-0512S (H2/H3) RW2-0515S (H2/H3) RW2-123.3S (H2/H3) RW2-1205S (H2/H3) RW2-1212S (H2/H3) RW2-1215S (H2/H3) RW2-243.3S (H2/H3) RW2-2405S (H2/H3) RW2-2412S (H2/H3) RW2-2415S (H2/H3) RW2-483.3S (H2/H3) RW2-4805S (H2/H3) RW2-4812S (H2/H3) RW2-4815S (H2/H3) RW2-0505D (H2/H3) RW2-0509D (H2/H3) RW2-0512D (H2/H3) RW2-0515D (H2/H3) RW2-1205D (H2/H3) RW2-1209D (H2/H3) RW2-1212D (H2/H3) RW2-1215D (H2/H3) RW2-2405D (H2/H3) RW2-2409D (H2/H3) RW2-2412D (H2/H3) RW2-2415D (H2/H3) RW2-4805D (H2/H3) RW2-4809D (H2/H3) RW2-4812D (H2/H3) RW2-4815D (H2/H3) 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 9 - 18 9 - 18 9 - 18 9 - 18 18 - 36 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 36 - 72 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 9 - 18 9 - 18 9 - 18 9 - 18 18 - 36 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 36 - 72 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 500 400 166 134 500 400 166 134 500 400 166 134 500 400 166 134 200 111 83 67 200 111 83 67 200 111 83 67 200 111 83 67 68 73 75 75 69 75 80 80 70 78 83 83 73 76 81 81 73 74 75 75 75 78 80 80 78 81 83 83 78 81 83 83 Part Number Capacitive Load max. F 1000F 1000F 220F 100F 1000F 1000F 220F 100F 1000F 1000F 220F 100F 1000F 1000F 220F 100F 470F 220F 100F 47F 470F 220F 100F 47F 470F 220F 100F 47F 470F 220F 100F 47F
100 80 60 40 20 0
2 Watt DIP16, Mini DIP16 & SMD Single & Dual Output
2002/95/EC 6/6
RoHS
EN-60950-1 Certified (All Suffixes) EN-60601-1 Certified (Suffixes /H2 and /H3)
RW2
Derating-Graph
(Ambient Temperature)
Output Power (%)
Safe Operating Area
Standard Isolation is 1kVDC. Add suffix "/H2" for 2kVDC Isolation, "/H3" for 3kVDC Isolation. Add no suffix for standard case style, "/SMD" for SMD package or "/B" for smaller case size e.g. RW2-0505S/H3, RW2-0505D/H2/SMD or RW2-0505S/B www.recom-international.com REV:0/2010
-40
95 85 Operating Temperature C 0 50
150
Refer to Application Notes E-87
ECONOLINE
DC/DC-Converter
Input Voltage Range Output Accuracy Line Voltage Regulation Load Voltage Regulation Output Ripple and Noise (20MHz limited) Switching Frequency (at full Load) Efficiency at Full Load Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature Range Storage Temperature Range Case Temperature Relative Humidity Package Weight Packing Quantity MTBF (+25C) (+85C) Case Style A, SMD Case Style B using MIL-HDBK 217F using MIL-HDBK 217F (tested for 1 second) H2 /H3 (long term isolation) (20% to 100% full load)
RW2 Series
2:1 2% typ. 0.5% max. 0.5% typ. 50mVp-p max. 100kHz min. / 700kHz max. 70% min. / 80% typ. 1000VDC min. 2000VDC min./ 3000VDC min. see Application Notes 30pF max. 1G min. Continuous -40C to +85C (see Graph) -55C to +125C 100C max. 95% RH 6.4g 20 pcs per tube 22 pcs per Tube 4366 x10 hours 658 x10 hours
Electrical Specifications (measured at TA = 25C, at nominal input voltage and rated output current unless otherwise specified)
}
For Detailed Information see Application Notes chapter "MTBF"
Package Style and Pinning (mm) Case Style A (Standard, /H2 and /H3 Options) Case Style B (Standard, /H2 and /H3 Options)
22.1 8.50 15.24 2.54 2.54 4.00 12.55
RW2
24.2 9.70 15.24 2.54 0.50
1 78
14.50 4.60
16.9 0.2 1.00 dia.
10.16 1.00 dia.
2.54
14.50
Bottom View
16 10 9
1
78
12.55 2.54
16
Bottom View
10 9
10.16
2.54
7 x 2.54
Top View
7 x 2.54 16 Pin Mini-DIP Package
Top View
16 Pin DIP Package
Recommended Footprint Details
Recommended Footprint Details
3rd angle projection
Case Style SMD (Standard, /H2 and /H3 Options)
24.2 10.20 9.70 2.54 Pin area 0.1 x 0.50
1
14.50
Pin Connections (All Case Styles)
18.55
Pin #
1.54 2.03 1 7 8 9 10 16
Single
-Vin NC NC +Vout -Vout +Vin
Dual
-Vin NC Com +Vout -Vout +Vin
0.50
78
2.54
16.0
Bottom View
16 10 9
19.27 17.24
1
Top View
XX.X 0.5 mm XX.XX 0.35 mm 17.78
16 Pin SMD Package E-88
7 x 2.54
Recommended Pad Details REV: 0/2010 www.recom-electronic.com


▲Up To Search▲   

 
Price & Availability of RW2-0533S10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X