Part Number Hot Search : 
JRC0168 HT82V KSC1070 V585ME42 Z1175 ST62P10C BUF672 SRF04
Product Description
Full Text Search
 

To Download RFP-150-XXXRL-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Model RFP-150-XXXRL-S
Flanged Resistors 150 Watts
General Specifications
Resistive Element Substrate Cover Mounting flange Leads Thick film Beryllium oxide ceramic Alumina ceramic Copper, nickel plated per QQ-N-290 99% pure silver (.005" thick)
Electrical Specifications Features:
* DC - 2.0 GHz * 150 Watts * BeO Ceramic * Non-Nichrome Resistive Element * Welded Silver Leads * 100% Tested * RoHS Compliant
Resistance Range Frequency Range Power Capacitance See chart See chart 150 Watts See chart
Tolerance is 0.010", unless otherwise specified. Designed to meet of exceed applicable portions of MIL-E-5400. Operating temperature is -55C to 155C (see chart for derating temperatures). All dimensions in inches. Specifications subject to change with out notice.
Outline Drawing
150-XXXRL-S (097) Rev B
Available on Tape and Reel For Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Model RFP-150-XXXRL-S
Specifications:
Part number 150-50RL-S 150-100RL-S 150-150RL-S 150-200RL-S
Frequency (GHz) 1.5 2.0 2.0 2.0
Resistance ( ) 50 100 150 200
Capacitance (pF) 2.9 2.9 3.2 3.2
Power De-rating:
Mounting Footprint and Procedure:
SUGGESTED MOUNTING PROCEDURES: 1.
.025 MIN. (2 PLACES)
2. 3.
BOARD LOWER THAN LEAD.
BOARD EVEN WITH LEAD.
BOARD LOWER THAN LEAD.
BOARD HIGHER THAN LEAD.
4.
SUGGESTED STRESS RELIEF METHODS SCALE: NONE
NOT RECOMMENDED APPLICATION SCALE: NONE
5.
MAKE SURE THAT THE DEVICES ARE MOUNTED ON FLAT SURFACES (.001" UNDER THE DEVICE) TO OPTIMIZE THE HEAT TRANSFER. DRILL & TAP THE HEATSINK FOR THE APPROPRIATE THREAD SIZE TO BE USED. COAT HEATSINK WITH A MINIMUM AMOUNT OF HIGH QUALITY SILICONE GREASE (.001" MAX. THICKNESS). POSITION DEVICE ON MOUNTING SURFACE & SECURE USING SOCKET HEAD SCREWS, FLAT & SPLIT WASHER. TORQUE SCREWS TO THE APPROPRIATE VALUE. MAKE SURE THAT THE DEVICE IS FLAT AGAINST THE HEATSINK. (CARE SHOULD BE TAKEN TO AVOID UPWARD PRESSURE OF THE LEADS TOWARDS THE LID). SOLDER LEADS IN PLACE USING APPROPROATE SOLDER WITH A CONTROLLED TEMPERATURE IRON. ** FOR MORE DETAILS CONTACT FACTORY **
150-XXXRL-S (097) Rev B
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Available on Tape and Reel For Pick and Place Manufacturing.


▲Up To Search▲   

 
Price & Availability of RFP-150-XXXRL-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X