|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Diode Modules Preliminary Data Sheet V RSM V DSM 900 1300 1500 1700 1900 PSWD 175 PSYD 175 Type Type PSYD 175/08 PSYD 175/12 PSYD 175/14 PSYD 175/16 PSYD 175/18 IFRMS VRRM = 3x 100 A = 800 - 1800 V V RRM V DRM 800 1200 1400 1600 1800 PSWD 175/08 PSWD 175/12 PSWD 175/14 PSWD 175/16 PSWD 175/18 Base PSWD PSYD Symbol IFAVM IFSM Test Conditions TC = 85C TVJ = 45C VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine Maximum Ratings 100 2800 3300 2500 2750 39200 45000 31200 31200 -40 ... + 150 150 -40 ... + 125 A A A A A A2 s A2 s A2 s A2 s C C C V V Nm Nm g Features * * * * * * Package with screw terminals Isolation voltage 3000 V Planar glasspassivated chips Blocking voltage up to 1800 V Low forward voltage drop UL registered, E148688 i2 dt TVJ = 45C VR = 0 TVJ = TVJM VR = 0 TVJ TVJM Tstg VISOL Md Weight Applications * * * * Supplies for DC power equipment Input rectifiers for PWM inverter Battery DC power supplies Field supply for DC motors 50/60 HZ, RMS IISOL 1 mA t = 1 min t=1s (M6) (M6) 2500 3000 5 5 270 Mounting torque Terminal connection torque typ. Advantages * * * Easy to mount with two screw Space and weight savings Improved temperature and power cycling capability Symbol IR VF VTO rT RthJC RthJK dS dA a Test Conditions VR = VRRM VR = VRRM IF = 300 A TVJ = 25C TVJ = TVJM TVJ = 25C Characteristic Value 0.3 5 1.43 0.8 2.2 0.45 0.075 0.6 0.1 10 9.4 50 mA mA V V m K/W K/W K/W K/W mm mm m/s2 Package, style and outline Dimensions in mm (1 mm=0.0394") For power-loss calculations only TVJ = TVJM per diode; DC current per module per diode; DC current per module Creeping distance on surface Creeping distance in air Max. allowable acceleration POWERSEM GmbH, Walpersdorfer Str. 53 2004 POWERSEM reserves the right to change limits, test conditions and dimensions 91126 D- Schwabach Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20 |
Price & Availability of PSWD175 |