Part Number Hot Search : 
15KPA1 XP04216 DSP56 TLP202G 16245A 2N120 STM1812L RFP3710
Product Description
Full Text Search
 

To Download PSWD120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Diode Modules
Preliminary Data Sheet
V RSM V DSM
900 1300 1500 1700 1900
PSWD 120 PSYD 120
Type Type
PSYD 120/08 PSYD 120/12 PSYD 120/14 PSYD 120/16 PSYD 120/18
IFRMS VRRM
= 3x 70 A = 800 - 1800 V
V RRM V DRM
800 1200 1400 1600 1800
PSWD 120/08 PSWD 120/12 PSWD 120/14 PSWD 120/16 PSWD 120/18
Base PSWD PSYD
Symbol
IFAVM IFSM
Test Conditions
TC = 85C TVJ = 45C VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings
70 1800 1950 1600 1800 16200 16200 12800 13400 -40 ... + 150 150 -40 ... + 125 A A A A A A2 s A2 s As A2 s C C C V V Nm Nm g
2
i2 dt
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
Features
* * * * * * Package with screw terminals Isolation voltage 3000 V Planar glasspassivated chips Blocking voltage up to 1800 V Low forward voltage drop UL registered, E148688
TVJ TVJM Tstg VISOL Md Weight
50/60 HZ, RMS IISOL 1 mA
t = 1 min t=1s (M6) (M6)
2500 3000 5 5 270
Applications
* * * * Supplies for DC power equipment Input rectifiers for PWM inverter Battery DC power supplies Field supply for DC motors
Mounting torque Terminal connection torque typ.
Advantages
Symbol
IR VF VTO rT RthJC RthJK dS dA a
Test Conditions
VR = VRRM VR = VRRM IF = 300 A TVJ = 25C TVJ = TVJM TVJ = 25C
Characteristic Value
0.3 5 1.55 0.8 3 0.65 0.108 0.83 0.138 10.0 9.4 50 mA mA V V m K/W K/W K/W K/W mm mm m/s2
* * *
Easy to mount with two screw Space and weight savings Improved temperature and power cycling capability
For power-loss calculations only TVJ = TVJM per diode; DC current per module per diode; DC current per module Creeping distance on surface Creeping distance in air Max. allowable acceleration
Package, style and outline
Dimensions in mm (1 mm=0.0394")
POWERSEM GmbH, Walpersdorfer Str. 53 91126 D- Schwabach Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2004 POWERSEM reserves the right to change limits, test conditions and dimensions


▲Up To Search▲   

 
Price & Availability of PSWD120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X