Part Number Hot Search : 
LM3860 P800KTL TB2119FN ST13005 C32R4MN TC8129 MA101 HD74LV
Product Description
Full Text Search
 

To Download PS-300ATX-DC48E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Supplies
PS/2 Power Supplies
RoHS
COMPLIANT
2002/95/EC
Model Names Wattage Input Range
Outputs
Power Module PN MTBF (hrs) Dimension (H x W x D,mm) Safety Compatible with Advantech Chassis
PS-700ATX-ZE 700 W 100 ~ 240 VAC 60 ~ 50 Hz 11 ~ 5 A +5 V @ 50 A (2.5 A min) +3.3 V @ 45 A (1 A min) +12 V @ 36 A (1 A min) -12 V @ 1 A -5 V @ 0.8 A +5 Vsb @ 2 A 72,100 86 x 150 x 220 UL, TUV, CB, CCC ACP-4000, ACP-4320, ACP-4362, IPC-610MB-F, IPC-611, IPC-615, IPC-630MB
PS-500ATX-ZE 500 W 115 ~ 250 VAC 63 ~ 47 Hz 8~4A +5 V @ 40 A (3 A min) +3.3 V @ 30 A (1 A min) +12 V @ 32 A (1 A min) -12 V @ 1 A -5 V @ 0.8 A +5 Vsb @ 2 A 98,000 86 x 150 x 140 UL, TUV, CB, CCC ACP-4000, ACP-4320, ACP-4362, IPC-610, IPC-611, IPC-615, IPC-622 (P/N: 1757000162G), IPC-623 (P/N: 1757000133G), IPC-630, IPC-6608, IPC-6908, IPC-7143, IPC-7220
PS-400ATX-ZBE 400 W 100 ~ 240 VAC 63 ~ 47 Hz 8~4A +5 V @ 35 A (2.5 A min) +3.3 V @ 25 A (1 A min) +12 V @ 30 A (1 A min) -12 V @ 1 A -5 V @ 0.8 A +5 Vsb @ 2 A 91,000 86 x 150 x 140 UL, TUV, CB, CCC ACP-4000, ACP-4320, ACP-4362, IPC-610, IPC-611, IPC-615, IPC-622 (P/N: 1757000193G), IPC-623 (P/N: 1757000131G), IPC-630, IPC-6608, IPC-6908, IPC-7143, IPC-7220
Model Names Wattage Input Range
PS-300ATX-DC48E 300 W 72 ~ 36 VDC 15 A +5 V @ 30 A (0.3 A min) +3.3 V @ 28 A (0.3 A min) +12 V @ 15 A (0.2 A min) -12 V @ 0.8 A -5 V @ 0.3 A +5 Vsb @ 2 A 100,000 86 x 150 x 140 UL, TUV, CB, CCC ACP-2000, ACP-4000, ACP-4320, ACP-4362, IPC-602, IPC-610, IPC-611, IPC-615, IPC-630, IPC-6606, IPC-6608, IPC-6908, IPC-7143, IPC-7220
Outputs
Power Module PN MTBF (hrs) Dimension (H x W x D, mm) Safety Compatible with Advantech Chassis
PS-300ATX-ZBE 300 W 100 ~ 240 VAC 60 ~ 50 Hz 10 A +5 V @ 30 A (0.5 A min) +3.3 V @ 28 A (0.3 A min) +12 V @ 15 A (1 A min) -12 V @ 0.8 A -5 V @ 0.3 A +5 Vsb @ 2 A 100,000 86 x 150 x 140 UL, TUV, CB, CCC ACP-2000, ACP-4000, ACP-4320, ACP-4362, IPC-602, IPC-610, IPC-611, IPC-615, IPC-630, IPC-6606, IPC-6608, IPC-6908, IPC-7143, IPC-7220
PS-250ATX-ZE 250 W 115 ~ 230 VAC 60 ~ 50 Hz 10-5 A +5 V @ 27 A (0.5 A min) +3.3 V @ 20 A (0.3 A min) +12 V @ 13 A (1 A min) -12 V @ 0.8 A -5 V @ 0.3 A +5 Vsb @ 2 A 100,000 86 x 150 x 140 UL, TUV, CB, CCC ACP-2000, IPC-602, IPC-610, IPC-611, IPC-615, IPC-6606, IPC-6608, IPC-6908
All product specifications are subject to change without notice
Last updated : 1-Mar-2007


▲Up To Search▲   

 
Price & Availability of PS-300ATX-DC48E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X