Part Number Hot Search : 
TS120 X9514WVM PIC7532 RJH60 4010B RBV805S 82C55A BC856
Product Description
Full Text Search
 

To Download PMBT2369 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
PMBT2369 NPN switching transistor
Product data sheet Supersedes data of 1999 Apr 27 2004 Jan 22
NXP Semiconductors
Product data sheet
NPN switching transistor
FEATURES * Low current (max. 200 mA) * Low voltage (max. 15 V). APPLICATIONS * High-speed switching, especially in portable equipment. DESCRIPTION
handbook, halfpage
PMBT2369
PINNING PIN 1 2 3 base emitter collector DESCRIPTION
NPN switching transistor in a SOT23 plastic package. MARKING TYPE NUMBER PMBT2369 Note 1. * = p : Made in Hong Kong. * = t : Made in Malaysia. * = W : Made in China. ORDERING INFORMATION TYPE NUMBER PMBT2369 PACKAGE NAME - DESCRIPTION plastic surface mounted package; 3 leads MARKING CODE(1) *1J
Top view
3 3 1 2
1
2
MAM255
Fig.1 Simplified outline (SOT23) and symbol.
VERSION SOT23
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IC ICM IBM Ptot Tstg Tj Tamb Note 1. Transistor mounted on an FR4 printed-circuit board. PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation storage temperature junction temperature operating ambient temperature Tamb 25 C; note 1 open base open collector CONDITIONS open emitter - - - - - - - -65 - -65 MIN. MAX. 40 15 5 200 300 100 250 +150 150 +150 UNIT V V V mA mA mA mW C C C
2004 Jan 22
2
NXP Semiconductors
Product data sheet
NPN switching transistor
THERMAL CHARACTERISTICS SYMBOL Rth(j-a) Note 1. Transistor mounted on an FR4 printed-circuit board. CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL ICBO IEBO hFE PARAMETER collector cut-off current emitter cut-off current DC current gain CONDITIONS IE = 0; VCB = 20 V IE = 0; VCB = 20 V; Tj = 125 C IC = 0; VEB = 4 V IC = 10 mA; VCE = 1 V IC = 10 mA; VCE = 1 V; Tamb = -55 C IC = 100 mA; VCE = 2 V VCEsat VBEsat Cc fT ton td tr toff ts tf collector-emitter saturation voltage base-emitter saturation voltage collector capacitance transition frequency IC = 10 mA; IB = 1 mA IC = 10 mA; IB = 1 mA IE = Ie = 0; VCB = 5 V; f = 1 MHz IC = 10 mA; VCE = 10 V; f = 100 MHz ICon = 10 mA; IBon = 3 mA; IBoff = -1.5 mA - - - 40 20 20 - 700 - 500 - - - - - - MIN. PARAMETER thermal resistance from junction to ambient CONDITIONS note 1
PMBT2369
VALUE 500
UNIT K/W
MAX. 400 30 100 120 - - 250 850 4 -
UNIT nA A nA
mV mV pF MHz
Switching times (between 10% and 90% levels); (see Fig.2) turn-on time delay time rise time turn-off time storage time fall time 10 4 6 20 10 10 ns ns ns ns ns ns
2004 Jan 22
3
NXP Semiconductors
Product data sheet
NPN switching transistor
PMBT2369
handbook, full pagewidth
VBB
VCC
RB oscilloscope Vi R1 (probe) 450 R2
RC Vo (probe) 450 DUT oscilloscope
MLB826
Vi = 0.5 to 4.2 V; T = 500 s; tp = 10 s; tr = tf 3 ns. R1 = 56 ; R2 = 1 k; RB = 1 k; RC = 270 . VBB = 0.2 V; VCC = 2.7 V. Oscilloscope input impedance Zi = 50 .
Fig.2 Test circuit for switching times.
2004 Jan 22
4
NXP Semiconductors
Product data sheet
NPN switching transistor
PACKAGE OUTLINE
Plastic surface-mounted package; 3 leads
PMBT2369
SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC TO-236AB JEITA
EUROPEAN PROJECTION
ISSUE DATE 04-11-04 06-03-16
2004 Jan 22
5
NXP Semiconductors
Product data sheet
NPN switching transistor
DATA SHEET STATUS DOCUMENT STATUS(1) Objective data sheet Preliminary data sheet Product data sheet Notes 1. Please consult the most recently issued document before initiating or completing a design. PRODUCT STATUS(2) Development Qualification Production DEFINITION
PMBT2369
This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
2. The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com. DISCLAIMERS General Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. Quick reference data The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
2004 Jan 22
6
NXP Semiconductors
Customer notification This data sheet was changed to reflect the new company name NXP Semiconductors, including new legal definitions and disclaimers. No changes were made to the technical content, except for package outline drawings which were updated to the latest version.
Contact information For additional information please visit: http://www.nxp.com For sales offices addresses send e-mail to: salesaddresses@nxp.com
(c) NXP B.V. 2009 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R75/04/pp7 Date of release: 2004 Jan 22 Document order number: 9397 750 12458


▲Up To Search▲   

 
Price & Availability of PMBT2369

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X