Part Number Hot Search : 
FA3621F NNCD68PG HSP45240 DS0880 MAX195 16541 63X11 6LFXC
Product Description
Full Text Search
 

To Download PCF-RC1206LF-101K-470-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Resistor/Capacitor Chip Network
PCF RC Series
* RoHS Compliant * Saves board space * Reduces component count * Resistor and capacitor on one 1206 size chip
Electrical Data
Resistor Range () Tolerance Max Voltage Power Rating Operating Temperature Temperature Coeffecient (-55C to +85C) Dissipation Factor 10 - 1K 10%, 20% 5V 0.125W Capacitor 10pF - 200pF 20% 50V N/A
Physical Data
L a
TOP
W
SIDE
b
H
-55C + 125C -55C + 125C 200 ppm/C N/A +20% / - 55% 5% Max 1KHz
BOTTOM
Environmental Data
Test Terminal Strength Resistance To Soldering Heat Resistance To Vibration Solderability Temperature Cycling Terminal Strength Method 3mm bending for 10 seconds 260C 5C for 10 1 sec. (10~55~10 Hz) for 1 min. Amplitude 1.5mm 3 directions for 2 hours 235C 5C for 3 0.5 sec. -40C/30 min., +125C/ 30 min., 100 cycles 70C 2C, DC50V "on" for 90 min. and "off" for 30 min. for 1,000 hours 70C 2C, 90~95% RH DC50V "on" for 90 min. and "off" for 30 min. for 1,000hours Test Limits No mechanical damage R: 3% C: 10% R: 3% C: 10% R: 3% C: 10% R: 3% C: 10% R: 3% C: 10% Model RC1206 A 3.20.2 B 1.60.2 C 0.70.1 D 0.50.3 E 0.40.2
Ordering Data
Sample Part Number: Family Model
RC1206LF
PCF - RC1206LF - 330
K - 470 - M
Resistor Code
Example: 330 = 33, 101 = 100
Resistor Tolerance
K=10%, M=20%
Capacitor Code
Example: 470 = 47pF, 101 = 100pF
Load Life In Humidity
R: 3% C: 10%
Capacitor Tolerance
M = 20%
Packaging Available: Tubes, Tape & Reel
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc PCF RC Series Issue December 2008 Sheet 1 of 1


▲Up To Search▲   

 
Price & Availability of PCF-RC1206LF-101K-470-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X