Part Number Hot Search : 
1N5931 00220 MCP3001 CS9LTRH N404A 153M000 NJU7021D SSR4045
Product Description
Full Text Search
 

To Download OSR5SA5471D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5.0x4.1mm Oval Red LED OSR5SA5471D
Features
High Luminous LEDs 5.0x4.1mm Standard Directivity Superior Weather-resistance UV Resistant Epoxy Water Clear Type
Outline Dimension
Applications
Electronic Signs And Signals Small Area Illuminations Back Lighting Other Lighting
Absolute Maximum Rating
Item
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms
Directivity
Value
30 100 5 72 -30 ~ +85 -40~ +100 260 /5sec mA mA V mW IF IFP VR PD Topr Tstg Tsol
Symbol
Duty ratio max 1/10
Electrical -Optical Characteristics
Item
DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle
Symbol
VF IR D Iv 21/2
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Min.
1.8 620 -
Typ.
2.1 625 2500 70/40
Max.
2.4 10 630 V A nm mcd deg
*1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
VER A.0


▲Up To Search▲   

 
Price & Availability of OSR5SA5471D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X