Part Number Hot Search : 
2DT120P X85C33 HC402 TLE4215 FT0009B AC2626M Y7C10 FT6XXXXX
Product Description
Full Text Search
 

To Download MTPS4088P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTPS4088P
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25) ITEM Power Output Forward Voltage Reverse Current Peak Wavelength Spectral Line Half Width Half Intensity Beam Angle Band Width Junction Capacitance Temp. Coefficient of PO Temp. Coefficient of VF SYMBOL PO VF IR p fc Cj P/T V/T CONDITIONS IF=50mA IF=50mA VR=5V IF=50mA IF=50mA IF=50mA IF=50mA+20mAp-p 1MHz ,V=0V IF=10mA IF=10mA MIN 1.8
Point Source LED
TYP 2.5 1.9 880 40 2 20 40 -0.05 -2.3
MAX 2.4 10
850
UNIT mW V A nm nm deg. MHz pF %/ mV/
FORWARD I-V CHARACTERISTICS 120 FORWARD CURRENT(mA) 250 200 OUTPUT(%) 150 100 50 0 0 1 2 3
RELATIVE POWER vs FORWARD CURRENT RELATIVE POWER OUTPUT(%) 120 100 80 60 40 20 0 -90
RADIATION PATTERN
Point-Source LED Emitting Window Dia. 50m High-output Power Parallel Rays (Super Excellent) Narrow Beam (Super Excellent) Small Temp. Coefficient of PO APPLICATIONS Linear & Rotary Encoder Optical Switches 1. ABSOLUTE MAXIMUM RATINGS (Ta=25) FEATURES ITEM Forward Current (DC) Forward Current (Pulse)*1 Reverse Voltage Power Dissipation Operating Temp. Storage Temp. Junction Temp. Lead Soldering Temp.*2 SYMBOL IF IFP VR PD Topr Tstg Tj Tls RATINGS 80 0.4 5 150
-30 TO 100 -40 TO 125
80 60 40 20 0
SPECTRAL OUTPUT 120
RELATIVE POWER
Dimensions (Unit:mm)
100
0
20
40
60
80
100
-60
-30
0
30
60
90
FORWARD VOLTAGE(V)
FORWARD CURRENT(mA)
BEAM ANGLE(deg.)
100 RELATIVE POWER OUTPUT(%)
125 260
UNIT mA A V mW
THERMAL DERATING CURVE 80 FORWARD CURRENT(mA) 120 RELATIVE POWER OUTPUT(%) 100 80 60 40 20 0 -40 0 40 80 120 AMBIENT TEMPERATURE() 140
POWER OUTPUT vs TEMPERATURE IF=10mA 3 FORWARD VOLTAGE(V) 2.5 2 1.5 1 0.5 0 -40 0 40 80 120 -40
FORWARD VOLTAGE vs TEMPERATURE IF=10mA
60
120 100 80 60 40 20 0 AMBIENT TEMPERATURE()
40
20
0 780 880 WAVELENGTH(nm) 980
*1:Tw=10uS,T=10mS *2:Time 5 Sec max,Position:Up to 3mm from the body
0
40
80
120
AMBIENT TEMPERATURE()
To purchase this part contact Marktech Optoelectronics at
800.984.5337
Marktech Optoelectronics
www.marktechopto.com
2/2/2010


▲Up To Search▲   

 
Price & Availability of MTPS4088P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X