Part Number Hot Search : 
MJE521 UDA133 2SC50 0EVKI SD101 AA101 UDA133 SMBJ75A
Product Description
Full Text Search
 

To Download MMSZ5226BSW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAK CHEONG
(R)
SEMICONDUCTOR
200mW SOD-323 SURFACE MOUNT
Small Outline Flat Lead Plastic Package Zener Voltage Regulators
Absolute Maximum Ratings
Symbol PD TSTG TOPR Power Dissipation Storage Temperature Range Operating Temperature Range TA = 25C unless otherwise noted Value 200 -65 to +150 -65 to +150 Units mW C C
Green Product
Parameter
These ratings are limiting values above which the serviceability of the diode may be impaired.
SOD-323 Flat Lead
Specification Features:
Wide Zener Voltage Range Selection, 3.0V to 75V VZ Tolerance Selection of 5% Flat Lead SOD-323 Small Outline Plastic Package Surface Device Type Mounting RoHS Compliant Green EMC Matte Tin(Sn) Lead Finish Band Indicates Cathode
ELECTRICAL SYMBOL Cathode Anode
Electrical Characteristics
Device Type MMSZ5221BSW MMSZ5222BSW MMSZ5223BSW MMSZ5224BSW MMSZ5225BSW MMSZ5226BSW MMSZ5227BSW MMSZ5228BSW MMSZ5229BSW MMSZ5230BSW MMSZ5231BSW MMSZ5232BSW MMSZ5233BSW MMSZ5234BSW MMSZ5235BSW MMSZ5236BSW MMSZ5237BSW MMSZ5238BSW MMSZ5239BSW MMSZ5240BSW MMSZ5241BSW MMSZ5242BSW MMSZ5243BSW Device Marking
TA = 25C unless otherwise noted VZ @ IZT (Volts) Min Nom 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 Max 2.52 2.63 2.84 2.94 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 2.28 2.38 2.57 2.66 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 IZT (mA) ZZT @ IZT () Max 30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 ZZK @ IZK = 0.25mA () Max 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 IR @ VR (A) Max 100 100 75 75 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 VR (Volts) 1 1 1 1 1 1 1 1 1 2 2 3 3.5 4 5 6 6.5 6.5 7 8 8.4 9.1 9.9
Z2V4 Z2V5 Z2V7 Z2V8 Z3V0 Z3V3 Z3V6 Z3V9 Z4V3 Z4V7 Z5V1 Z5V6 Z6V0 Z6V2 Z6V8 Z7V5 Z8V2 Z8V7 Z9V1 Z10V Z11V Z12V Z13V
Nov 2008, Revision D Page 1
MMSZ5221BSW through MMSZ5267BSW
TAK CHEONG
Electrical Characteristics
Device Type Device Marking Min
(R)
SEMICONDUCTOR
TA = 25C unless otherwise noted VZ @ IZT (Volts) Nom Max 9 8.5 7.8 7.4 7 6.6 6.2 5.6 5.2 5 4.6 4.5 4.2 3.8 3.4 3.2 3 2.7 2.5 2.2 2.1 2.0 1.8 1.7 IZT (mA) ZZT @ IZT () Max 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 ZZK @ IZK = 0.25mA () Max 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700 IR @ VR (A) Max 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 VR (Volts) 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56
MMSZ5244BSW Z14V 13.30 14 14.70 MMSZ5245BSW Z15V 14.25 15 15.75 MMSZ5246BSW Z16V 15.20 16 16.80 MMSZ5247BSW Z17V 16.15 17 17.85 MMSZ5248BSW Z18V 17.10 18 18.90 MMSZ5249BSW Z19V 18.05 19 19.95 MMSZ5250BSW Z20V 19.00 20 21.00 MMSZ5251BSW Z22V 20.90 22 23.10 MMSZ5252BSW Z24V 22.80 24 25.20 MMSZ5253BSW Z25V 23.75 25 26.25 MMSZ5254BSW Z27V 25.65 27 28.35 MMSZ5255BSW Z28V 26.60 28 29.40 MMSZ5256BSW Z30V 28.50 30 31.50 MMSZ5257BSW Z33V 31.35 33 34.65 MMSZ5258BSW Z36V 34.20 36 37.80 MMSZ5259BSW Z39V 37.05 39 40.95 MMSZ5260BSW Z43V 40.85 43 45.15 MMSZ5261BSW Z47V 44.65 47 49.35 MMSZ5262BSW Z51V 48.45 51 53.55 MMSZ5263BSW Z56V 53.20 56 58.80 MMSZ5264BSW Z60V 57.00 60 63.00 MMSZ5265BSW Z62V 58.90 62 65.10 MMSZ5266BSW Z68V 64.60 68 71.40 MMSZ5267BSW Z75V 71.25 75 78.75 VF Forward Voltage = 900mV Maximum @ IF = 10 mA for all types Notes: 1. 2. 3. 4.
The zener voltage (VZ) is tested under pulse condition of 1mS. The device numbers listed have a standard tolerance on the nominal zener voltage of 5%. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest Tak Cheong Electronics representative.
Nov 2008, Revision D Page 2
TAK CHEONG
(R)
SEMICONDUCTOR
RATING AND CHARACTERISTIC CURVES
Fig.1 TYPICAL FORWARD VOLTAGE
Fig.2 EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
Fig.3 MAXIMUM NONREPETITIVE SURGE
Fig.4 TYPICAL CAPACITANCE
Fig.5 ZENER BREAKDOWN CHARACTERISTICS
Nov 2008, Revision D
Fig.6 ZENER BREAKDOWN CHARACTERISTICS
Page 3
TAK CHEONG
(R)
SEMICONDUCTOR
Fig.7 TYPICAL LEAKGE CURRENT
Nov 2008, Revision D Page 4
TAK CHEONG
SOD-323 Package Outline
(R)
SEMICONDUCTOR
NOTE: The above package outline is similar to JEITA SC-90.
This datasheet presents technical data of Tak Cheong's Zener Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
Nov 2008, Revision D Page 5


▲Up To Search▲   

 
Price & Availability of MMSZ5226BSW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X