Part Number Hot Search : 
MCH3220 CG2600SN AMPPJ3 14121 C1502 P15NK 0N06L MC10H1
Product Description
Full Text Search
 

To Download MMSZ5226BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5221BS thru MMSZ5259BS
SURFACE MOUNT ZENER DIODES
SOD-323
0.106 (2.7) 0.091 (2.3) 0.012(0.3) Typ .
0.057 (1.45) 0.041 (1.05)
0.047 (1.2) 0.031 (0.8) 0.016(0.4) Typ . 0.016(0.4) Typ .
Dimensions in inches and (millimeters)
FEATURES
200mW Power Dissipation High Voltages from 2.4V~39V Designed for mounting on small surface Extremely thin/leadless package
MECHANICAL DATA
Case Molded plastic, SOD-323 Terminals Solder plated, solderable per MIL-STD-750, Method 2026 Polarity Indicated by cathode band Mounting Position Any
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
o
PARAMETER Forward voltage Power Dissipation Forward surge current Storage temperature Operating temperature IF=100mADC
CONDITIONS
SYMBOL VF Po
Min.
Typ.
Max.
UNITS
V mW mA
0
1.00 200 4000 -55 -55 +150 +150
8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method)
IFSM TSTG TJ
C C
0
www.paceleader.tw
1
MMSZ5221BS thru MMSZ5259BS
SURFACE MOUNT ZENER DIODES
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
o
Part No.
Marking code
Zener voltage VZ@IZT Volts
Test current IZT mA 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 9.5 8.5 7.8 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 ZZT@ IZK OHMs 30 30 30 30 28 24 23 22 19 17 11 7 5 6 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80
Zener Impedance ZZT@ IZK OHMs 1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 IZK mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 IR
A
Leakage Current VR Volts 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 4.0 5.0 6.0 6.0 6.5 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
Surge current Isurge mA
MMSZ5221BS MMSZ5222BS MMSZ5223BS MMSZ5225BS MMSZ5226BS MMSZ5227BS MMSZ5228BS MMSZ5229BS MMSZ5230BS MMSZ5231BS MMSZ5232BS MMSZ5234BS MMSZ5235BS MMSZ5236BS MMSZ5237BS MMSZ5239BS MMSZ5240BS MMSZ5241BS MMSZ5242BS MMSZ5243BS MMSZ5245BS MMSZ5246BS MMSZ5248BS MMSZ5250BS MMSZ5251BS MMSZ5252BS MMSZ5254BS MMSZ5255BS MMSZ5256BS MMSZ5257BS MMSZ5258BS MMSZ5259BS
C1 C2 C3 C5 D1 D2 D3 D4 D5 E1 E2 E4 E5 F1 F2 F4 F5 H1 H2 H3 H5 J1 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4
2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39
100 100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
NOTE : 5% tolerance of Zener voltage
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of MMSZ5226BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X