Part Number Hot Search : 
G4PH40KD 1S1885A BSR18 BCV61B M190E 18128 DS1099U G2015
Product Description
Full Text Search
 

To Download MBRF10150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF10150CT THRU MBRF10200CT
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 150 to 200 Volts Forward Current - 10.0 Ampere
FEATURES

Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Dual rectifier construction, positive center tap Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
.157(4.0) .142(3.6)
ITO-220AB
.138(3.5) .122(3.1) .118(3.0) .102(2.6) .189(4.8) .173(4.4) .118(3.0) .106(2.7)
.406(10.3) .386(9.8)
.610(15.5) .571(14.5)
MECHANICAL DATA

Case: JEDEC ITO-220AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250oC/10 seconds, 0.25" (6.35mm) from case Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 ounce, 2.24 grams
.059(1.5) .043(1.1) .030(0.76) .020(0.51) .112(2.84) .088(2.24)
.071(1.8) .055(1.4) .571(14.5) .531(13.5)
.114(2.9) .098(2.5)
.030(0.76) .020(0.51)
PIN 1 PIN 3 + PIN 2
Dim ensions in inches and (m illim eters)
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Chaacteristic
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 95C
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj Tj, TSTG
MBRF10150CT 150 105 10 150 0.92 0.5 50 700
MBRF10200CT 200 140
Unit V V A A V mA pF C
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 5.0A @TA = 25C @TA = 100C
Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range
-65 to +150
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
MBRF10150CT THRU MBRF10200CT
RATINGS AND CHARACTERISTIC CURVES
20
30
IF, INSTA NTANEOUS FORWARD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
Single Phase Half-Wave 60 Hz Resistive or Inductive Load 9.5mm Lead Length
15
10
10
1.0
5
Tj = 25C Pulse Width = 300s 2% Duty Cycle
0
10
50
100
150
0.1 0.1
0.3
0.5
0.7
0.9
1.1
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Voltage Characteristics
200
10000
IFSM , PEAK FORWA RD SURGE CURRENT (A)
Tj = 25C f = 1MHz
160
120
80
40
8.3ms Single Half Sine-Wave JEDEC Method
Cj, JUNCTION CAPACITANCE (pF)
1000
0
1
10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Peak Forward Surge Current
100
100 0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance


▲Up To Search▲   

 
Price & Availability of MBRF10150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X