Part Number Hot Search : 
ICX249AL 18F66J10 MC344 FN3121 M2N60F LTC3833 CRA53 SL1710
Product Description
Full Text Search
 

To Download MBRF10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF1020 THRU MBRF10100
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts Forward Current - 10.0 Ampere
FEATURES

Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Dual rectifier construction, positive center tap Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
ITO-220AC
.185(4.7) .173(4.4) .124(3.16) .118(3.00)
.406(10.3) .390(9.90) .134(3.4)DIA .113(3.0)DIA
.272(6.9) .248(6.3)
.112(2.85) .100(2.55)
.606(15.5) .583(14.8)
MECHANICAL DATA

.063(1.6) MAX
.161(4.1) .146(3.7)
Case: JEDEC ITO-220AC molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250oC/10 seconds, 0.25" (6.35mm) from case Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 2.24 grams (approx.)
.110(2.8) .098(2.5)
.030(0.76) .020(0.50)
.055(1.4) .043(1.1) .035(0.9) .020(0.5)
.071(1.8) MAX
.543(13.8) .512(13.2)
2
.100(2.55)
.100(2.55)
PIN 1
Dim ensions in inches and (m illim eters)
PIN 2
CASE
Case Positive
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 95C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage @IF = 10.0A Symbol VRRM VRWM VR VR(RMS) IO IFSM V FM IRM Cj Tj, TSTG 0.55 0.5 50 700 -65 to +150
MBRF 1020 MBRF 1030 MBRF 1040 MBRF 1045 MBRF 1050 MBRF 1060 MBRF 1080 MBRF 10100
Unit
20 14
30 21
40 28
45 32 10 150
50 35
60 42
80 56
100 70
V V A A
0.75
0.85
V mA pF C
Peak Reverse Current @TA = 25C At Rated DC Blocking Voltage @TA = 100C Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
MBRF1020 THRU MBRF10100
RATINGS AND CHARACTERISTIC CURVES
10
40
8
IF, NSTA NTA NEOUS FORWA RD CURRENT (A )
I(AV), AVERAGE OUTPUT CURRENT (A )
20
1020 - 1045
6
1050 - 1060 1080 - 10100
4
10
2
Single Pulse Half-Wave 60 Hz Resistive or Inductive Load
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
0 10
40
60
80
100
120
140150
1 0 0.5 1.0 1.5 2.0 2.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
TC, CASE TEM PERATURE ( C) Fig. 1 Forward Current Derating Curve
150
2000
IFSM , PEA K FORWA RD SURGE CURRENT (A)
Tj = 25C f = 1MHz
120
Cj, CA PACITA NCE (p F)
8.3ms Single Half Sine-Wave JEDEC Method
90
1000
60
30
100
0
1
10
100
0.1
1.0
10
100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
VR, REVERSE VOLTAGE (V) Fig. 4 Ty p ical Ju nct io n Cap acit ance


▲Up To Search▲   

 
Price & Availability of MBRF10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X