Part Number Hot Search : 
855860 FESD3V3A U1510 MAX1600 LTC4053 V1N3035C 2FTR68SG CFRM103
Product Description
Full Text Search
 

To Download MABA-008260-CF4A40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
4:1 flux Coupled Transformer 5-200MHz
Features
* * * * * * SMT unit. 4:1 Impedance 260C Reflow Compatible RoHS* Compliant RoHS version of MABACT0045 Available on Tape and Reel. Reel quantity 2000
MABA-008260-CF4A40 V1
Schematic
Description
M/A-COM's MABA-008260-CF4A40 is a low cost surface mount 4:1 flux coupled transformer. Ideally suited for high volume CATV/Broadband applications. Suitable for use in 50 Ohm and 75 Ohm systems.
Case Style: SM-164
Pin Configuration
Pin No.
1 2 3 4 5
Function
Secondary Output 2 Centre Tap (ground) Secondary Dot Output 1 Primary (ground) Primary Dot (input)
Ordering Information
Part Number
MABA-008260-CF4A40 MABA-008260-CF4ATB
Package
2000 Customer Test Board
Dimensions in inches [mm] Tolerance: .xx .02, .xxx .010
Note: Reference Application Note M513 for reel size information. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed.
* North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
RoHS Compliant
4:1 flux Coupled Transformer 5-200MHz
Electrical Specifications: TA = 25C, Z0 = 75 1
Parameter
Insertion Loss Amplitude Balance Phase Balance
MABA-008260-CF4A40 V1
Frequency
5 - 65 MHz 65 - 200 MHz 5 - 200 MHz 5 - 65 MHz 65 - 200 MHz 5 - 65 MHz 65 - 200 MHz
Units
dB dB dB dB dB dB dB
Min
15 12
Typ
0.6 0.8 0.2 0.1 0.3 25 17
Max
1.0 1.0 0.3 2.0 3.0 -
Input Return Loss
Absolute Maximum Ratings 1,2
Parameter
RF Power DC current Operating Temperature Storage Temperature
Recommended PCB Configuration
Absolute Maximum
250 mW 30mA -40C to +85C -40C to +85C
1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM does not recommend sustained operation near these survivability limits.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed.
* North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
RoHS Compliant
4:1 flux Coupled Transformer 5-200MHz
Typical Performance Curves: TA = 25C, Z0 = 75 1
Insertion Loss 1: pin 5-3
0.0 -0.1 - 0.2 - 0.3 - 0.4
MABA-008260-CF4A40 V1
Insertion Loss 2: pin 5-1
0.0 -0.1 -0.2 -0.3 -0.4
dB
dB
5 27 48 70 91 113 135 156 178 200
- 0.5 - 0.6 - 0.7 - 0.8 - 0.9 -1.0
-0.5 -0.6 -0.7 -0.8 -0.9 -1.0 5 27 48 70 91 113 135 156 178 200
Frequency (MHz)
Frequency (MHz)
Amplitude Balance
1.0 0.8 0.6 0.4
Phase Balance
185 184 183 182
degree
0.2
181 180 179 178 177 176 175
dB
0.0 -0.2 -0.4 -0.6 -0.8 -1.0 5 27 48 70 91 113 135 156 178 200
5
27
48
70
91
113
135
156
178
200
Frequency (MHz)
Return Loss: Input
Frequency (MHz)
0 -5 -10 -15
dB
-20 -25 -30 -35 -40 5 27 48 70 91 113 135 156 178 200
Frequency (MHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed.
* North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MABA-008260-CF4A40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X