Part Number Hot Search : 
MC10E111 CPT40040 2SK3299 T54FCT MTA106D 2SA1474 LPC2361 PG1250
Product Description
Full Text Search
 

To Download LPE4841ER100MG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LPE-4841
Vishay Dale
Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
ELECTRICAL SPECIFICATIONS
Inductance Range: 10 H to 47 000 H, measured at 0.10 V RMS at 10 kHz without DC current, using an HP 4263A or HP 4284A impedance analyzer DC Resistance Range: 0.03 to 19.1 , measured at + 25 C 5 C Rated Current Range: 2.00 amps to 0.09 amps Dielectric Withstanding Voltage: 500 V RMS, 60 Hz, 5 seconds
RoHS
COMPLIANT
DIMENSIONS in inches [millimeters]
Pad Layout
0.045 [1.14] Pad Dimensions Typical, 8 places 0.079 [2.01] 0.045 [1.14] 0.382 [9.70] 0.427 [10.85] Reference Only Typical 3 places
STANDARD ELECTRICAL SPECIFICATIONS
MODEL Ungapped Models (A) LPE4841ER101NU LPE4841ER151NU LPE4841ER221NU LPE4841ER331NU LPE4841ER471NU LPE4841ER681NU LPE4841ER102NU LPE4841ER152NU LPE4841ER222NU LPE4841ER332NU LPE4841ER472NU LPE4841ER682NU IND. (H) 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10 000 15 000 22 000 33 000 47 000 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 DCR MAX. RATED* SATURATING IND. SCHEMATIC MAX. DC CURRENT CURRENT** TOL. LETTER (Ohms) (Amps) (Amps) 30 % 30 % 30 % 30 % 30 % 30 % 30 % 30 % 30 % 30 % 30 % 30 % 30 % 30 % 30 % 30 % 30 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % A A A A A A A A A A A A A A A A A B B C C D D E E E E E E E E E E E 0.17 0.21 0.25 0.30 0.36 0.44 0.53 0.65 0.79 1.55 1.85 4.36 5.29 6.48 13.1 16.0 19.1 0.03 0.04 0.07 0.09 0.13 0.21 0.35 0.48 0.73 1.14 1.36 2.07 3.15 4.76 7.29 11.7 17.7 0.88 0.79 0.721 0.65 0.60 0.54 0.49 0.45 0.40 0.29 0.26 0.17 0.16 0.14 0.10 0.09 0.08 2.03 1.84 1.32 1.20 0.98 0.79 0.58 0.52 0.42 0.34 0.31 0.25 0.20 0.16 0.13 0.11 0.09 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 2.320 1.925 1.610 1.330 1.125 0.941 0.781 0.641 0.532 0.436 0.366 0.305 0.252 0.206 0.170 0.139 0.117
Dimensional Outline
5 0.421 [10.69] Max. 8 0.492 [12.50] Max. 0.248 [6.30] Max. 0.400 [10.16] 0.079 [2.01] Typ.
4
LPE4841ER103NU LPE4841ER153NU LPE4841ER223NU LPE4841ER333NU LPE4841ER473NU Gapped Models (B) LPE4841ER100MG LPE4841ER150MG LPE4841ER220MG LPE4841ER330MG LPE4841ER470MG LPE4841ER680MG LPE4841ER101MG LPE4841ER151MG LPE4841ER221MG LPE4841ER331MG LPE4841ER471MG LPE4841ER681MG LPE4841ER102MG LPE4841ER152MG LPE4841ER222MG LPE4841ER332MG LPE4841ER472MG
1
0.028 [.71]
0.028 [.71] Foot print Diagram
NOTE: Pad layout guidelines per MIL-STD-275E (printed wiring for electronic equipment). Tolerances: xx 0.01" [ 0.25 mm]; xxx 0.005" [ 0.12 mm] The underside of these components contains metal and thus should not come in contact with active circuit traces.
* DC current that will create a maximum temperature rise of 30 C when applied at + 25 C ambient. ** DC current that will typically reduce the initial inductance by 20 %. UNGAPPED MODELS: Highest possible inductance with the lowest DCR and highest Q capability. Beneficial in filter, impedance matching and line coupling devices. GAPPED MODELS: Capable of handling large amounts of DC current, tighter inductance tolerance with better temperature stability than ungapped models. Beneficial in DC to DC converters or other circuits carrying DC currents or requiring inductance stability over a temperature range.
DESCRIPTION
LPE 4841 1000 H 30 % A ER e2 MODEL SIZE INDUCTANCE VALUE INDUCTANCE TOLERANCE CORE PACKAGE CODE JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
L P E 4 8 SIZE 4 1 E R 1 0 INDUCTANCE VALUE 2 N TOL. U CORE PRODUCT FAMILY PACKAGE CODE
NOTE Series is also available with SnPb terminations by using package code RY for tape and reel (in place of ER) or SM for bulk (in place of EB). Document Number: 34064 Revision: 10-Oct-08 For technical questions, contact: magnetics@vishay.com www.vishay.com 155
LPE-4841
Vishay Dale
Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
SCHEMATIC (TOP VIEW)
Schematic A
5 6 7 8 4 5 3 6 2 1 7 8
Schematic B
4 3 2 1 5 6 7 8
Schematic C
4 3 2 1 5 6 7 8
Schematic D
4 3 2 1 5 6 7 8
Schematic E
4 3 2 1
NOTE: Schematic A is for Ungapped LPE Series
ENVIRONMENTAL PERFORMANCE
TEST Thermal Cycling High Humidity Soldering Heat Mechanical Shock Vibration Solderability CONDITIONS Withstands - 55 C to + 125 C
PART MARKING
Operating Temperature - 55 C to + 125 C* 85 % Tested to + 230 C Per MIL-STD-202, Method 213 (100G) Per MIL-STD-202, Method 204 (20G) Per industry standards
- Vishay Dale - Date code - Marking code (Suffix of model #) - Pin 1 indicator
* Must be checked in end use application
PACKAGING
TAPE SPECIFICATIONS: Carrier Tape Type: Conductive Cover Tape Type: Anti-static Cover Tape Adhesion to Carrier: 40 30 grams REEL SPECIFICATIONS: Diameter (flange): 13" [330.2 mm] Maximum Width (over flanges): 1.197" [30.4 mm] Tape and Reel Orientation STANDARDS: All embossed carrier tape packaging will be accomplished in compliance with latest revision of EIA-481 Taping of Surface Mount Components for Automatic Placement". MODEL LPE-4841 TAPE WIDTH 24 mm COMPONENT PITCH 16 mm UNITS PER 13 INCH REEL 600
Pin 1 Indicator
Cover Tape Carrier Tape Embossed Cavity
USER DIRECTION OF FEED
Label Area
NOTE: Top view shown with cover tape removed www.vishay.com 156 For technical questions, contact: magnetics@vishay.com Document Number: 34064 Revision: 10-Oct-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of LPE4841ER100MG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X