Part Number Hot Search : 
RE46C AO4802 FRF250R ISL8842A D013T AHCT1 2N545 ATS03
Product Description
Full Text Search
 

To Download LCD15-24D05W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
* 15 WATTS MAXIMUM OUTPUT POWER * SINGLE OUTPUT UP TO 4A * SMALL SIZE AND LOW PROFILE1.0 x 1.0 x 0.39 INCH * HIGH EFFICIENCY UP TO 88% * 4:1 ULTRA WIDE INPUT VOLTAGE RANGE * SIX-SIDED CONTINUOUS SHIELD * FIXED SWITCHING FREQUENCY * INPUT TO OUTPUT ISOLATION * INDUSTRY STANDARD PIN-OUT FEC15 SERIES COMPATIBLE * CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC * UL60950-1, EN60950-1 AND IEC60950-1 LICENSED * ISO9001 CERTIFIED MANUFACTURING FACILITIES * COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment
OPTIONS Positive logic Remote On/Off, Without trim, Without On/Off pin
DESCRIPTION
LCD15W DC/DC converters provide up to 15 watts of output power in an industry standard package and footprint. These units are specifically designed to meet the power needs of low profile. All models feature with 4:1 ultra wide input voltage of 9-36 VDC and 18-75VDC, comprehensively protected against over-current, overvoltage and input under-voltage protection conditions, and trimmable output voltage.
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load Voltage adjustability (Note 6) Line regulation LL to HL at Full Load Full load and nominal Vin
All specifications are typical at nominal input, full load and 25C otherwise noted
INPUT SPECIFICATIONS
15 Watts 1% 0% 10% Input voltage range Input surge voltage 100mS max 24V nominal input 48V nominal input 24V input 48V input Nominal Vin and full load 9 - 36VDC 18 - 75VDC 50VDC 100VDC 30mAp-p
Input reflected ripple current
0.2% Single 0.5% Dual 0.2% Single Load regulation No Load to Full Load 1.0% Dual Cross regulation (Dual) Asymmetrical load 25% / 100% FL 5% 20MHz bandwidth Ripple and noise See table (Measured with a 1F M/C and a 10F T/C) 0.02% / C, max. Temperature coefficient Transient response recovery time 25% load step change 250S 3.3V output 3.7VDC-5.4VDC Over voltage protection 5V output 5.6VDC-7.0VDC 12V output 13.5VDC-19.6VDC 15V output 16.8VDC-20.5VDC Over load protection % of FL at nominal input 150%, typ. Short circuit protection Hiccup, automatics recovery See table 1600VDC, min. 1000VDC, min. 10 ohms, min. 1000pF, max. 400KHz, typ. IEC60950-1, UL60950-1, EN60950-1 Nickel-coated copper FR4 PCB Epoxy (UL94-V0) 1.0 X 1.0 X 0.39 Inch (25.4 X 25.4 X 9.9mm) 15g 6 BELLCORE TR-NWT-000332 1.330x10 hrs 5 5.630x10 hrs MIL-HDBK-217F
9
Nominal Vin and Power up 30ms, max. Start up time constant resistive load Remote ON/OFF 30ms, max. 24V input 9VDC Start-up voltage 48V input 18VDC 24V input 8VDC Shutdown voltage 48V input 16VDC Remote ON/OFF (Note 7) Positive logic(Option) DC-DC ON Open or 3 V < Vr < 15V DC-DC OFF Short or 0V < Vr < 1.2V Negative logic(Standard) DC-DC ON Short or 0V < Vr < 1.2V DC-DC OFF Open or 3V < Vr < 15V Input current of Remote control pin Nominal Vin -0.5mA~1.0mA Remote off state input current Nominal Vin 2.5mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature Maximum case temperature Storage temperature range Thermal impedance (Note 8) Thermal shock Vibration Relative humidity Nature convection Nature convection with heat-sink -40 to +85 (with derating) 105C -55C ~ +125C 18.2/Watt 15.8/Watt MIL-STD-810F MIL-STD-810F 5% to 95% RH
GENERAL SPECIFICATIONS
Efficiency Isolation voltage Isolation resistance Isolation capacitance Switching frequency Approvals and standard Case material Base material Potting material Dimensions Weight MTBF (Note 1) Input to Output Input(Output) to Case
EMC CHARACTERISTICS
EMI (Note 9) ESD Radiated immunity EN55022 EN61000-4-2 EN61000-4-3 Air Contact 8KV 6KV 10 V/m 2KV 1KV 3 Vr.m.s Class A Perf. Criteria A Perf. Criteria A Perf. Criteria A Perf. Criteria A Perf. Criteria A
Fast transient (Note 10) EN61000-4-4 Surge (Note 10) Conducted immunity EN61000-4-5 EN61000-4-6
Page 1 of 3
Issued Date2008/05/21
Model Number
LCD15-24S3P3W LCD15-24S05W LCD15-24S12W LCD15-24S15W LCD15-24D05W LCD15-24D12W LCD15-24D15W LCD15-48S3P3W LCD15-48S05W LCD15-48S12W LCD15-48S15W LCD15-48D05W LCD15-48D12W LCD15-48D15W
Input Range
9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC
Output Voltage
3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
Output Current
Min. Load 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA Full Load 4000mA 3000mA 1300mA 1000mA 1500mA 625mA 500mA 4000mA 3000mA 1300mA 1000mA 1500mA 625mA 500mA
Output (4) Ripple & Noise
75mVp-p 75mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 75mVp-p 75mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p
Input Current
No Load 50mA 70mA 20mA 20mA 20mA 25mA 25mA 40mA 40mA 15mA 15mA 15mA 15mA 20mA
(3)
Full Load 688mA 762mA 783mA 753mA 772mA 753mA 744mA 336mA 382mA 392mA 377mA 386mA 382mA 377mA
(2)
Eff (4) Capacitor (5) (%) Load max
86 86 87 87 85 87 88 86 86 87 87 85 86 87 1000F 1000F 330F 220F 500F 150F 100F 1000F 1000F 330F 220F 500F 150F 100F
Note
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C. MIL-HDBK-217F Notice2 @Ta=25 C, Full load(Ground, Benign, controlled environment) 2. Maximum value at nominal input voltage and full load. 3. Typical value at nominal input voltage and no load. 4. Typical value at nominal input voltage and full load. 5. Test by minimum Vin and constant resistive load. 6. Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external resistor between the TRIM pin and either the +Vout pin or the -Vout pin. 7. The ON/OFF control pin voltage is reference to -Vin. The order number please see product standard table. 8. Heat sink is optional and P/N:7G-0047C-F 9. The LCD15W series can meet EN55022 Class A with parallel external capacitors to the input pins. Recommend : 24Vin : 6.8F/50V * 2 pcs 1812 MLCC 48Vin : 2.2F/100V * 2 pcs 1812 MLCC 10. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220F/100V, ESR 48m. 1.
LCD15-48S05W Derating Curve
120
LCD15-48S05W Derating Curve With Heatsink (Note 8)
OUTPUT POWER(%)
120 100 80 60 40 20 0 -40 -20 0 20 40 60
66
OUTPUT POWER (%)
100 80 60 40 20 0
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE()
AMBIENT TEMPERATURE()
LCD15-48S05W Efficiency VS Input Voltage
90 88 86 84 82 80
LCD15-48S05W Efficiency VS Output Load
90 85 80 75 70 65 60 55 50 45 10 20 30 40 50 60 70 80 90 100
EFFICIENCY(%)
92
EFFICIENCY(%)
18
24
30
36
42
48
54
60
66
72
INPUT VOLTAGE (V)
OUTPUT LOAD (% of Full Load)
Page 2 of 3
Issued Date2008/05/21
Recommended Filter for EN55022 Class B Compliance The components used in the above figure, together with the manufacturers' part numbers for these components, are as follows:
C1
LCD1524xxxW LCD1548xxxW 6.8F/50V 1812 MLCC 2.2F/100V 1812 MLCC
C2
N/A
C3
6.8F/50V 1812 MLCC 2.2F/100V 1812 MLCC
C4 & C5
470pF/2KV 1808 MLCC 1000pF/2KV 1808 MLCC
L1
325H Common Choke PMT-050 325H Common Choke PMT-050
1. All dimensions in Inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01(0.25) 3. Pin dimension tolerance 0.004 (0.1)
2.2F/100V 1812 MLCC
PIN CONNECTION
PIN 1 2 3 4 5 6 SINGLE + INPUT - INPUT ON/OFF +VOUT TRIM -VOUT DUAL + INPUT - INPUT ON/OFF +VOUT COMMON -VOUT
Recommended EN55022 Class B Filter Circuit Layout
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method shown below.
PRODUCT STANDARD TABLE
TRIM UP TRIM DOWN
6
5
RU
5 4
RD
Option Negative remote ON/OFF(Standard) Positive remote ON/OFF without ON/OFF pin negative remote ON/OFF without TRIM pin without ON/OFF&TRIM pin positive remote ON/OFF without TRIM pin
Suffix -A -B -C -D -E
Page 3 of 3
Issued Date2008/05/21


▲Up To Search▲   

 
Price & Availability of LCD15-24D05W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X