Part Number Hot Search : 
CDRH4D 2SC4758 SI4112G 176HDS0 CSP1027 M29F002 2SC4758 UPA826TC
Product Description
Full Text Search
 

To Download LA1S109-4D1PLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bothhand USA
"LAN-MATE" SERIES
email:sales@bothhandusa.com
tel: 978-887-8050
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS P/N:LA1S109-4D1P LF
Page : 1/2
Feature l l l l l l RJ-45 needs to be matched FCC standard Isolation @ 60Hz Input to output: 1500Vrms. Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins Operating temperature range: 0J to +70J. Storage temperature range: -25J to +85J. Recommended panel
Part Number Standard LED Forward*V(Max) 4 GREEN 2.6V D1 GREEN&YELLOW 2.6V (TYP) 2.2V 2.2V
*with a forward current of 20mA.
Electrical Specifications @ 25C
Part Number TX LA1S109-4D1P LF 1CT:1CT Turns Ratio (5%) RX 1CT:1CT OCL(uH Min) @ 100KHz/0.1V with 8mA DC Bias 350 Cross talk (dB Min) 0.3-30MHz 30-60MHz 60-100MHz -40 -35 -30 1500 HI-POT (Vrms)
Continue
Part Number Insertion Loss (dB Max) 1-100MHz LA1S109-4D1P LF -1.0 1-30MHz -16 Return Loss (dB Min) @ Load 100[ 30-40MHz 40-50MHz 50-80MHz -13.5 -11.5 -10 1-30MHz -30 CMR (dB Min) 30-60MHz -25 60-125MHz -20
Schematic
462 Boston St, Topsfield, MA 01983
http://www.bothhandUSA.com email:sales@bothhandusa.com
A1(08/ 02)
tel: 978-887-8050 fax: 978-887-5434
Bothhand USA
"LAN-MATE" SERIES
email:sales@bothhandusa.com
tel: 978-887-8050
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS P/N:LA1S109-4D1P LF Mechanical
Page : 2/2
1. Plastic Material 2. Metal Shield 3. Spring Wire 4. Solder Pin 5. Durability
: Thermoplastic (UL 94V-0), Black Housing : Brass, 20u" inches thick Nickel : Phosphor bronze with selective gold plating : 0.4x0.4mm, Phosphor bronze with solder Plated : 750 Mating cycles Min.
PCB Layout Mounting Hole(Top View)
462 Boston St, Topsfield, MA 01983
http://www.bothhandUSA.com email:sales@bothhandusa.com
A1(08/ 02)
tel: 978-887-8050 fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of LA1S109-4D1PLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X