Part Number Hot Search : 
EUP79 2N2905 332M0 ERIES SCL40 PLCC6 MCP2150 332M0
Product Description
Full Text Search
 

To Download L2SC4617QT3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
NPN Silicon
We declare that the material of product compliance with RoHS requirements.
!Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC Limits 60 50 7 0.15 Unit V V V A
1 2 3
L2SC4617XT1G
PC
0.15
W
SC-89
Tj Tstg 150 -55~+150 C C
COLLECTOR 3
!Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob Min. 60 50 7 - - - 120 - - Typ. - - - - - - - 180 2.0 Max. - - - 0.1 0.1 0.5 560 - 3.5 Unit V V V A A V - MHz pF IC=50A IC=1A IE=50A VCB=60V VEB=7V IC/IB=50mA/5mA VCE=6V, IC=1mA VCE=12V, IE=2mA, f=30MHz VCB=12V, IE=0A, f=1MHz
1 BASE
Conditions
2 EMITTER
!Device marking
L2SC4617QT1G=BQ L2SC4617RT1G=BR L2SC4617ST1G=BS
! hFE values are classified as follows:
Item hFE Q 120~270 R 180~390 S 270~560
ORDERING INFORMATION
Device Marking Shipping
L2SC4617QT1G L2SC4617QT3G L2SC4617RT1G L2SC4617RT3G L2SC4617ST1G L2SC4617ST3G
BQ BQ BR BR BS BS
3000 Tape & Reel 10000 Tape & Reel 3000 Tape & Reel 10000 Tape & Reel 3000 Tape & Reel 10000 Tape & Reel
1/4
LESHAN RADIO COMPANY, LTD.
L2SC4617XT1G
!Electrical characterristic curves
50
100
VCE=6V
COLLECTOR CURRENT : IC (mA)
Ta=25C
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
20 10 5
Ta=100C
25C -55C
80
0.50mA mA 0.45 A 0.40m mA 0.35 0.30mA
10
Ta=25C
30A 27A
8
24A 21A
60
0.25mA 0.20mA
6
18A 15A
2 1 0.5 0.2 0.1 0
40
0.15mA 0.10mA
4
12A 9A
20
0.05mA IB=0A 0 0.4 0.8 1.2 1.6 2.0
2
6A 3A
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 BASE TO EMITTER VOLTAGE : VBE (V)
0 0
4
8
IB=0A 12
16
20
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1
Grounded emitter propagation characteristics
Fig.2
Grounded emitter output characteristics ( )
Fig.3
Grounded emitter output characteristics ( )
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
500
Ta=25C
500 Ta=100C VCE=5V 3V 1V
VCE=5V
0.5
Ta=25C
DC CURRENT GAIN : hFE
200
DC CURRENT GAIN : hFE
200
25C -55C
0.2 IC/IB=50 20 10
100
100
0.1 0.05
50
50
0.02
20 10 0.2
20 10 0.2
0.5 1
2
5
10 20
50 100 200
0.5 1
2
5
10 20
50 100 200
0.01 0.2
0.5 1
2
5
10
20
50 100 200
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs. collector current ( )
Fig.5 DC current gain vs. collector current ( )
Fig. 6 Collector-emitter saturation voltage vs. collector current
2/4
LESHAN RADIO COMPANY, LTD.
L2SC4617XT1G
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
0.5
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
IC/IB=10
0.5
TRANSITION FREQUENCY : fT (MHz)
IC/IB=50
500
Ta=25C VCE=6V
0.2 Ta=100C 25C -55C
0.2 0.1 0.05
0.1 0.05
Ta=100C 25C -55C
200
0.02
100
0.02 0.01 0.2 0.5 1 2 5 10 20 50 100
0.01 0.2 0.5 1 2 5 10 20 50 100 200
50 -0.5 -1
-2
-5
-10 -20
-50 -100
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
EMITTER CURRENT : IE (mA)
Fig.7 Collector-emitter saturation voltage vs. collector current ( )
Fig.8 Collector-emitter saturation voltage vs. collector current ()
Fig.9 Gain bandwidth product vs. emitter current
COLLECTOR OUTPUT CAPACITANCE : Cob (pF) EMITTER INPUT CAPACITANCE : Cib (pF)
20
BASE COLLECTOR TIME CONSTANT : Cc*rbb' (ps)
10
Cib
Ta=25C f=1MHz IE=0A IC=0A
200
Ta=25C f=32MHZ VCB=6V
100
5
50
2
Co
20
b
1
0.2 0.5 1 2 5 10 20 50
10 -0.2 -0.5 -1 -2 -5 -10
COLLECTOR TO BASE VOLTAGE : VCB (V) EMITTER TO BASE VOLTAGE : VEB (V)
EMITTER CURRENT : IE (mA)
Fig.10
Collector output capacitance vs. collector-base voltage Emitter input capacitance vs. emitter-base voltage
Fig.11 Base-collector time constant vs. emitter current
3/4
LESHAN RADIO COMPANY, LTD.
L2SC4617XT1G
SC-89
A -X-
3 1 2
B -Y-
S
K G
2 PL
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 463C-01 OBSOLETE, NEW STANDARD 463C-02. MILLIMETERS MIN NOM MAX 1.50 1.60 1.70 0.75 0.85 0.95 0.60 0.70 0.80 0.23 0.28 0.33 0.50 BSC 0.53 REF 0.10 0.15 0.20 0.30 0.40 0.50 1.10 REF --- --- 10 _ --- --- 10 _ 1.50 1.60 1.70 INCHES NOM 0.063 0.034 0.028 0.011 0.020 BSC 0.021 REF 0.006 0.016 0.043 REF --- --- 0.063
D 0.08 (0.003)
M
3 PL
XY
M C
N J -TSEATING PLANE
DIM A B C D G H J K L M N S
MIN 0.059 0.030 0.024 0.009 0.004 0.012 --- --- 0.059
MAX 0.067 0.040 0.031 0.013 0.008 0.020 10 _ 10 _ 0.067
H
H
L
G RECOMMENDED PATTERN OF SOLDER PADS
4/4


▲Up To Search▲   

 
Price & Availability of L2SC4617QT3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X