|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KBU10005 THRU KBU1010 Reverse Voltage - 50 to 1000 Volts SINGLE PHASE SILICON BRIDGE RECTIFIER Forward Current - 10.0 Ampere FEATURES KBU .157(4.0)*45 .935(23.7) .895(22.7) .15 X23L (3.8 X5.7L) HOLE THRU Ideal for printed circuit board Surge overload rating: 300A peak High case dielectric strength High temperature soldering guaranteed: 260C/10 seconds at 5lbs. (2.3kg) tension .700(17.8) .600(16.8) 300 (7.5) .780(19.8) .740(18.8) MECHANICAL DATA Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Terminals: Plated leads solderable per MIL-STD 202, method 208 Mounting Position: Any Marking: Type Number 1.00 MIN. (25.4) .052(1.3)DIA. .048(1.2)TYP. .087(2.2) .071(1.8) .220(5.6) .180(4.6) .276(7.0) .256(6.5) Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2t R JC KBU 10005 50 35 KBU 1001 100 70 KBU 1002 200 140 KBU 1004 400 280 10.0 300 1.0 10 1.0 373 8.0 -65 to +150 KBU 1006 600 420 KBU 1008 800 560 KBU 1010 1000 700 Unit V V A A V A mA 2 As Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) Peak Reverse Current At Rated DC Blocking Voltage Rating for Fusing (t < 8.3ms) (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range @IF = 5.0A @TC = 25C @TC = 100C K/W C Tj, TSTG Note: 1. Non-repetitive for t > 1ms and < 8.3ms. 2. Thermal resistance junction to case per element mounted on PC board with 13.0x13.0x0.03mm thick land areas. KBU8005 THRU KBU810 RATINGS AND CHARACTERISTIC CURVES FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT 8 8.3ms Single Half Sine Wave JEDEC Method 300 FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT. (A) 250 200 150 100 50 0 AVERAGE FORWARD CURRENT. (A) TJ=25 0C 6 4 2 MOUNTED ON 4X4 INCH COPPER PC BOARD 0.5" (12.7mm) LEAD LENGTH 0 50 100 o 1 2 5 10 20 50 100 0 150 NUMBER OF CYCLES AT 60Hz AMBIENT TEMPERATURE. ( C) FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT 100 FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT 100 INSTANTANEOUS FORWARD CURRENT. (A) INSTANTANEOUS REVERSE CURRENT. ( A) 40 20 10 Tj=100 0C 10 4 2 1 1 0.4 0.2 0.1 0.6 Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE 0.7 0.8 0.9 1.0 1.1 1.2 1.3 0.1 0 20 40 0 Tj=25 0C 60 80 100 120 140 INSTANTANEOUS FORWARD VOLTAGE. (V) PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) |
Price & Availability of KBU10005 |