Part Number Hot Search : 
CR0300SA LP530 2005G V4NSYCUL MMBZ5231 CNQ04 YRT187M SES5V
Product Description
Full Text Search
 

To Download KBP206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Technology
KBP201 thru KBP207
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 2.0 Amperes
GLASS PASSIVATED BRIDGE RECTIFIERS
FEATURES
Rating to 1000V PRV Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique The plastic material has UL flammability classification 94V-0 In compliance with EU RoHS 2002/95/EC directives
0 .1 18 x 4 5 (3 .0 )
o
KBP
0.600(15.24) 0 .5 6 4(1 4 .3 2 )
0.460(11.68) 0.420(10.67)
0.500(12.70) 0.460(11.68)
+
.600(15.24) MIN
AC
_
MECHANICAL DATA
Polarity : As marked on Body Weight : 0.06 ounces, 1.7 grams Mounting position : Any
.034(0.86) .030(0.76) 1.20 0.90
.500 MIN. (12.7)
.161(4.1) SPACING .142(3.6) .147(3.65) .132(3.35)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARMETR Maximu recunt peak revs voltage Maximu RMS bridge input voltage Maximu DC blocking voltage Maximu averg forwad rectifd curent @TA=50J I2t Rating for fuisng (t< 8.3mS) Peak forwad surge curent, single sine-wav superim posed on rated load (JEDC method) Maximu instaeou Forwad Voltage Drop per elmnt at 3.14A DC Maximu DC Revrs Curent @T at Rated DC Blocking Voltage @T Typical junctio capitne per leg(note1 ) C Typical Thermal Resitanc Per leg (note2) Operating & StorageTmpu Range T VRM 50 100 200
SYMBOL
KBP 201 600 35 50 IF I2t IFSM V
F
KBP 202 800 70 100 140 200
KBP 203 1000 V 280 400
KBP 204 420
KBP 205 560 800
KBP 206 700 1000
KBP 207 V V
UNIT
400 VRMS VDC
600 2.0
A A
2
15 60
sec
A V uA pF J/W J
1.1 5.0 500 25 30 11 -55 to +150
STG
A A
=25J =100J R
cJA
IR
J
R
cJC J
&T
note1. Measured at 1.0MHz and aplied revs voltage of 4.0 vol ts note2. Thermal resitanc from junctio to ambient and from junc tio to lead mounted on P.C.B with 0.47x0.47" (12x12mm) coper pads.
CTC0015 Ver. 2.0 1 of 2 KBP201 thru KBP207
Compact Technology
KBP201 thru KBP207
BRIDGE OUTPUT FULL WAVE RECTIFIED CURRENT AVERES AMPERES
3
INSTANTANEOUS FORWARD CURRENT, AMPERES
1.0
2
1.0
1
.1
0
0
50
100
O
150
.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
AMBIENT TEMPERATURE , C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1 DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
Fig.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, uA
10
FORWARD SURGE CURRENT,AMPERES pk (HALF SINE-WAVE)
70 60 50 40 30 20 10 0
T A =100 C
1.0
O
0.1
T A =25 C
O
0.01
0
20
40
60
80
100
120
140
1
2
5
10
20
40
60
100
PERCENT OF PEAK REVERSE VOLTAGE Fig.3 TYPICAL PEAK REVERSE CHARACTERISTICS
NO. OF CYCLES AT 60Hz Fig.4 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
CTC0015 Ver. 2.0
2 of 2
KBP201 thru KBP207


▲Up To Search▲   

 
Price & Availability of KBP206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X