Part Number Hot Search : 
TO247 MAX1610 AD622AN FB1J3P 2SB834 24AA64 2SC383 M570ZF10
Product Description
Full Text Search
 

To Download ISL59923IRZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL59920, ISL59921, ISL59922, ISL59923
Data Sheet May 28, 2009 FN6826.1
Triple Analog Video Delay Lines
The ISL59920, ISL59921, ISL59922, and ISL59923 are triple analog delay lines that provide skew compensation between three high-speed signals. These parts are ideal for compensating for the skew introduced by a typical CAT-5, CAT-6 or CAT-7 cable (with differing electrical lengths on each twisted pair) when transmitting analog video. Using a simple serial interface, the ISL59920, ISL59921, ISL59922, and ISL59923's delays are programmable in steps of 2, 1.5, 1, or 2ns (respectively) for up to a total delay of 62, 46.5, 31, or 30ns (respectively) on each channel. The gain of the video amplifiers can be set to x1 (0dB) or x2 (6dB) for back-termination. The delay lines require a 5V supply.
Features
* 30, 31, 46.5, or 62ns Total Delay * 1.0, 1.5, or 2.0ns Delay Step Increments * Very Low Offset Voltage * Drop-in Compatible with the EL9115 * Low Power Consumption * 20 Ld QFN Package * Pb-Free (RoHS Compliant)
Applications
* Skew Control for RGB Video Signals * Generating Programmable High-speed Analog Delays
Ordering Information
PART NUMBER (Note) ISL59920IRZ* ISL59921IRZ* ISL59922IRZ* ISL59923IRZ* PART MARKING 59920 IRZ 59921 IRZ 59922 IRZ 59923 IRZ MAX DELAY (ns) 62 46.5 31 30 DELAY STEP SIZE (ns) 2.0 1.5 1.0 2.0 TYPICAL POWER DISSIPATION (mW) 645 645 645 540 PACKAGE (Pb-free) 20 Ld 5mmx5mm QFN 20 Ld 5mmx5mm QFN 20 Ld 5mmx5mm QFN 20 Ld 5mmx5mm QFN PKG. DWG. # L20.5x5C L20.5x5C L20.5x5C L20.5x5C
*Add "-T7" suffix for tape and reel. Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinout
ISL59920, ISL59921, ISL59922, ISL59923 (20 LD 5X5 QFN) TOP VIEW
18 TESTG 19 TESTR 17 TESTB 16 VSPO 15 ROUT 14 GNDO THERMAL PAD 13 GOUT 12 VSMO 11 BOUT CENABLE 7 SENABLE 8 SCLOCK 10 BIN 6 SDATA 9 20 X2 VSP 1 RIN 2 GND 3 GIN 4 VSM 5
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2009. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL59920, ISL59921, ISL59922, ISL59923
Absolute Maximum Ratings (TA = +25C)
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . 60mA Storage Temperature Range . . . . . . . . . . . . . . . . . .-65C to +150C ESD Classification Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3000V Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
Thermal Information
Thermal Resistance (Typical, Note 1) JA (C/W) 20 Lead QFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135C Ambient Operating Temperature . . . . . . . . . . . . . . . .-40C to +85C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTE: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
PARAMETER dt
VSP = VSPO = +5V, VSM = VSMP = -5V, GAIN = 2, TA = +25C, exposed die plate = -5V, x2 = 5V, RLOAD = 150 on all video outputs, unless otherwise specified. DESCRIPTION CONDITION ISL59920 ISL59921 ISL59922 ISL59923 MIN 1.8 1.4 0.9 1.8 55 42.5 26.5 26.5 TYP MAX 2 1.5 1 2 62 2.2 1.7 1.2 2.3 68 UNIT ns ns ns ns ns ns ns ns ns ns ns ns MHz MHz MHz MHz MHz MHz V/s V/s V/s V/s
Nominal Delay Increment (Note 2)
tMAX
Maximum Delay
ISL59920 ISL59921 ISL59922 ISL59923
46.5 53.5 31 30 1 38.5 34.5
DELDT tPD
Delay Difference Between Channels for Same Delay Settings On All Channels Propagation Delay ISL59920, ISL59923, measured input to output, delay setting = 0ns ISL59921, measured input to output, delay setting = 0ns ISL59922, measured input to output, delay setting = 0ns
10 8 7 153 200 230 50 60 50 550 640 700 550
BW -3dB
3dB Bandwidth, 0ns Delay Time
ISL59920, ISL59923 ISL59921 ISL59922
BW 0.1dB
0.1dB Bandwidth, 0ns Delay Time
ISL59920, ISL59923 ISL59921 ISL59922
SR
Slew Rate
ISL59920, 20-80, delay = 0ns ISL59921, 20-80, delay = 0ns ISL59922, 20-80, delay = 0ns ISL59923; 20-80, delay = 0ns
2
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923
Electrical Specifications
PARAMETER tR - t F VSP = VSPO = +5V, VSM = VSMP = -5V, GAIN = 2, TA = +25C, exposed die plate = -5V, x2 = 5V, RLOAD = 150 on all video outputs, unless otherwise specified. (Continued) DESCRIPTION Transient Response Time CONDITION ISL59920, 20% to 80%, for any delay, 1V step delay = 0ns ISL59921, 20% to 80%, for any delay, 1V step delay = 0ns ISL59922, 20% to 80%, for any delay, 1V step delay = 0ns ISL59923, 20% to 80%, for any delay, 1V step delay = 0ns VOVER Glitch THD X Voltage Overshoot Switching Glitch Total Harmonic Distortion Crosstalk For any delay, response to 1V step input Output settling time from last SCLK edge 1VP-P 10MHz sinewave, offset by +0.2V at mid delay setting Stimulate G, measure R/B at 1MHz, ISL59920, ISL59921, ISL59923 ISL59922 VN G_0 G_m G_f DG_m0 DG_f0 DG_fm VIN Output Noise Gain Zero Delay Gain Mid Delay Gain Full Delay Difference in Gain, 0 to Mid Difference in Gain, 0 to Full Difference in Gain, Mid to Full Input Voltage Range ISL59920, Gain remains > 90% of nominal, Gain = 2 ISL59921, Gain remains > 90% of nominal, Gain = 2 ISL59922, Gain remains > 90% of nominal, Gain = 2 ISL59923, Gain remains > 90% of nominal, Gain = 2 IB RIN, GIN, BIN Input Bias Current ISL59920, ISL59921 ISL59922, ISL59923 VOS ZOUT Output Offset Voltage Output Impedance Post offset calibration (Note 4), Delay = 0ns and Delay = Full ISL59920, ISL59921, Enabled, Chip enable = 5V ISL59922, ISL59923, Enabled, Chip enable = 5V Disabled, Chip enable = 0V +PSRR -PSRR IOUT VIH VIL Rejection of Positive Supply Rejection of Negative Supply Output Drive Current Logic High Logic Low 10 load, 0.5V drive Switch high threshold Switch low threshold 0.8 43 Bandwidth = 150MHz 1.74 1.67 1.6 -8 -12 -10 -0.7 -0.7 -0.7 -0.7 3 1.5 -25 4.5 3.5 8 -42 -58 53 -29 -46 70 1.6 -4 5.4 6 MIN TYP MAX 1.7 1.6 1.43 1.7 4 100 -43 -80 -78 2 1.8 1.8 1.8 0.6 -1.8 -1.7 1.92 1.97 2 7.5 10 7.5 1.1 1.04 1.04 1.15 8 8 +20 6.3 6.3 -38 -63 -59 UNIT ns ns ns ns % ns dB dB dB mVRM
S
V/V V/V V/V % % % V V V V A A mV M dB dB mA V V
3
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923
Electrical Specifications
PARAMETER VSP = VSPO = +5V, VSM = VSMP = -5V, GAIN = 2, TA = +25C, exposed die plate = -5V, x2 = 5V, RLOAD = 150 on all video outputs, unless otherwise specified. (Continued) DESCRIPTION CONDITION MIN TYP MAX UNIT
POWER SUPPLY CHARACTERISTICS V+ VISP VSP, VSPO Positive Supply Range VSM, VSMO Negative Supply Range Positive Supply Current (Note 3) ISL59920 ISL59921, ISL59922 ISL59923 ISPO Positive Output Supply Current (Note 3) ISL59920 ISL59921, ISL59922 ISL59923 ISM ISMO Negative Supply Current (Note 3) Negative Output Supply Current (Note 3) ISL59920, ISL59921, ISL59922 ISL59923
ISP
+4.5 -4.5 98 98 74 11.3 11.3 9.9 -35.45 -15.5 -17.5 115 125 90 13 13 13 -31 -13 -13 0.9 2.6
+5.5 -5.5 127 146 106 15.3 16.3 16 -26 -11 -9.5
V V mA mA mA mA mA mA mA mA mA mA mA
Supply Current (Note 3) Positive Supply Standby Current (Note 3)
Increase in ISP per unit step in delay per channel Chip enable = 0V
ISTANDBY
SERIAL INTERFACE CHARACTERISTICS tMAX tSEN_SETUP Max SCLOCK Frequency SENABLE to SCLOCK falling edge setup time. See Figure 34. Maximum programming clock speed SENABLE falling edge should occur at least tSEN_SETUP ns after previous (ignored) clock and tSEN_SETUP before next (desired) clock. Clock edges occurring within t_en_ck of the SENABLE falling edge will have indeterminate effect. 3 10 10 MHz ns
tSEN_CYCLE
Minimum Separation Between SENABLE rising If SENABLE is taken low less than 3s after it edge and next SENABLE falling edge. See Figure 34. was taken high, there is a small possibility that an offset correction will not be initiated.
s
NOTES: 2. The limits for the "Nominal Delay Increment" are derived by taking the limits for the "Maximum Delay" and dividing by the number of steps for the device. For the ISL59920, ISL59921, and ISL59922 the number of steps is 31; for the ISL59923 the number of steps is 15. 3. All supply currents measured with Delay R = 0ns, G = mid delay, B = full delay. 4. Offset measurements are referred to 75 load as shown in Figure 1.
75 VIN x2 VOUT VOS
75
FIGURE 1. VOS MEASUREMENT CONDITIONS
4
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923 Pin Descriptions
PIN NUMBER 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Thermal Pad PIN NAME VSP RIN GND GIN VSM BIN CENABLE SENABLE SDATA SCLOCK BOUT VSMO GOUT GNDO ROUT VSPO TESTB TESTG TESTR X2 PIN DESCRIPTION +5V for delay circuitry and input amp Red channel video input 0V for delay circuitry supply Green channel video input -5V for input amp Blue channel video input Chip Enable input, active high: logical high enables chip, low disables chip Serial Enable input, active low: logical low enables serial communication Serial Data input, logic threshold 1.2V: data to be programmed into chip Serial Clock input: Clock to enter data; logical; data written on negative edge Blue channel video output -5V for video output buffers Green channel video output 0V reference for input and output buffers Red channel video output +5V for video output buffers Blue channel phase detector output Green channel phase detector output Red channel phase detector output Gain Select Input: logical high = 2x (+6dB), logical low = 1x (0dB) MUST be tied to -5V. For best thermal conductivity also tie to a larger -5V copper plane (inner or bottom). Use many vias to minimize thermal resistance between thermal pad and copper plane. Do not connect to GND - connection to GND is equivalent to shorting the -5V and GND planes together.
5
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923 Typical Performance Curves
2 1 0 -1 -2 -3 -4 -5 -6 -7 VIN = 700mVP-P -8 GAIN = 1 -9 -10 100k 1M 0ns 20ns 40ns 30ns 50ns 62ns 2 1 0 -1 -2 -3 -4 -5 -6 -7 -8 VIN = 700mVP-P -9 GAIN = 2 -10 100k 1M 0ns 20ns 40ns 30ns 50ns 62ns
NORMALIZED GAIN (dB)
NORMALIZED GAIN (dB)
10ns
10ns
10M FREQUENCY (Hz)
100M
1G
10M FREQUENCY (Hz)
100M
1G
FIGURE 2. ISL59920 FREQUENCY RESPONSE (GAIN = 1)
FIGURE 3. ISL59920 FREQUENCY RESPONSE (GAIN = 2)
2 NORMALIZED MAGNITUDE (dB) 0ns 0 -2 -4 -6 -8 -10 30ns 10.5ns 46.5ns 21ns NORMALIZED MAGNITUDE (dB)
2 0ns 0 -2 -4 -6 -8 -10 30ns 46.5ns 10.5ns 21ns
VIN = 700mVP-P GAIN = 1 100k 1M 10M FREQUENCY (Hz) 100M 1G
VIN = 700mVP-P GAIN = 2 100k 1M 10M FREQUENCY (Hz) 100M 1G
FIGURE 4. ISL59921 FREQUENCY RESPONSE (GAIN = 1)
FIGURE 5. ISL59921 FREQUENCY RESPONSE (GAIN = 2)
4 NORMALIZED MAGNITUDE (dB) 2 0 -2 -4 -6 -8 -10 VIN = 700mVP-P GAIN = 1 100k 1M 10M FREQUENCY (Hz) 100M 1G 31ns 20ns 0ns NORMALIZED MAGNITUDE (dB)
4 2 0 -2 -4 -6 -8 -10 VIN = 700mVP-P GAIN = 2 100k 1M 10M FREQUENCY (Hz) 100M 1G 20ns 31ns 0ns 10ns
10ns
FIGURE 6. ISL59922 FREQUENCY RESPONSE (GAIN = 1)
FIGURE 7. ISL59922 FREQUENCY RESPONSE (GAIN = 2)
6
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923 Typical Performance Curves (Continued)
2 NORMALIZED MAGNITUDE (dB) 0ns 0 -2 -4 -6 -8 -10 30ns 10ns NORMALIZED MAGNITUDE (dB) 2 0ns 0 -2 -4 -6 -8 -10 30ns 10ns
20ns
20ns
VIN = 700mVP-P GAIN = 1 100k 1M 10M FREQUENCY (Hz) 100M 1G
VIN = 700mVP-P GAIN = 2 100k 1M 10M FREQUENCY (Hz) 100M 1G
FIGURE 8. ISL59923 FREQUENCY RESPONSE (GAIN = 1)
FIGURE 9. ISL59923 FREQUENCY RESPONSE (GAIN = 2)
250 SENABLE TIMEBASE: 500ns/div SENABLE: 1V/div OUTPUT: 100mV/div GAIN: 1 SPECTRUM (nV/Hz) 200 150 100 50 0 0M OUTPUT REFERRED GAIN = 2
OUTPUT
100M
200M
300M
400M
500M
600M
FREQUENCY (Hz)
FIGURE 10. OFFSET CORRECTION DAC ADJUST
FIGURE 11. ISL59920 NOISE SPECTRUM (10k TO 500MHz)
200 180 SPECTRUM (nV/HZ) 140 120 100 80 60 40 20 OUTPUT REFERRED GAIN = 2 0 0M 100M 200M 300M 400M FREQUENCY (Hz) SPECTRUM (nV/HZ) 160
250 200 150 100 50 0 0M OUTPUT REFERRED GAIN = 2 100M 200M 300M 400M FREQUENCY (Hz) 500M 600M
500M
600M
FIGURE 12. ISL59921 NOISE SPECTRUM (10k TO 500MHz)
FIGURE 13. ISL59922 NOISE SPECTRUM (10k TO 500MHz)
7
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923 Typical Performance Curves (Continued)
250 200 RISE/FALL TIME 150 100 50 3.0 RISE 2.5 2.0 1.5 1.0 0.5 0 SPECTRUM (nV/HZ)
FALL
OUTPUT REFERRED GAIN = 2 100M 200M 300M 400M FREQUENCY (Hz) 500M 600M
0 0M
0
4
8
12 16 20 24 28 32 36 40 44 48 52 56 60 DELAY (ns)
FIGURE 14. ISL59923 NOISE SPECTRUM (10k TO 500MHz)
FIGURE 15. ISL59920 RISE/FALL TIME vs DELAY TIME (GAIN = 2)
3.0 2.5 RISE/FALL TIME 2.0 1.5 1.0 0.5 0 RISE RISE/FALL TIME FALL
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 4 8 12 16 20 24 28 DELAY (ns) 32 36 40 44 48 0 0 2
FALL
RISE
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 DELAY (ns)
FIGURE 16. ISL59921 RISE/FALL TIME vs DELAY TIME (GAIN = 2)
FIGURE 17. ISL59922 RISE/FALL TIME vs DELAY TIME (GAIN = 2)
2.5 FALL 2.0 RISE/FALL TIME 1.5 RISE 1.0 0.5 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 DELAY (ns) HARMONIC DISTORTION (dBc)
0 -10 -20 -30 -40 -50 -60 -70 -80 2M 6M 10M 2ND HD 3RD HD V+ = +5.0V, V- = -5.0V VOUT = 1.0VP-P, SINE WAVE RL = 150 GAIN = 2
14M
18M 22M 26M FREQUENCY (Hz)
30M
34M
38M
FIGURE 18. ISL59923 RISE/FALL TIME vs DELAY TIME (GAIN = 2)
FIGURE 19. HARMONIC DISTORTION vs FREQUENCY
8
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923 Typical Performance Curves (Continued)
POSITIVE SUPPLY CURRENT (mA) POSITIVE SUPPLY CURRENT (mA) 180 160 140 120 100 2 CHANNELS 80 GAIN = 2 60 0 4 8 12 16 20 24 28 32 36 40 44 48 52 56 60 DELAY (ns) 1 CHANNEL 3 CHANNELS 220 200 3 CHANNELS 180 160 140 120 100 1 CHANNEL 2 CHANNELS 80 GAIN = 2 NO INPUT, NO LOAD 60 0 3 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 DELAY (ns)
FIGURE 20. ISL59920 POSITIVE SUPPLY CURRENT (VSP) vs DELAY TIME
FIGURE 21. ISL59921 POSITIVE SUPPLY CURRENT (VSP) vs DELAY TIME
POSITIVE SUPPLY CURRENT (mA)
POSITIVE SUPPLY CURRENT (mA)
220 200 180 160 140 120 100 1 CHANNEL 80 GAIN = 2 NO INPUT, NO LOAD 60 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 DELAY (ns) 2 CHANNELS 3 CHANNELS
150 140 130 120 110 100 90 80 2 CHANNELS 1 CHANNEL 3 CHANNELS
70 GAIN = 2 NO INPUT, NO LOAD 60 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 DELAY (ns)
FIGURE 22. ISL59922 POSITIVE SUPPLY CURRENT (VSP) vs DELAY TIME
FIGURE 23. ISL59923 POSITIVE SUPPLY CURRENT (VSP) vs DELAY TIME
NEGATIVE SUPPLY CURRENT (mA)
200 SUPPLY CURRENT (mA) 180 DELAY = 62ns 160 140 120 DELAY = 0ns 100 80 GAIN = 1 OR 2 60 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 SUPPLY VOLTAGE (V) 5.6 5.8 6.0
-42.5 -43.0 -43.5 -44.0 -44.5 -44.0 -45.5 -46.0 GAIN = 1 OR 2 -46.5 -4.0 -4.2 -4.4 -4.6 -4.8 -5.0 -5.2 -5.4 -5.6 -5.8 -6.0 DELAY = 0ns DELAY = 62ns
SUPPLY VOLTAGE (V)
FIGURE 24. ISL59920 ISUPPLY+ vs VSUPPLY+
FIGURE 25. ISL59920 ISUPPLY- vs VSUPPLY-
9
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923 Typical Performance Curves (Continued)
NEGATIVE SUPPLY CURRENT (mA) 240 220 SUPPLY CURRENT (mA) 200 180 160 GAIN = 1 OR 2 DELAY APPLIED TO ALL 140 CHANNELS 120 NO INPUT, NO LOAD 100 DELAY = 0ns 80 60 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 SUPPLY VOLTAGE (V) 5.6 5.8 6.0 DELAY = 46.5ns -46.0 -46.5 -47.0 DELAY = 46.5ns -47.5 -48.0 -48.5 -49.0 -49.5 -50.0 -50.5 -51.0 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 SUPPLY VOLTAGE (V) 5.6 5.8 6.0 DELAY = 0ns GAIN = 2
FIGURE 26. ISL59921 ISUPPLY+ vs VSUPPLY+
FIGURE 27. ISL59921 ISUPPLY- vs VSUPPLY-
NEGATIVE SUPPLY CURRENT (mA)
220 200 SUPPLY CURRENT (mA) 180 160 GAIN = 1 OR 2 140 DELAY APPLIED TO ALL 120 CHANNELS NO INPUT, NO LOAD 100 80 60 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 SUPPLY VOLTAGE (V) DELAY = 0ns DELAY = 31ns
-45.0 -45.5 DELAY = 31ns -46.0 -46.5 -47.0 -47.5 -48.0 -48.5 -49.0 DELAY = 0ns -49.5 -50.0 -50.5 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 SUPPLY VOLTAGE (V) 5.6
GAIN = 2
5.6
5.8
6.0
5.8
6.0
FIGURE 28. ISL59922 ISUPPLY+ vs VSUPPLY+
FIGURE 29. ISL59922 ISUPPLY- vs VSUPPLY-
NEGATIVE SUPPLY CURRENT (mA)
150 140 SUPPLY CURRENT (mA) 130 120 110 100 90 80 70 60 4.0 GAIN = 1 OR 2 DELAY APPLIED TO ALL CHANNELS NO INPUT, NO LOAD 4.2 4.4 4.6 4.8 5.0 5.2 5.4 SUPPLY VOLTAGE (V) 5.6 5.8 6.0 DELAY = 0ns DELAY = 30ns
-46.0 DELAY = 30ns -46.5 -47.0 -47.5 -48.0 -48.5 DELAY = 0ns -49.0 -49.5 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 SUPPLY VOLTAGE (V) 5.6
GAIN = 2
5.8
6.0
FIGURE 30. ISL59923 ISUPPLY+ vs VSUPPLY+
FIGURE 31. ISL59923 ISUPPLY- vs VSUPPLY-
10
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923 Typical Performance Curves (Continued)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD - QFN EXPOSED DIEPAD SOLDERED TO PCB PER JESD51-5 4.5 4.0 POWER DISSIPATION (W) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 25 50 75 85 100 125 150 AMBIENT TEMPERATURE (C) 3.54W
QF N 1
JA
=3
20 C/ W
FIGURE 32. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
1 VSP
19 TESTR
17 TESTB
18 TESTG
16 VSPO CENABLE 7
2
RIN
+
DELAY LINE + ROUT 15
4
GIN
+
DELAY LINE + GOUT 13
6
BIN
+
DELAY LINE + BOUT 11 X2 20 CONTROL LOGIC VSMO 12
9 10 8
SDATA SCLOCK SENABLE GND VSM
[BOTTOM PLATE] C
3
5
14
FIGURE 33. ISL59920, ISL59921, ISL59922, ISL59923 BLOCK DIAGRAM
Applications Information
The ISL59920, ISL59921, ISL59922, and ISL59923 are triple analog delay lines that provide skew compensation between three high-speed signals. These devices compensate for time skew introduced by a typical CAT-5, CAT-6 or CAT-7 cable with differing electrical lengths (due to different twist ratios) on each pair. Via their SPI interface, these devices can be programmed to independently compensate for the three different cable delays while maintaining 80MHz bandwidth at their maximum setting. There are four different variations of the ISL5992x (ISL5992x will be used when talking about characteristics that are common to all four devices).
PART NUMBER ISL59920 ISL59921 ISL59922 ISL59923
GND
TABLE 1. MAX DELAY (ns) 62 46.5 31 30 NOMINAL DELAY INCREMENT (ns) 2.0 1.5 1.0 2.0
11
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923
SENABLE tSEN_SETUP SCLOCK tSEN_CYCLE
SDATA
0
A1 a
A0 b
D4 v
D3 w
D2 x
D1 y
D0* z
*D0 is 0 when addressing the test register
FIGURE 34. SERIAL TIMING
Figure 33 shows the ISL5992x block diagram. The 3 analog inputs are ground referenced single-ended signals. After the signal is received, the delay is introduced by switching filter blocks into the signal path. Each filter block is an all-pass filter introducing either 1, 1.5 or 2ns of delay. In addition to adding delay, each filter block also introduces some low pass filtering. As a result, the bandwidth of the signal path decreases from the 0ns delay setting to the maximum delay setting, as shown in Figures 2 through 9 of the "Typical Performance Curves". In operation, it is best to allocate the most delayed signal 0ns delay then increase the delay on the other channels to bring them into line. This will result in delay compensation with the lowest power and distortion.
TABLE 2. SERIAL BUS DATA (Continued) vwxyz 00100 00101 00110 00111 01000 01001 01010 01011 01100 01101 01110 01111 10000 10001 10010 10011 10100 10101 10110 10111 11000 11001 11010 11011 11100 ISL59920 DELAY 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54 56 58 60 62 ISL59921 DELAY 6 7.5 9 10.5 12 13.5 15 16.5 18 19.5 21 22.5 24 25.5 27 28.5 30 31.5 33 34.5 36 37.5 39 40.5 42 43.5 45 46.5 ISL59922 DELAY 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 ISL59923 DELAY 8 10 12 14 16 18 20 22 24 26 28 30 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A
Serial Bus Operation
The ISL5992x is programmed via 8-bit words sent through its serial interface. The first bit (MSB) of SDATA is latched on the first falling clock edge after SENABLE goes low, as shown in Figure 34. This bit should be a 0 under all conditions. The next two bits determine the color register to be written to: 01 = R, 02 = G, and 03 = B (00 is reserved for the test register). The final five bits set the delay for the specified color. After 8 bits are latched, any additional clocks are treated as a new word (data is shifted directly to the final registers as it is clocked in). This allows the user to write (for example) the 24 bits of data necessary for R, G, and B as a single 24-bit word. It is the user's responsibility to send complete multiples of 8 clock cycles. The serial state machine is reset on the falling edge of SENABLE, so any data corruption that may have occurred due to too many or too few clocks can be corrected with a new word with the correct number of clocks. The initial value of all registers on power-up is 0.
TABLE 2. SERIAL BUS DATA vwxyz 00000 00001 00010 00011 ISL59920 DELAY 0 2 4 6 ISL59921 DELAY 0 1.5 3 4.5 ISL59922 DELAY 0 1 2 3 ISL59923 DELAY 0 2 4 6
11101 11110 11111
NOTE: Delay register word = 0abvwxyz; Red register - ab = 01; Green register - ab = 10; Blue register - ab = 11; vwxyz selects delay; ab = 00 writes to the test register to change the DAC slice level.
12
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923
Offset Compensation
To counter the effects of offset, the ISL5992x incorporates an offset compensation circuit that reduces the offset to less than 25mV. An offset correction cycle is triggered by the rising edge of the SENABLE pin after writing a delay word to any of the 3 channels. The offset calibration starts about 500ns after the SENABLE rising edge to allow the ISL5992x time to settle (electrically and thermally) to the new delay setting. It lasts about 2.5s, for a total offset correction time of 3.0s. During calibration, the ISL5992x's inputs are internally shorted together (however the characteristics of the ISL5992x's differential input pins stay the same), and the offset of the output stage is adjusted until it has been minimized. In addition to automatically triggering after a delay change (or any register write), an additional offset calibration may be initiated at any time, such as: * When the die temperature changes. Applying power to the ISL5992x will cause the die temperature to quickly increase then slowly settle over 20 to 30 seconds. Because the ISL5992x powers-down unused delay stages (to minimize power consumption), the die temp will also change and settle after a delay change. Initiating an offset 20 seconds (or longer, depending on the thermal characteristics of the system) after power-on or a delay change will minimize the offset in normal operation thereafter. * When the ambient temperature changes. If you are monitoring the temperature, initiate a calibration every time the temperature shifts by 5 to 10 degrees. If you are not monitoring temperature, initiate a calibration periodically, as expected by the environment the device is in. * After a CENABLE (Chip Enable) cycle. The CENABLE pin may be taken low to put the ISL5992x in a low power standby mode to conserve power when not needed. When the CENABLE pin goes high to exit this low power mode, the ISL5992x will recall the delay settings but it will not recall the correct offset calibration settings, so to maintain low offset, a write to the delay register is required after a CENABLE cycle. Offset errors may be as large as 200mV coming out of standby mode - recalibration is a necessity. For best performance, initiate an additional calibration again once the die temperature has settled (20 to 30 seconds after coming out of standby). * After a gain change (X2 pin changes state). The systematic offset is different for a gain of x1 vs. a gain of x2, so an offset calibration is recommended after a gain change. However in a typical application the gain is permanently fixed at x1 or x2, so this is not usually a concern. TESTB pulse = BLUEOUT with respect to REDOUT Averaging the current gives a direct measure of the delay between the two edges. When A precedes B, the current pulse is +50A, and the output voltage goes up. When B precedes A, the pulse is -50A. For the logic to work correctly, A and B must have a period of overlap while they are high (a delay longer than the pulse width cannot be measured). Signals A and B are derived from the video input by comparing the video signal with a slicing level, which is set by an internal DAC. This enables the delay to be measured either from the rising edges of sync-like signals encoded on top of the video or from a dedicated set-up signal. The outputs can be used to set the correct delays for the signals received. The DAC level is set through the serial input by bits 1 through 4 directed to the test register (00). INTERNAL DAC VOLTAGE The slice level of the internal DAC may be programmed by writing a byte to the test register (00). Table 3 shows the values that should be written to change the DAC slice level. Please keep in mind when writing to the test register that the LSB should always be zero. Referred to the input, the DAC slice range for the ISL5992x is cut in half for gain of 2 mode because the slicing occurs after the x1/x2 stage output amplifier. (In the EL9115, the slicing occurred before the amplifier so the range of the DAC voltage was the same for either gain of 1 or gain of 2).
4 INTERNAL DAC SLICING LEVEL
000wxyz0
COMPARATORS REDOUT A TESTR B
GREENOUT
A TESTG B
BLUEOUT
A TESTB B
Test Pins
Three test pins are provided (Test R, Test G, Test B). During normal operation, the test pins output pulses of current for a duration of the overlap between the inputs, as shown in Figure 35: TESTR pulse = REDOUT (A) with respect to GREENOUT (B) TESTG pulse = GREENOUT with respect to BLUEOUT 13
A B
OUTPUT
FIGURE 35. DELAY DETECTOR
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923
TABLE 3. DAC VOLTAGE RANGE - INPUT REFERRED wxyz 1000 1001 1010 1011 1100 1101 1110 1111 0000 0001 0010 0011 0100 0101 0110 0111 DAC RANGE [mV] (GAIN 1) -400 -350 -300 -250 -200 -150 -100 -50 0 50 100 150 200 250 300 350 DAC RANGE [mV] (GAIN 2) -200 -175 -150 -125 -100 -75 -50 -25 0 25 50 75 100 125 150 175
Power Dissipation
As the delay setting increases, additional filter blocks turn on and insert into the signal path. When the delay per channel increments, VSP current increases by 0.9mA while VSM does not change significantly. Under the extreme settings, the positive supply current reaches 141mA and the negative supply current can be 41mA. Operating at 5V power supply, the worst-case ISL5992x power dissipation is:
PD = 5 * 141mA + 5 * 41mA = 910mW (EQ. 1)
The minimum JA required for long term reliable operation of the ISL5992x is calculated using Equation 2:
JA = ( T J - T A ) PD = 55 C W (EQ. 2)
Where: TJ is the maximum junction temperature (+135C) TA is the maximum ambient temperature (+85C) For a 20 Ld package on a well laid-out PCB with good connectivity between the QFN's pad and the PCB copper area, 31C/W JA thermal resistance can be achieved. This yields a much higher power dissipation of 3.54W using Equation 2 (see Figure 32). To disperse the heat, the bottom heat spreader must be soldered to the PCB. Heat flows through the heat spreader to the circuit board copper then spreads and convects to air. Thus, the PCB copper plane becomes the heatsink (see TB389). This has proven to be a very effective technique. A separate application note, which details the 20 Ld QFN PCB design considerations, is available.
NOTE: Test Register word = 000wxyz0. wxyz fed to DAC. z is LSB
14
FN6826.1 May 28, 2009
ISL59920, ISL59921, ISL59922, ISL59923 Quad Flat No-Lead Plastic Package (QFN)
A N (N-1) (N-2) D B
L20.5x5C
20 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-220) MILLIMETERS SYMBOL A A1 b c D MIN 0.80 0.00 0.28 NOMINAL 0.90 0.02 0.30 0.20 REF 5.00 BASIC 3.70 REF 5.00 BASIC 3.70 REF 0.65 BASIC 0.35 0.40 20 5 REF 5 REF 0.45 MAX 1.00 0.05 0.32 NOTES 8 8 4 6 5 Rev. 0 6/06
1 2 3
PIN #1 I.D. MARK
E
(2X) 0.075 C (N/2) 0.075 C TOP VIEW
D2 E E2 e L N ND NE
(2X)
C SEATING PLANE
e
0.10 C
0.08 C N LEADS AND EXPOSED PAD
SEE DETAIL "X" SIDE VIEW
NOTES: 1. Dimensioning and tolerancing per ASME Y14.5M-1994. 2. Tiebar view shown is a non-functional feature. 3. Bottom-side pin #1 I.D. is a diepad chamfer as shown. 4. N is the total number of terminals on the device.
0.01 M C A B L N LEADS b (N-2) (N-1) N PIN #1 I.D. 3 1 2 3 (E2)
5. NE is the number of terminals on the "E" side of the package (or Y-direction). 6. ND is the number of terminals on the "D" side of the package (or X-direction). ND = (N/2)-NE. 7. Inward end of terminal may be square or circular in shape with radius (b/2) as shown. 8. If two values are listed, multiple exposed pad options are available. Refer to device-specific datasheet. 9. One of 10 packages in MDP0046
NE 5 (N/2)
(D2) BOTTOM VIEW
7
C
A
(c)
2
A1 DETAIL "X"
(L) N LEADS
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 15
FN6826.1 May 28, 2009


▲Up To Search▲   

 
Price & Availability of ISL59923IRZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X