Part Number Hot Search : 
KDS221E ML662 EVALZ S7142AM CY7C10 00F1T Y7C15 AP1075
Product Description
Full Text Search
 

To Download IN4934 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN4933 thru IN4937
FAST SWITCHING RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 50 TO 600 Volts CURRENT 1.0 Amperes
DO-41
FEATURE
Low forward voltage High current capability Low leakage current High surge capability Low cost
MECHANICAL DATA
Case:Mold plastic use UL 94V-0 recognized flame retardant epoxy Terminals:Axial leads, solderable per MIL-STD-202, method 208 Polarity:Color band denotes cathode Mounting Position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Signle phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
IN4933
IN4934
100 70 100
IN4935
200 140 200 1.0 50 1.2 30 5.0 200 20 -65 to +175
IN4936
400 280 400
IN4937
600 420 600
UNITS
V V V A A V A A nS pF
0
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, .375", (9.5mm) Lead Length at TA =75 C
0
50 35 50
Peak Forward Surge Current 8.3 ms single half sine-wave Maximum Forward Voltage at 1.0A Peak Maximum Full Load Reverse Current, Full Cycle Average, .375", (9.5mm) Lead Length at TA =55 C
0
Maximum DC Reverse Current, at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Tempeature Range Notes : 1. Reverse Recovery Test Conditions : IF=1A, VR=30V 2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
C
IN4933 thru IN4937
FAST SWITCHING RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES IN4933 THRU IN4937
Fig. 1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
8 115Va 60Hz 10K 2W 7 3 4
1 AMP SLO-RLO FUSE C1 1.0 F 300V R2 1 1OW NON-INDUCTIVE
1 2 R1 3 25W 30 50W
NON-INDUCTIVE UNIT UNDERTEST
6
C P CLARE HPG 1002
I FM 0
i(ti)
di/d trr
5
30 Vdc CONSTANT VOLTAGE SUPPLY
C1 1.0 F 300V
1.0 Adc From Vdc CONSTANT VOLTAGE SUPPLY RIPPLE 3mVrms MAX
I RM (REC)
MINIMIZE ALL LEAD LENGTHS
1cm
Zout 11/2 MAX DC to 2KHz
SET TIME BASE FOR 50/100ns/cm
A-TEKTRONIX 545A. K PLUG IN PRE AMP p6000 PROBE OR EOUIVALENT , R 1 -ADJUSTED FOR 14 BETWEEN POINT 2 OF RELAY AND RECTIFIER INDUCTANCE=3&H
R 2 -TEN 1W 10 1% CARBONCORD INPARALLEL +10 CFORRECTIFIER TA = -0
Fig. 2 - FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375 LEAD LENGTH
Fig. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
1.25 1.00 .75
INSTANTANEOUS FORWARD CURRENT AMPERES
1.50
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
1.0
.50 .25 0 25 50 75 100 125 150 175
0.1
T J = 25 0 C
AMBIENT TEMPERATURE, 0C
0.01 .4
.6
.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLT AGE, VOLTS
Fig. 4 - TYPICAL JUNCTION CAPACITANCE
100
Fig. 5 - PEAK FORWARD SURGE CURRENT
FORWARD SURGE CURRENT, AMPERES pk (HALF-SINE WAVE)
50
CAPACITANCE-pF
40
10
T J = 25 0 C
30
T J = 25 0 C
20
10
1 1 10 100
REVERSE VOLTAGE. VOLTS
0 1 10 100
NUMBER OF CYCLES AT 60Hz


▲Up To Search▲   

 
Price & Availability of IN4934

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X