Part Number Hot Search : 
05201 M3302A ON0323 RS1GL MB251DL LM190 2SC3690 SMA73
Product Description
Full Text Search
 

To Download HT7525-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT75XX-1 100mA Low Power LDO
Features
* Low power consumption * Low voltage drop * Low temperature coefficient * High input voltage (up to 24V) * High output current : 100mA (Pd 250mW) * Output voltage accuracy: tolerance 3% * TO92, SOT89 and SOT23-5 package
Applications
* Battery-powered equipment * Communication equipment * Audio/Video equipment
General Description
The HT75XX-1 series is a set of three-terminal high current low voltage regulator implemented in CMOS technology. They can deliver 100mA output current and allow an input voltage as high as 24V. They are available with several fixed output voltages ranging from 2.1V to 12.0V. CMOS technology ensures low voltage drop and low quiescent current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain variable voltages and currents.
Selection Table
Part No. HT7521-1 HT7523-1 HT7525-1 HT7527-1 HT7530-1 HT7533-1 HT7536-1 HT7540-1 HT7544-1 HT7550-1 HT7560-1 HT7570-1 HT7580-1 HT7590-1 HT75A0-1 HT75C0-1 Note: Output Voltage 2.1V 2.3V 2.5V 2.7V 3.0V 3.3V 3.6V 4.0V 4.4V 5.0V 6.0V 7.0V 8.0V 9.0V 10.0V 12.0V TO92 SOT89 SOT23-5 75XX-1 (for TO92) 75XX-1 (for SOT89) 5XX1 (for SOT23-5) Package Marking
XX stands for output voltages. For lead free devices, TO92 package will add a # mark at the end of the date code, whereas SOT89 & SOT23-5 packages will add a # mark at the end of the marking.
Rev. 1.80
1
March 25, 2010
HT75XX-1
Block Diagram
V IN VOUT
V re f
GND
Pin Assignment
TO 92 SO T89 S O T 2 3 -5 NC NC
7 5 X X -1
F r o n t V ie w
7 5 X X -1
5XX1
T o p V ie w
GND
V IN
VOUT
GND
V IN
VOUT
GND
V IN
VOUT
B o tto m
V ie w GND GND V IN VOUT V IN VOUT
Absolute Maximum Ratings
Supply Voltage ..........................................-0.3V to 26V Power Consumption (*1) .................................. 250mW Power Consumption (*2) .................................. 150mW Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability. *1: applied to SOT89 and TO92 *2: applied to SOT23-5 Storage Temperature ............................-50C to 125C Operating Temperature...........................-40C to 85C
Rev. 1.80
2
March 25, 2010
HT75XX-1
Electrical Characteristics
HT7521-1, +2.1V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption Test Conditions VIN 4.1V 4.1V 4.1V 3/4 4.1V 3/4 3/4 4.1V Conditions IOUT=10mA 3/4 1mAIOUT50mA IOUT=1mA, DVOUT=2% No load 3.1VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CDV DV
VIN
IN
OUT
V
OUT
Line Regulation Input Voltage
DVO DT
a
UT
Temperature Coefficient
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load. Ta=25C Test Conditions VIN 4.3V 4.3V 4.3V 3/4 4.3V 3/4 3/4 4.3V Conditions IOUT=10mA 3/4 1mAIOUT50mA IOUT=1mA, DVOUT=2% No load 3.3VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CHT7523-1, +2.3V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption
DV DV
VIN
IN
OUT
V
OUT
Line Regulation Input Voltage
DVO DT
a
UT
Temperature Coefficient
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load.
Rev. 1.80
3
March 25, 2010
HT75XX-1
HT7525-1, +2.5V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption Test Conditions VIN 4.5V 4.5V 4.5V 3/4 4.5V 3/4 3/4 4.5V Conditions IOUT=10mA 3/4 1mAIOUT50mA IOUT=1mA, DVOUT=2% No load 3.5VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CDV DV
VIN
IN
OUT
V
OUT
Line Regulation Input Voltage
DVO DT
a
UT
Temperature Coefficient
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load. Ta=25C Test Conditions VIN 4.7V 4.7V 4.7V 3/4 4.7V 3/4 3/4 4.7V Conditions IOUT=10mA 3/4 1mAIOUT50mA IOUT=1mA, DVOUT=2% No load 3.7VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CHT7527-1, +2.7V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption
DV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load.
Rev. 1.80
4
March 25, 2010
HT75XX-1
HT7530-1, +3.0V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption Test Conditions VIN 5.0V 5.0V 5.0V 3/4 5.0V 3/4 3/4 5.0V Conditions IOUT=10mA 3/4 1mAIOUT50mA IOUT=1mA, DVOUT=2% No load 4.0VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CDV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load. Ta=25C Test Conditions VIN 5.5V 5.5V 5.5V 3/4 5.5V 3/4 3/4 5.5V Conditions IOUT=10mA 3/4 1mAIOUT50mA IOUT=1mA, DVOUT=2% No load 4.5VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CHT7533-1, +3.3V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption
DV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load.
Rev. 1.80
5
March 25, 2010
HT75XX-1
HT7536-1, +3.6V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption Test Conditions VIN 5.6V 5.6V 5.6V 3/4 5.6V 3/4 3/4 5.6V Conditions IOUT=10mA 3/4 1mAIOUT50mA IOUT=1mA, DVOUT=2% No load 4.6VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CDV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load. Ta=25C Test Conditions VIN 6.0V 6.0V 6.0V 3/4 6.0V 3/4 3/4 6.0V Conditions IOUT=10mA 3/4 1mAIOUT50mA IOUT=1mA, DVOUT=2% No load 5.0VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CHT7540-1, +4.0V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption
DV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load.
Rev. 1.80
6
March 25, 2010
HT75XX-1
HT7544-1, +4.4V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption Test Conditions VIN 6.4V 6.4V 6.4V 3/4 6.4V 3/4 3/4 6.4V Conditions IOUT=10mA 3/4 1mAIOUT50mA IOUT=1mA, DVOUT=2% No load 5.4VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CDV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load. Ta=25C Test Conditions VIN 7.0V 7.0V 7.0V 3/4 7.0V 3/4 3/4 7.0V Conditions IOUT=10mA 3/4 1mAIOUT70mA IOUT=1mA, DVOUT=2% No load 6.0VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CHT7550-1, +5.0V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption
DV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load.
Rev. 1.80
7
March 25, 2010
HT75XX-1
HT7560-1, +6.0V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption Test Conditions VIN 8.0V 8.0V 8.0V 3/4 8.0V 3/4 3/4 8.0V Conditions IOUT=10mA 3/4 1mAIOUT70mA IOUT=1mA, DVOUT=2% No load 7.0VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CDV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load. Ta=25C Test Conditions VIN 9.0V 9.0V 9.0V 3/4 9.0V 3/4 3/4 9.0V Conditions IOUT=10mA 3/4 1mAIOUT70mA IOUT=1mA, DVOUT=2% No load 8.0VVIN24V =1mA 3/4 IOUT=10mA 0CHT7570-1, +7.0V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption
DV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load.
Rev. 1.80
8
March 25, 2010
HT75XX-1
HT7580-1, +8.0V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption Test Conditions VIN 10V 10V 10V 3/4 10V 3/4 3/4 10V Conditions IOUT=10mA 3/4 1mAIOUT70mA IOUT=1mA, DVOUT=2% No load 9.0VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CDV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load. Ta=25C Test Conditions VIN 11V 11V 11V 3/4 11V 3/4 3/4 11V Conditions IOUT=10mA 3/4 1mAIOUT70mA IOUT=1mA, DVOUT=2% No load 10VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CHT7590-1, +9.0V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption
DV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load.
Rev. 1.80
9
March 25, 2010
HT75XX-1
HT75A0-1, +10.0V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption Test Conditions VIN 12V 12V 12V 3/4 12V 3/4 3/4 12V Conditions IOUT=10mA 3/4 1mAIOUT70mA IOUT=1mA, DVOUT=2% No load 11VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CDV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load. Ta=25C Test Conditions VIN 14V 14V 14V 3/4 14V 3/4 3/4 14V Conditions IOUT=10mA 3/4 1mAIOUT70mA IOUT=1mA, DVOUT=2% No load 13VVIN24V IOUT=1mA 3/4 IOUT=10mA 0CHT75C0-1, +12.0V Output Type Symbol VOUT IOUT DVOUT VDIF ISS Parameter Output Voltage Output Current Load Regulation Voltage Drop (Note) Current Consumption
DV DV
VIN
IN
OUT
V
UT a
OUT
Line Regulation Input Voltage Temperature Coefficient
DVO DT
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT+2V with a fixed load.
Rev. 1.80
10
March 25, 2010
HT75XX-1
Application Circuits
Basic Circuit
V
IN
V
C1 10mF
IN
H T 7 5 X X -1 S e r ie s
V GND
OUT
V C2 10mF
OUT
C om m on
S in g le p o in t G N D
C om m on
High Output Current Positive Voltage Regulator
T r1 V V R1 C1 10mF
IN
IN
H T 7 5 X X -1 S e r ie s
V GND
OUT
V
OUT
C2 10mF
C om m on
S in g le p o in t G N D
C om m on
Short-Circuit Protection for Tr1
V
IN
Rs
T r1
V R1 C1 10mF
IN
H T 7 5 X X -1 S e r ie s
V GND
OUT
V
OUT
C2 10mF
C om m on
S in g le p o in t G N D
C om m on
Rev. 1.80
11
March 25, 2010
HT75XX-1
Circuit for Increasing Output Voltage
V
IN
V C1 10mF
IN
H T 7 5 X X -1 S e r ie s
GND IS
S
V
OUT
V C2 10mF V
OUT
XX
R1
R2
C om m on
S in g le p o in t G N D
C om m on
VOUT = VXX ( 1 + Circuit for Increasing Output Voltage
V
IN
R2 ) + ISS R2 R1
V C1 10mF
IN
H T 7 5 X X -1 S e r ie s
GND
V
OUT
V C2 V 10mF
OUT
XX
IS
S
R1
D1 C om m on S in g le p o in t G N D C om m on
VOUT = VXX + VD1 Constant Current Regulator
V
IN
V C1 10mF
IN
H T 7 5 X X -1 S e r ie s
GND IS
S
V
OUT
C2 10mFV
XX
R
A
IO
UT
R
L
C om m on
IOUT = Dual Supply
VXX + ISS RA
IC 1 V
IN
V
IN
H T 7 5 X X -1 S e r ie s
GND
V
OUT
V C3 10mF
OUT
IC 2 V C1 10mF C om m on
IN
H T 7 5 X X -1 S e r ie s
V GND
OUT
V C2 10mF R1
OUT
C om m on
Rev. 1.80
12
March 25, 2010
HT75XX-1
Package Information
3-pin TO92 Outline Dimensions
A
B
D C
E F G H
Symbol A B C D E F G H a Symbol A B C D E F G H a
Dimensions in inch Min. 0.170 0.170 0.500 0.011 0.090 0.045 0.045 0.130 0 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Dimensions in mm Min. 4.32 4.32 12.70 0.28 2.29 1.14 1.14 3.30 0 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Max. 5.08 5.08 3/4 0.51 2.79 1.40 1.65 4.06 10 Max. 0.200 0.200 3/4 0.020 0.110 0.055 0.065 0.160 10
Rev. 1.80
13
March 25, 2010
HT75XX-1
3-pin SOT89 Outline Dimensions
A B
I J
E
C
D
G F H
Symbol A B C D E F G H I J Symbol A B C D E F G H I J
Dimensions in inch Min. 0.173 0.059 0.090 0.035 0.155 0.014 0.017 3/4 55 14 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 3/4 0.059 3/4 3/4 Dimensions in mm Min. 4.39 1.50 2.29 0.89 3.94 0.36 0.43 3/4 1.40 0.36 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 3/4 1.50 3/4 3/4 Max. 4.60 1.83 2.59 1.19 4.24 0.48 0.56 3/4 1.60 0.43 Max. 0.181 0.072 0.102 0.047 0.167 0.019 0.022 3/4 63 17
Rev. 1.80
14
March 25, 2010
HT75XX-1
5-pin SOT23-5 Outline Dimensions
D
C
L
E
H
e
A2 b A1
A
Symbol A A1 A2 b C D E e H L q Symbol A A1 A2 b C D E e H L q
Dimensions in inch Min. 0.039 3/4 0.028 0.014 0.004 0.106 0.055 3/4 0.102 0.015 0 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 3/4 0.075 3/4 3/4 3/4 Dimensions in mm Min. 1.00 3/4 0.70 0.35 0.10 2.70 1.40 3/4 2.60 0.37 0 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 3/4 1.90 3/4 3/4 3/4 Max. 1.30 0.10 0.90 0.50 0.25 3.10 1.80 3/4 3.0 3/4 9 Max. 0.051 0.004 0.035 0.020 0.010 0.122 0.071 3/4 0.118 3/4 9
Rev. 1.80
15
q
March 25, 2010
HT75XX-1
Product Tape and Reel Specifications
TO92 Reel Dimensions (Unit: mm)
P ackage U p, 30
F la t S id e U p
P ackage U p,
F la t S id e D o w n
58 88 360
43
Rev. 1.80
16
March 25, 2010
HT75XX-1
Reel Dimensions
T2 D
A
B
C
T1
SOT89 Symbol A B C D T1 T2 SOT23-5 Symbol A B C D T1 T2 Description Reel Outer Diameter Reel Inner Diameter Spindle Hole Diameter Key Slit Width Space Between Flange Reel Thickness Dimensions in mm 178.01.0 62.01.0 13.00.2 2.500.25 8.4 11.4
+1.5/-0.0 +1.5/-0.0
Description Reel Outer Diameter Reel Inner Diameter Spindle Hole Diameter Key Slit Width Space Between Flange Reel Thickness
Dimensions in mm 180.01.0 62.01.5 12.75
+0.15/-0.00
1.900.15 12.4 17.0
+0.2/-0.0 +0.0/-0.4
Rev. 1.80
17
March 25, 2010
HT75XX-1
Carrier Tape Dimensions
P Dh
H1 H H0 l1
W2 W0 t W1 W
F1 P2 P0
F2 D0
TO92 Symbol I1 P P0 P2 F1 F2 Dh W W0 W1 W2 H0 H1 D0 t H Note: Description Taped Lead Length Component Pitch Perforation Pitch Component to Perforation (Length Direction) Lead Spread Lead Spread Component Alignment Carrier Tape Width Hold-down Tape Width Perforation Position Hold-down Tape Position Lead Clinch Height Component Height Perforation Diameter Taped Lead Thickness Component Base Height Dimensions in mm (2.5) 12.71.0 12.70.3 6.350.40 2.5 2.5
+0.4/-0.1 +0.4/-0.1
0.00.1 18.0
+1.0/-0.5
6.00.5 9.00.5 (0.5) 16.00.5 Less than 24.7 4.00.2 0.70.2 19.00.5
Thickness less than 0.380.05mm~0.5mm P0 Accumulated pitch tolerance: 1mm/20pitches. ( ) Bracketed figures are for consultation only
Rev. 1.80
18
March 25, 2010
HT75XX-1
Carrier Tape Dimensions
D
E F W C
P0
P1
t
B0
D1
P A0
K0
R e e l H o le IC M a r k in g
SOT89 Symbol W P E F D D1 P0 P1 A0 B0 K0 t C SOT23-5 Symbol W P E F D D1 P0 P1 A0 B0 K0 t C Description Carrier Tape Width Cavity Pitch Perforation Position Cavity to Perforation (Width Direction) Perforation Diameter Cavity Hole Diameter Perforation Pitch Cavity to Perforation (Length Direction) Cavity Length Cavity Width Cavity Depth Carrier Tape Thickness Cover Tape Width Dimensions in mm 8.00.3 4.00.1 1.750.10 3.500.05 1.5 1.5
+0.1/-0.0 +0.1/-0.0
Description Carrier Tape Width Cavity Pitch Perforation Position Cavity to Perforation (Width Direction) Perforation Diameter Cavity Hole Diameter Perforation Pitch Cavity to Perforation (Length Direction) Cavity Length Cavity Width Cavity Depth Carrier Tape Thickness Cover Tape Width
Dimensions in mm 12.0
+0.3/-0.1
8.00.1 1.750.10 5.500.05 1.5 1.5
+0.1/-0.0 +0.1/-0.0
4.00.1 2.00.1 4.80.1 4.50.1 1.80.1 0.3000.013 9.30.1
4.00.1 2.000.05 3.150.10 3.20.1 1.40.1 0.200.03 5.30.1
Rev. 1.80
19
March 25, 2010
HT75XX-1
Holtek Semiconductor Inc. (Headquarters) No.3, Creation Rd. II, Science Park, Hsinchu, Taiwan Tel: 886-3-563-1999 Fax: 886-3-563-1189 http://www.holtek.com.tw Holtek Semiconductor Inc. (Taipei Sales Office) 4F-2, No. 3-2, YuanQu St., Nankang Software Park, Taipei 115, Taiwan Tel: 886-2-2655-7070 Fax: 886-2-2655-7373 Fax: 886-2-2655-7383 (International sales hotline) Holtek Semiconductor Inc. (Shenzhen Sales Office) 5F, Unit A, Productivity Building, No.5 Gaoxin M 2nd Road, Nanshan District, Shenzhen, China 518057 Tel: 86-755-8616-9908, 86-755-8616-9308 Fax: 86-755-8616-9722 Holtek Semiconductor (USA), Inc. (North America Sales Office) 46729 Fremont Blvd., Fremont, CA 94538, USA Tel: 1-510-252-9880 Fax: 1-510-252-9885 http://www.holtek.com
Copyright O 2010 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holteks products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw.
Rev. 1.80
20
March 25, 2010


▲Up To Search▲   

 
Price & Availability of HT7525-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X