|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
REF : 20090825-B PROD. NAME SPECIFICATION FOR APPROVAL ABC'S DWG No. ABC'S ITEM No. HP06012- PAGE: 1 SHIELDED SMD POWER INDUCTOR MECHANICAL DIMENSIONS A : 7.20 0.3 m/m m/m m/m m/m m/m m/m m/m m/m R10 B : 6.50 0.2 C : 3.00 0.3 D : 1.80 max. E E : 1.70 0.5 F : 3.40 typ. G : 3.70 H : 7.40 F typ. typ. C B D Marking ( White ) Inductance code A G H ( PCB Pattern ) SCHEMATIC DIAGRAM 1 2 a b c MATERIALS LIST aCoreIron powder bWireEnamelled copper wire cCilpCu / Ni /Sn dRemarkProducts comply with RoHS' requirements Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max. Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area +2.0 ~ 4.0 / sec max. Forced Cooling Area -(1.0 ~ 5.0) / sec max. Peak Temperature: 260 GENERAL SPECIFICATION aStorage temp.-55 ~ +125 bOperating temp .-55 ~ +125 ( Temp. rise included ) cResistance to solder heat260. 10 secs. Temperature ( ) 250 50sec max. 230 200 150 70sec max. 100 50 0 50 100 150 Time ( seconds ) 200 250 AR-001A SPECIFICATION FOR APPROVAL REF : 20090825-B PROD. NAME PAGE: 2 ABC'S DWG No. ABC'S ITEM No. HP06012- SHIELDED SMD POWER INDUCTOR ELECTRICAL CHARACTERISTICS DWG No. HP0601R10M2- HP0601R15M2- HP0601R22M2- HP0601R33M2- HP0601R47M2- HP0601R68M2- HP0601R82M2- HP06011R0M2- HP06011R5M2- HP06012R2M2- HP06012R7M2- HP06013R3M2- HP06014R7M2- Inductance L ( H ) 0.10 20 0.15 20 0.22 20 0.33 20 0.47 20 0.68 20 0.82 20 1.00 20 1.50 20 2.20 20 2.70 20 3.30 20 4.70 20 Isat typ. (A) 40.0 38.0 26.0 18.0 18.0 17.0 17.0 14.0 11.0 13.0 10.0 10.0 8.0 BTaping Reel Irms typ. (A) 18.0 15.0 14.0 12.0 11.0 9.0 8.0 7.0 4.0 3.7 3.5 3.2 3.0 RDC ( m ) max. 3.5 5.5 6.0 7.0 9.5 14.0 16.0 18.5 34.0 46.0 52.5 60.5 78.0 typ. 3.0 5.0 5.5 6.5 8.5 13.0 14.0 17.5 33.0 40.5 50.0 56.5 77.0 1). Packaging information ... ABulk 2). "- ":Reference code 3). Measured frequency of inductance is 100 KHz / 0.25V 4). Isat base on inductance drop 20% typ. of L value at 20 5). Irms base on temp. rise 40 typ. AR-001A SPECIFICATION FOR APPROVAL REF : 20090825-B PROD. NAME PAGE: 3 ABC'S DWG No. ABC'S ITEM No. HP06012- SHIELDED SMD POWER INDUCTOR PACKAGING INFORMATION ( 1 ) Configuration T Cover Tape 2.00.5 A N C C B G D Embossed carrier Carrier tape width : D P:12 m/m End 4 m/m Start R10 R10 R10 R10 Leader no component 200 m/m min. Components User direction of feed Trailer no component 400 m/m min. ( 2 ) Dimensions Style 13 - 16 A 330 B 210.8 C 130.5 D 16 G 18 +0 N 50 -0 Unit:m/m T 22.4 ( 3 ) Q'TY & G.W. Per package Inner : Reel Series Q'TY (pcs) G.W. (gw) Style Q'TY (pcs) G.W. (Kg) Size (cm) Outer : Carton HP0601 2,400 1,200 13 - 16 14,400 8.00 40 x 40 x 24 AR-001A SPECIFICATION FOR APPROVAL REF : 20090825-B PROD. NAME PAGE: 4 ABC'S DWG No. ABC'S ITEM No. HP06012- SHIELDED SMD POWER INDUCTOR DWGING NUMBER EXPRESSION H P 0 6 0 1 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements Appendix code 2Package Information Code A B Inner package T.B.D. T / R ( Reel package ) Inner package Q'TY T.B.D 2400 pcs Remark AR-001A SPECIFICATION FOR APPROVAL REF : 20090825-B PROD. NAME PAGE: 5 ABC'S DWG No. ABC'S ITEM No. HP06012- SHIELDED SMD POWER INDUCTOR RELIABILITY TEST Test item Specification More than 95% of the terminal electrode Shall be covered With fresh solder. Test condition Preconditioning: 150/16Hrs30min Dry Bake Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. :2455 Flux : Rosin Dip time: 50.5sec Solderability Thermal shock test ( Temp. cycle ) Electrical oharacteristics shall not change more than 20% Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles -55 30 minutes +125 30 minutes Humidity Test Temperature : 402 Humidity : 905% Time : 1000 hours High temp. Resistance test Temperature : 1255 Applied current : Per spec. Time : 96 hours AR-001A SPECIFICATION FOR APPROVAL REF : 20090825-B PROD. NAME PAGE: 6 ABC'S DWG No. ABC'S ITEM No. HP06012- SHIELDED SMD POWER INDUCTOR UL CARD OBMW2 Magnet Wire-Component September 8, 2000 E174837 JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN Mtl Dsg AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002 Mark Dsg ____ ____ ____ ____ ____ BC Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane Coat Typ ____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____ OC ANSI Type MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79 Temp Class 220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ Page 1 of 2 A not-for-profit organization dedicated to public safety and committed to quality service Mtl Dsg SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2 Mark Dsg ____ ____ ____ ____ ____ ____ BC Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Coat Typ OC Polyamide ____ ____ ____ Nylon Polyamide ANSI Type MW80C MW2-C ___ MW75C MW28-C MW28-C Temp Class 155 105 130 130 130 130 @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Compon ent Mark. or , material designation or marked designation on packaed or reel, and See General Information Preceding These Recogn itions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. 287806002 Page 2 of 2 OBMW2E174837 September 8 , 2000 AR-001A |
Price & Availability of HP06011R0M2 |