Part Number Hot Search : 
01E104 14D431K 13009 LCFS1055 90130 HI1276Y TA8061 FN4575
Product Description
Full Text Search
 

To Download HFR-PCS3042SLF-50R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fixed Surface Mount Microwave Line Terminators
PCS-S Series
* * * * RoHS Compliant Up to 10GHz Operation VSWR <1.2 @ 3GHz (50) 0603, 0805, 1206 and 1612 chip sizes
The PCS-S series fixed surface mount microwave terminators are designed with a terminal configuration that permits a reduced land pattern. This series exhibits excellent high frequency characteristics, and utilizes thin film technology to provide stable characteristics over temperature and time. Typical applications include RF test equipment and loads in base stations. The thin film construction with wrap-around terminations insure long term operational stability.
Electrical Data
PCS0816S Frequency Range DC to 10GHz 1.2 1.2 1.3 1.3 PCS1220S DC to 10GHz 1.2 1.3 1.3 1.4 PCS1632S DC to 6GHz 1.2 1.3 1.4 -PCS3042S DC to 3GHz 1.2 1.4 ---
DC to 2GHz
VSWR
2.1 to 3GHz 3.1 to 6GHz 6.1 to 10GHz
Impedance Power Rating (70C) Absolute TCR Operating Temperature Range Termination 63mW 100mW
50
125mW 50ppm/C -40C to +125C Matte Tin Finish 100% Sn 250mW
Environmental Data
Test Condition Short TimeOverload Load Life Moisture Resistance Temperature Cycle Resistance to Soldering Heat Insulation Resistance
General Note
Maximum 0.2% +0.05 0.2% +0.05 0.2% +0.05 0.2% +0.05 0.2% +0.05 >1,000M
2.5 x Rated Voltage, 5 seconds 1000 Hours, 70C 1000 Hours, 40C, 95% RH 5 Cycles, +125C high, -55C Low 260C, 10 sec. 500V, 1 minute
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc PCS-S Series Issue January 2009 Sheet 1 of 2
Fixed Surface Mount Microwave Line Terminators
Physical Data
TOP VIEW
Dimensions (mm) Model L W a
BOTTOM VIEW
b
t
PCS0816SLF
1.60 0.15
0.80 0.15
0.40 0.15
0.20 0.15
0.40 0.15
PCS1220SLF
2.00 0.15
1.25 0.15
0.40 0.15
0.30 0.15
0.40 0.15
PCS1632SLF
3.20 0.20
1.60 0.20
0.60 0.20
0.30 0.15
0.40 0.15
PCS3042SLF
4.20 0.20
3.00 0.20
0.80 0.20
0.40 0.15
0.40 0.15
Ordering Data
Prefix Model HFR PCS3042SLF 50R0
PCS0816SLF = 0603 size chip with 100% Sn terminations PCS1220SLF = 0805 size chip with 100% Sn terminations PCS1632SLF = 1206 size chip with 100% Sn terminations PCS3042SLF = 1216 size chip with 100% Sn terminations
Impedance
50R0 = 50
(c) IRC Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
PCS-S Series Issue January 2009 Sheet 2 of 2


▲Up To Search▲   

 
Price & Availability of HFR-PCS3042SLF-50R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X